Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C44GFWA Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320C44GFWA
Description  DIGITAL SIGNAL PROCESSOR
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C44GFWA Datasheet(HTML) 2 Page - Texas Instruments

  TMS320C44GFWA Datasheet HTML 1Page - Texas Instruments TMS320C44GFWA Datasheet HTML 2Page - Texas Instruments TMS320C44GFWA Datasheet HTML 3Page - Texas Instruments TMS320C44GFWA Datasheet HTML 4Page - Texas Instruments TMS320C44GFWA Datasheet HTML 5Page - Texas Instruments TMS320C44GFWA Datasheet HTML 6Page - Texas Instruments TMS320C44GFWA Datasheet HTML 7Page - Texas Instruments TMS320C44GFWA Datasheet HTML 8Page - Texas Instruments TMS320C44GFWA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
TMS320C44
DIGITAL SIGNAL PROCESSOR
SPRS031C − AUGUST 1994 − REVISED MARCH 2004
2
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
operation
The C44 has four on-chip communication ports for processor-to-processor communication with no external
hardware and simple communication software. This allows connectivity with no external-glue logic. The
communication ports remove input/output bottlenecks, and the independent smart 6-channel DMA
coprocessor is able to handle the CPU input/output burden.
To fit the C40 into a 304-pin PQFP package (thermally enhanced plastic quad flatpack), two communication
ports are removed and the external local and global address buses are reduced to 24 address lines each. In
this case, both the bond pads and driver circuits are removed, decreasing die size and power consumption.
Otherwise, functionality remains the same as the rest of the C4x family.
The communication-port token and data-strobe control lines are internally connected to avoid spurious data,
boot-up, and power consumption problems.
functions
This section lists signal descriptions for the C44 device: each signal, number of pins, operating mode(s) (that
is, input, output, or high-impedance state as indicated by I, O, or Z, respectively), and function. The signals are
grouped according to function.
Pin Functions
SIGNAL NAME
NO. OF
PINS
TYPE
DESCRIPTION
GLOBAL-BUS EXTERNAL INTERFACE (73 pins)
D31−D0
32
I/O/Z
32-bit data port of the global-bus external interface
DE
1
I
Data-bus-enable signal for the global-bus external interface
A23 −A0
24
O/Z
24-bit address port of the global-bus external interface
AE
1
I
Address-bus-enable signal for the global-bus external interface
STAT3 −STAT0
4
O
Status signals for the global-bus external interface
LOCK
1
O
Lock signal for the global-bus external interface
STRB0
1
O/Z
Access strobe 0 for the global-bus external interface
R/ W0
1
O/Z
Read/ write signal for STRB0 accesses
PAGE0
1
O/Z
Page signal for STRB0 accesses
RDY0
1
I
Ready signal for STRB0 accesses
CE0
1
I
Control enable for the STRB0, PAGE0, and R/ W0 signals
STRB1
1
O/Z
Access strobe 1 for the global-bus external interface
R/ W1
1
O/Z
Read/ write signal for STRB1 accesses
PAGE1
1
O/Z
Page signal for STRB1 accesses
RDY1
1
I
Ready signal for STRB1 accesses
CE1
1
I
Control enable for the STRB1, PAGE1, and R/ W1 signals
LOCAL-BUS EXTERNAL INTERFACE (73 pins)
LD31−LD0
32
I/O/Z
32-bit data port of the local-bus external interface
LDE
1
I
Data-bus-enable signal for the local-bus external interface
LA23 −LA0
24
O/Z
24-bit address port of the local-bus external interface
LAE
1
I
Address-bus-enable signal for the local-bus external interface
LSTAT3 −LSTAT0
4
O
Status signals for the local-bus external interface
LLOCK
1
O
Lock signal for the local-bus external interface
I = input, O = output, Z = high impedance
The effective address range is defined by the local/global STRB ACTIVE bits in the memory interface-control registers.


Similar Part No. - TMS320C44GFWA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C44 TI-TMS320C44 Datasheet
629Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C44GFWA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com