Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C44GFW60 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS320C44GFW60
Description  DIGITAL SIGNAL PROCESSOR
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C44GFW60 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS320C44GFW60 Datasheet HTML 6Page - Texas Instruments TMS320C44GFW60 Datasheet HTML 7Page - Texas Instruments TMS320C44GFW60 Datasheet HTML 8Page - Texas Instruments TMS320C44GFW60 Datasheet HTML 9Page - Texas Instruments TMS320C44GFW60 Datasheet HTML 10Page - Texas Instruments TMS320C44GFW60 Datasheet HTML 11Page - Texas Instruments TMS320C44GFW60 Datasheet HTML 12Page - Texas Instruments TMS320C44GFW60 Datasheet HTML 13Page - Texas Instruments TMS320C44GFW60 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
TMS320C44
DIGITAL SIGNAL PROCESSOR
SPRS031C − AUGUST 1994 − REVISED MARCH 2004
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
V
AE
A
1
AF
26
Y
H
J
N
P
R
T
U
W
L
11
T
16
N
P
R
M
B
C
D
E
F
G
K
L
M
AB
AC
AD
AA
388-PIN GFW BALL GRID ARRAY
(BOTTOM VIEW)
NOTES: A. N/C = No connection to this frame pin
B. Numbers around the detail in this figure are ball pin numbers.
C. VSS ground potential ring is connected to the BGA ball pins as listed:
A1, A2, A26, B2, B25, B26, C3, C24, D4, D9, D14, D19, D23, H4, J23, L11−L16, M11−M16, N4, P23, V4, W23, AC4, AC8, AC13,
AC18, AC23, AD3, AD24, AE1, AE2, AE25, AF1, AF25, AF26. (The following VSS pins are also thermal connections)
L11 − L16, T11 − T16, M11 − M16, N11 − N16, P11 − P16, R11 − R16.
D. VDD power potential ring is connected to the BGA ball pins as listed:
D6, D11, D16, D21, F4, F23, L4, L23, T4, T23, AA4, AA23, AC6, AC11, AC16, AC21.
GFW Package Pin Assignments Numerical Listing by Ball Pin Number
PIN
PIN
PIN
PIN
NO.
NAME
NO.
NAME
NO.
NAME
NO.
NAME
A1
VSS
B17
LD13
D7
N/C
G25
N/C
A2
VSS
B18
N/C
D8
A15
G26
N/C
A3
N/C
B19
LD16
D9
VSS
H1
N/C
A4
A7
B20
LD19
D10
A21
H2
D22
A5
N/C
B21
N/C
D11
VDD
H3
D21
A6
N/C
B22
LD25
D12
N/C
H4
VSS
A7
A14
B23
LD27
D13
N/C
H23
LA11
A8
A18
B24
LD29
D14
VSS
H24
LA10
A9
N/C
B25
VSS
D15
LD6
H25
LA13
A10
A22
B26
VSS
D16
VDD
H26
LA12
A11
N/C
C1
A1
D17
N/C
J1
D19
A12
LD1
C2
A2
D18
N/C
J2
D20
A13
N/C
C3
VSS
D19
VSS
J3
D17
A14
N/C
C4
A4
D20
N/C
J4
N/C
A15
LD9
C5
A6
D21
VDD
J23
VSS
Thermal connection


Similar Part No. - TMS320C44GFW60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C44 TI-TMS320C44 Datasheet
629Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Similar Description - TMS320C44GFW60

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com