Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS27PC512-2NL Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS27PC512-2NL
Description  SMLS512G ??NOVEMBER 1985 ??REVISED SEPTEMBER 1997
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27PC512-2NL Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS27PC512-2NL Datasheet HTML 4Page - Texas Instruments TMS27PC512-2NL Datasheet HTML 5Page - Texas Instruments TMS27PC512-2NL Datasheet HTML 6Page - Texas Instruments TMS27PC512-2NL Datasheet HTML 7Page - Texas Instruments TMS27PC512-2NL Datasheet HTML 8Page - Texas Instruments TMS27PC512-2NL Datasheet HTML 9Page - Texas Instruments TMS27PC512-2NL Datasheet HTML 10Page - Texas Instruments TMS27PC512-2NL Datasheet HTML 11Page - Texas Instruments TMS27PC512-2NL Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TMS27C512 65536 BY 8BIT UV ERASABLE
TMS27PC512 65536 BY 8BIT
PROGRAMMABLE READONLY MEMORIES
SMLS512G − NOVEMBER 1985 − REVISED SEPTEMBER 1997
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended ranges of operating conditions
PARAMETER
TEST CONDITIONS
(SEE NOTES 3 AND 4)
’27C512-10
’27PC512-10
’27C512-12
’27PC512-12
UNIT
PARAMETER
(SEE NOTES 3 AND 4)
MIN
MAX
MIN
MAX
UNIT
ta(A)
Access time from address
100
120
ns
ta(E)
Access time from chip enable
CL = 100 pF,
100
120
ns
ten(G)
Output enable time from G /VPP
CL = 100 pF,
1 Series 74 TTL Load,
55
55
ns
tdis
Output disable time from G /VPP or E, whichever occurs first†
1 Series 74 TTL Load,
Input tr ≤ 20 ns,
Input tf ≤ 20 ns
0
45
0
45
ns
tv(A)
Output data valid time after change of address, E, or G /VPP,
whichever occurs first†
r
Input tf ≤ 20 ns
0
0
ns
PARAMETER
TEST CONDITIONS
(SEE NOTES 3 AND 4)
’27C512-15
’27PC512-15
UNIT
PARAMETER
(SEE NOTES 3 AND 4)
MIN
MAX
UNIT
ta(A)
Access time from address
150
ns
ta(E)
Access time from chip enable
CL = 100 pF,
150
ns
ten(G)
Output enable time from G /VPP
CL = 100 pF,
1 Series 74 TTL Load,
75
ns
tdis
Output disable time from G /VPP or E, whichever occurs first†
1 Series 74 TTL Load,
Input tr ≤ 20 ns,
Input tf ≤ 20 ns
0
60
ns
tv(A)
Output data valid time after change of address, E, or G /VPP, whichever
occurs first†
r
Input tf ≤ 20 ns
0
ns
PARAMETER
TEST CONDITIONS
(SEE NOTES 3 AND 4)
’27C512-20
’27PC512-20
’27C512-25
’27PC512-25
UNIT
PARAMETER
(SEE NOTES 3 AND 4)
MIN
MAX
MIN
MAX
UNIT
ta(A)
Access time from address
200
250
ns
ta(E)
Access time from chip enable
CL = 100 pF,
200
250
ns
ten(G)
Output enable time from G /VPP
CL = 100 pF,
1 Series 74 TTL Load,
75
100
ns
tdis
Output disable time from G /VPP or E, whichever occurs first†
1 Series 74 TTL Load,
Input tr ≤ 20 ns,
Input tf ≤ 20 ns
0
60
0
60
ns
tv(A)
Output data valid time after change of address, E, or G /VPP,
whichever occurs first†
r
Input tf ≤ 20 ns
0
0
ns
† Value calculated from 0.5 V delta to measured output level. This parameter is only sampled.
NOTES:
3. For all switching characteristics, the input pulse levels are 0.4 V to 2.4 V. Timing measurements are made at 2 V for logic high and
0.8 V for logic low (see Figure 2).
4. Common test conditions apply for tdis except during programming.
switching characteristics for programming: VCC = 6.50 V and G/VPP = 13 V (SNAP! Pulse),
TA = 25°C (see Note 3)
PARAMETER
MIN
MAX
UNIT
tdis(G)
Disable time, output from G /VPP
0
130
ns
NOTE 3: For all switching characteristics, the input pulse levels are 0.4 V to 2.4 V. Timing measurements are made at 2 V for logic high and
0.8 V for logic low.


Similar Part No. - TMS27PC512-2NL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC512-2NL TI-TMS27PC512-2NL Datasheet
184Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27PC512-2NL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC512-20NE TI-TMS27PC512-20NE Datasheet
198Kb / 13P
[Old version datasheet]   SMLS512G ??NOVEMBER 1985 ??REVISED SEPTEMBER 1997
logo
Murata Manufacturing Co...
SF2234E-1 MURATA-SF2234E-1 Datasheet
489Kb / 4P
   1985 MHz SAW Filter
logo
TE Connectivity Ltd
C-2134611 TEC-C-2134611 Datasheet
191Kb / 4P
   REVISED
logo
Projects Unlimited, Inc...
APS2709S-T-R PUI-APS2709S-T-R Datasheet
187Kb / 1P
   REVISED DIMENSIONS
AOW-4542P-B-R PUI-AOW-4542P-B-R Datasheet
172Kb / 1P
   REVISED IP RATING
AT-1224-TWT-4-R PUI-AT-1224-TWT-4-R Datasheet
189Kb / 1P
   REVISED BODY DIMENSION
logo
E-SWITCH
K200242 E-SWITCH-K200242 Datasheet
40Kb / 1P
   REVISED AND REDRAWN
logo
Projects Unlimited, Inc...
AI-2604-TF-LW115-24V-R PUI-AI-2604-TF-LW115-24V-R Datasheet
203Kb / 1P
   REVISED RESONANT FREQUENCY
AT-1224-TWT-12V-R PUI-AT-1224-TWT-12V-R Datasheet
188Kb / 1P
   REVISED BODY DIMENSION
AT-1803-T-LW50-R PUI-AT-1803-T-LW50-R Datasheet
255Kb / 1P
   REVISED RESONANT FREQUENCY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com