Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS27C512-17JL Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS27C512-17JL
Description  SMLS512G ??NOVEMBER 1985 ??REVISED SEPTEMBER 1997
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C512-17JL Datasheet(HTML) 4 Page - Texas Instruments

  TMS27C512-17JL Datasheet HTML 1Page - Texas Instruments TMS27C512-17JL Datasheet HTML 2Page - Texas Instruments TMS27C512-17JL Datasheet HTML 3Page - Texas Instruments TMS27C512-17JL Datasheet HTML 4Page - Texas Instruments TMS27C512-17JL Datasheet HTML 5Page - Texas Instruments TMS27C512-17JL Datasheet HTML 6Page - Texas Instruments TMS27C512-17JL Datasheet HTML 7Page - Texas Instruments TMS27C512-17JL Datasheet HTML 8Page - Texas Instruments TMS27C512-17JL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TMS27C512 65536 BY 8BIT UV ERASABLE
TMS27PC512 65536 BY 8BIT
PROGRAMMABLE READONLY MEMORIES
SMLS512G − NOVEMBER 1985 − REVISED SEPTEMBER 1997
4
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
initializing (TMS27PC512)
The one-time programmable TMS27PC512 PROM is provided with all bits in the logic high state, then logic lows
are programmed into the desired locations. Logic lows programmed into a PROM cannot be erased.
SNAP! Pulse programming
The 512K EPROM and OTP PROM are programmed using the TI SNAP! Pulse programming algorithm
illustrated by the flowchart in Figure 1, which programs in a nominal time of seven seconds. Actual programming
time varies as a function of the programmer used.
The SNAP! Pulse programming algorithm uses initial pulses of 100 microseconds (
µs) followed by a byte
verification to determine when the addressed byte has been successfully programmed. Up to 10 (ten) 100-
µs
pulses per byte are provided before a failure is recognized.
The programming mode is achieved with G/VPP = 13 V, VCC = 6.5 V, and E =VIL. Data is presented in parallel
(eight bits) on pins DQ0 to DQ7. Once addresses and data are stable, E is pulsed.
More than one device can be programmed when the devices are connected in parallel. Locations can be
programmed in any order. When the SNAP! Pulse programming routine is complete, all bits are verified with
VCC = 5 V, G/VPP = VIL, and E = VIL.
program inhibit
Programming can be inhibited by maintaining a high level input on the E pin.
program verify
Programmed bits can be verified when G /VPP and E = VIL.
signature mode
The signature mode provides access to a binary code identifying the manufacturer and type. This mode is
activated when A9 is forced to 12 V. Two identifier bytes are accessed by toggling A0. All other addresses must
be held low. the signature code for these devices is 9785. A0 selects the manufacturer’s code 97 (Hex), and
A0 high selects the device code 85, as shown in Table 3.
Table 3. Signature Mode
IDENTIFIER†
PINS
IDENTIFIER†
A0
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
HEX
Manufacturer Code
VIL
1
0
0
1
0
1
1
1
97
Device Code
VIH
1
0
0
0
0
1
0
1
85
† E = G = VIL, A9 = VH, A1−A8 = VIL, A10−A15 = VIL, PGM = VIH or VIL.


Similar Part No. - TMS27C512-17JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C512-10JE TI-TMS27C512-10JE Datasheet
184Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512-10JL TI-TMS27C512-10JL Datasheet
184Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512-120JL TI-TMS27C512-120JL Datasheet
184Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512-12JE TI-TMS27C512-12JE Datasheet
184Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C512-12JL TI-TMS27C512-12JL Datasheet
184Kb / 13P
[Old version datasheet]   TMS27PC512 65536 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27C512-17JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC512-20NE TI-TMS27PC512-20NE Datasheet
198Kb / 13P
[Old version datasheet]   SMLS512G ??NOVEMBER 1985 ??REVISED SEPTEMBER 1997
logo
Murata Manufacturing Co...
SF2234E-1 MURATA-SF2234E-1 Datasheet
489Kb / 4P
   1985 MHz SAW Filter
logo
TE Connectivity Ltd
C-2134611 TEC-C-2134611 Datasheet
191Kb / 4P
   REVISED
logo
Projects Unlimited, Inc...
APS2709S-T-R PUI-APS2709S-T-R Datasheet
187Kb / 1P
   REVISED DIMENSIONS
AOW-4542P-B-R PUI-AOW-4542P-B-R Datasheet
172Kb / 1P
   REVISED IP RATING
AT-1224-TWT-4-R PUI-AT-1224-TWT-4-R Datasheet
189Kb / 1P
   REVISED BODY DIMENSION
logo
E-SWITCH
K200242 E-SWITCH-K200242 Datasheet
40Kb / 1P
   REVISED AND REDRAWN
logo
Projects Unlimited, Inc...
AI-2604-TF-LW115-24V-R PUI-AI-2604-TF-LW115-24V-R Datasheet
203Kb / 1P
   REVISED RESONANT FREQUENCY
AT-1224-TWT-12V-R PUI-AT-1224-TWT-12V-R Datasheet
188Kb / 1P
   REVISED BODY DIMENSION
AT-1803-T-LW50-R PUI-AT-1803-T-LW50-R Datasheet
255Kb / 1P
   REVISED RESONANT FREQUENCY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com