Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS27C240-10JL Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS27C240-10JL
Description  TMS27C240 262144 BY 16-BIT UV ERASABLE TM27PC240 262144 BY 16-BIT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27C240-10JL Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS27C240-10JL Datasheet HTML 7Page - Texas Instruments TMS27C240-10JL Datasheet HTML 8Page - Texas Instruments TMS27C240-10JL Datasheet HTML 9Page - Texas Instruments TMS27C240-10JL Datasheet HTML 10Page - Texas Instruments TMS27C240-10JL Datasheet HTML 11Page - Texas Instruments TMS27C240-10JL Datasheet HTML 12Page - Texas Instruments TMS27C240-10JL Datasheet HTML 13Page - Texas Instruments TMS27C240-10JL Datasheet HTML 14Page - Texas Instruments TMS27C240-10JL Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TMS27C240 262144 BY 16BIT UV ERASABLE
TMS27PC240 262144 BY 16BIT
PROGRAMMABLE READONLY MEMORIES
SMLS240D− NOVEMBER 1990 − REVISED SEPTEMBER 1997
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
Output
Under Test
CL = 100 pF
(see Note A)
RL = 800 Ω
2.08 V
2.4 V
0.40 V
2 V
0.8 V
2 V
0.8 V
NOTES: A. CL includes probe and fixture capacitance.
B. The ac testing inputs are driven at 2.4 V for logic high and 0.4 V for logic low. Timing
measurements are made at 2 V for logic high and 0.8 V for logic low for both inputs
and outputs.
Figure 2. The ac Testing Output Load Circuit and Waveform
Address Valid
A0 − A17
E
G
DQ0 − DQ15
Output
Valid
Hi-Z
Hi-Z
tv(A)
tdis
ten(G)
ta(A)
ta(E)
Figure 3. Read-Cycle Timing


Similar Part No. - TMS27C240-10JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C240-12JL TI1-TMS27C240-12JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
TMS27C240-15JL TI1-TMS27C240-15JL Datasheet
203Kb / 15P
[Old version datasheet]   16-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27C240-10JL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS29F400B TI-TMS29F400B Datasheet
670Kb / 51P
[Old version datasheet]   524288 BY 8-BIT/262144 BY 16-BIT FLASH MEMORIES
TMS55165 TI-TMS55165 Datasheet
1Mb / 70P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
TMS28F200BZT TI-TMS28F200BZT Datasheet
405Kb / 29P
[Old version datasheet]   262144 BY 8-BIT/131072 BY 16-BIT BOOT-BLOCK FLASH MEMORIES
logo
Mitsubishi Electric Sem...
M5M5V416BUG-70HI MITSUBISHI-M5M5V416BUG-70HI Datasheet
90Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5W416CWG-85HI MITSUBISHI-M5M5W416CWG-85HI Datasheet
162Kb / 10P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M54R16AJ-10 MITSUBISHI-M5M54R16AJ-10 Datasheet
63Kb / 7P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
M5M5V416BTP MITSUBISHI-M5M5V416BTP Datasheet
110Kb / 11P
   4194304-BIT (262144-WORD BY 16-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com