Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3106IRGZT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3106IRGZT
Description  LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3106IRGZT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV320AIC3106IRGZT Datasheet HTML 5Page - Texas Instruments TLV320AIC3106IRGZT Datasheet HTML 6Page - Texas Instruments TLV320AIC3106IRGZT Datasheet HTML 7Page - Texas Instruments TLV320AIC3106IRGZT Datasheet HTML 8Page - Texas Instruments TLV320AIC3106IRGZT Datasheet HTML 9Page - Texas Instruments TLV320AIC3106IRGZT Datasheet HTML 10Page - Texas Instruments TLV320AIC3106IRGZT Datasheet HTML 11Page - Texas Instruments TLV320AIC3106IRGZT Datasheet HTML 12Page - Texas Instruments TLV320AIC3106IRGZT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 103 page
background image
TLV320AIC3106
www.ti.com........................................................................................................................................ SLAS509E – DECEMBER 2006 – REVISED DECEMBER 2008
ELECTRICAL CHARACTERISTICS (continued)
At 25°C, AVDD_DAC, DRVDD, IOVDD = 3.3 V, DVDD = 1.8 V, fS = 48-kHz, 16-bit audio data (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
MICROPHONE BIAS
Programmable setting = 2.0
2.0
Bias voltage
Programmable setting = 2.5
2.3
2.5
2.7
V
Programmable setting = DRVDD
DRVDD
Current sourcing
Programmable setting = 2.5V
4
mA
AUDIO DAC – Differential Line output, load = 10 k
0-dB input full-scale signal, output volume control = 0 dB,
Full-scale output voltage
1.414
VRMS
output common-mode setting = 1.35 V
Signal-to-noise ratio,
No input signal, output volume control = 0 dB, output
SNR
90
102
dB
A-weighted(3)
common mode setting = 1.35 V, fS = 48 kHz
–60 dB 1-kHz input full-scale signal, output volume control =
Dynamic range, A-weighted
99
dB
0 dB, output common-mode setting = 1.35 V, fS = 48 kHz
0-dB 1-kHz input full-scale signal, output volume control = 0
THD
Total harmonic distortion
–94
–75
dB
dB, output common-mode setting = 1.35 V, fS = 48 kHz
217-Hz signal applied to DRVDD, AVDD_DAC
77
Power-supply rejection ratio
dB
1-kHz signal applied to DRVDD, AVDD_DAC
73
DAC channel separation
0-dB full-scale input signal between left and right Lineout
123
dB
0-dB 1-kHz input full-scale signal, output volume control = 0
DAC gain error
–0.4
dB
dB, output common-mode setting = 1.35 V, fS = 48 kHz
AUDIO DAC – SINGLE ENDED LINE OUTPUT, Load = 10 k
0-dB input full-scale signal, output volume control = 0 dB,
Full-scale output voltage
0.707
Vrms
output common-mode setting = 1.35 V
No input signal, output volume control = 0 dB, output
SNR
Signal-to-noise ratio, A-weighted
97
dB
common-mode setting = 1.35 V, fS = 48 kHz
0-dB 1-kHz input full-scale signal, output volume control = 0
THD
Total harmonic distortion
84
dB
dB, output common-mode setting = 1.35 V, fS = 48 kHz
0-dB 1-kHz input full-scale signal, output volume control = 0
DAC gain error
0.55
dB
dB, output common-mode setting = 1.35 V, fS = 48 kHz
AUDIO DAC – SINGLE ENDED HEADPHONE OUTPUT, Load = 16
0-dB input full-scale signal, output volume control = 0 dB,
Full-scale output voltage
0.707
Vrms
output common-mode setting = 1.35 V
No input signal, output volume control = 0 dB, output
95
dB
common-mode setting = 1.35 V, fS = 48 kHz
SNR
Signal-to-noise ratio, A-weighted
No input signal, output volume control = 0 dB, output
common-mode setting = 1.35 V, fS = 48 kHz, 50% DAC
96
dB
current boost mode
–60-dB 1-kHz input full-scale signal, output volume control =
Dynamic range, A-weighted
92
dB
0 dB, output common-mode setting = 1.35 V, fS = 48 kHz
0-dB 1-kHz input full-scale signal, output volume control = 0
THD
Total harmonic distortion
–80
–65
dB
dB, output common-mode setting = 1.35 V, fS = 48 kHz
217-Hz signal applied to DRVDD, AVDD_DAC
41
PSRR Power-supply rejection ratio
dB
1-kHz signal applied to DRVDD, AVDD_DAC
44
DAC channel separation
0-dB full-scale input signal between left and right Lineout
84
dB
0-dB 1-kHz input full-scale signal, output volume control = 0
DAC gain error
–0.5
dB
dB, output common-mode setting = 1.35 V, fS = 48 kHz
AUDIO DAC – LINEOUT AND HEADPHONE OUT DRIVERS
First option
1.35
Second option
1.5
Output common mode
V
Third option
1.65
Fourth option
1.8
Output volume control max
9
dB
setting
Output volume control step size
1
dB
(3)
Unless otherwise noted, all measurements use output common-mode voltage setting of 1.35 V, 0-dB output level control gain, 16-
single-ended load.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TLV320AIC3106


Similar Part No. - TLV320AIC3106IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3106IRGZT TI-TLV320AIC3106IRGZT Datasheet
1Mb / 99P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106IRGZT TI-TLV320AIC3106IRGZT Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106IRGZT TI1-TLV320AIC3106IRGZT Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Stereo Audio CODEC
TLV320AIC3106IRGZT TI-TLV320AIC3106IRGZT Datasheet
4Mb / 109P
[Old version datasheet]   TLV320AIC3106 Low-Power Stereo Audio CODEC for Portable Audio/Telephony
More results

Similar Description - TLV320AIC3106IRGZT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com