Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV320AIC3106IRGZT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC3106IRGZT
Description  LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
Download  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV320AIC3106IRGZT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV320AIC3106IRGZT Datasheet HTML 2Page - Texas Instruments TLV320AIC3106IRGZT Datasheet HTML 3Page - Texas Instruments TLV320AIC3106IRGZT Datasheet HTML 4Page - Texas Instruments TLV320AIC3106IRGZT Datasheet HTML 5Page - Texas Instruments TLV320AIC3106IRGZT Datasheet HTML 6Page - Texas Instruments TLV320AIC3106IRGZT Datasheet HTML 7Page - Texas Instruments TLV320AIC3106IRGZT Datasheet HTML 8Page - Texas Instruments TLV320AIC3106IRGZT Datasheet HTML 9Page - Texas Instruments TLV320AIC3106IRGZT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 103 page
background image
ABSOLUTE MAXIMUM RATINGS
PACKAGE THERMAL RATINGS
(1)
SYSTEM THERMAL CHARACTERISTICS - TLV320AIC3106IRGZ
(1)
DISSIPATION RATINGS FOR BGA PACKAGES
(1)
TLV320AIC3106
SLAS509E – DECEMBER 2006 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
over operating free-air temperature range (unless otherwise noted)
(1) (2)
VALUE
UNIT
AVDD_DAC to AVSS_DAC, DRVDD to DRVSS, AVSS_ADC
–0.3 to 3.9
V
AVDD to DRVSS
–0.3 to 3.9
V
IOVDD to DVSS
–0.3 to 3.9
V
DVDD to DVSS
–0.3 to 2.5
V
AVDD_DAC to DRVDD
–0.1 to 0.1
V
Digital input voltage to DVSS
–0.3 to IOVDD + 0.3
V
Analog input voltage to AVSS_ADC
–0.3 to AVDD + 0.3
V
Operating temperature range
–40 to 85
°C
Storage temperature range
–65 to 105
°C
TJ Max
Junction temperature
105
°C
Power dissipation
(TJ Max – TA)/θJA
Thermal impedance , BGA package
63
°C/W
θ
JA
Thermal impedance, QFN package
°C/W
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
ESD complicance tested to EIA/JESD22-A114-B and passed.
PARAMETER
RθJP
(1) (C/W)
3.5
ΨJT
(2) (°C/W)
2
RθJA
(3) (C/W)
24
RθJA
(4) (C/W)
85
(1)
RθJP is the internal thermal resistance from junction to the thermal pad. It is required to limit the power dissipation within the device to
500 mW in all cases, including temperatures below 25°C. The TLV320AIC3106IRGZ must be soldered down to the copper (ground
plane) under the device to meet the thermal requirements.
(2)
ΨJT is defined by the following formula: ΨJT = [T (Junction) – T (Center of top of the case)]/(Total power)
(3)
Thermal resistance on a JEDEC high-K board with no airflow. See the JESD 51 standard for a detailed description.
(4)
Thermal resistance on a JEDEC low-K board with no airflow. See the JESD 51 standard for a detailed description.
Power Rating at 25°C, mW
Power Rating, mW
Derating Factor, °C/W
High-K Board
500
500 at 80°C
33
Low-K Board
500
500 at 30°C
104
(1)
It is required to limit the power dissipation within the package to 500 mW in all cases, including temperatures below 25°C. This data is
based on using a JEDEC standard four-layer 3-in. × 3-in. (7.62-mm × 7.62-mm) PCB with 2-oz. (0.071-mm thick) trace and copper pad
that is soldered directly to the device.
TA = 25°C
DERATING
TA = 75°C
TA = 85°C
PACKAGE TYPE
POWER RATING
FACTOR
POWER RATING
POWER RATING
BGA
1.27 W
15.9 mW/°C
476 mW
317 mW
(1)
This data is based on using a JEDEC standard four-layer 3-in. × 3-in. (7.62-mm × 7.62-mm) PCB with 2-oz. (0.071-mm thick) trace and
copper pad that is soldered directly to the device.
6
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TLV320AIC3106


Similar Part No. - TLV320AIC3106IRGZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3106IRGZT TI-TLV320AIC3106IRGZT Datasheet
1Mb / 99P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106IRGZT TI-TLV320AIC3106IRGZT Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106IRGZT TI1-TLV320AIC3106IRGZT Datasheet
2Mb / 105P
[Old version datasheet]   Low-Power Stereo Audio CODEC
TLV320AIC3106IRGZT TI-TLV320AIC3106IRGZT Datasheet
4Mb / 109P
[Old version datasheet]   TLV320AIC3106 Low-Power Stereo Audio CODEC for Portable Audio/Telephony
More results

Similar Description - TLV320AIC3106IRGZT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3106_0706 TI-TLV320AIC3106_0706 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC3105 BURR-BROWN-TLV320AIC3105 Datasheet
1Mb / 93P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3101 TI-TLV320AIC3101 Datasheet
1Mb / 95P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com