Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE30AG Datasheet(PDF) 3 Page - ON Semiconductor

Part # P6KE30AG
Description  600 Watt Peak Power Surmetic-40 Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P6KE30AG Datasheet(HTML) 3 Page - ON Semiconductor

  P6KE30AG Datasheet HTML 1Page - ON Semiconductor P6KE30AG Datasheet HTML 2Page - ON Semiconductor P6KE30AG Datasheet HTML 3Page - ON Semiconductor P6KE30AG Datasheet HTML 4Page - ON Semiconductor P6KE30AG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P6KE6.8A Series
http://onsemi.com
3
100
10
1
0.1
0.1 ms1 ms10 ms
100 ms
1ms
10ms
tP, PULSE WIDTH
NONREPETITIVE PULSE
WAVEFORM SHOWN IN
FIGURE 4
Figure 1. Pulse Rating Curve
100
80
60
40
20
0
0
25
50
75
100 125 150 175 200
TA, AMBIENT TEMPERATURE (_C)
Figure 2. Pulse Derating Curve
_
1 ms
10 ms
1
0.7
0.5
0.3
0.05
0.1
0.2
0.01
0.02
0.03
0.07
100 ms
0.1 0.2
0.5
2
5
10
50
1
20
100
D, DUTY CYCLE (%)
PULSE WIDTH
10 ms
10,000
1000
100
10
0.1
1
10
100
1000
VBR, BREAKDOWN VOLTAGE (VOLTS)
Figure 3. Capacitance versus Breakdown Voltage
MEASURED @
VRWM
MEASURED @
ZERO BIAS
100
50
0
01
2
3
4
t, TIME (ms)
tr ≤ 10 ms
tP
PEAK VALUE − IPP
HALF VALUE −
IPP
2
Figure 4. Pulse Waveform
PULSE WIDTH (tp) IS
DEFINED AS THAT
POINT WHERE THE
PEAK CURRENT
DECAYS TO 50% OF IPP.
5
4
3
2
1
25
50
75
100
125 150
175 200
TL, LEAD TEMPERATURE _C)
3/8″
3/8″
Figure 5. Steady State Power Derating
0
0
Figure 6. Typical Derating Factor for Duty Cycle


Similar Part No. - P6KE30AG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE30A MOTOROLA-P6KE30A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
STMicroelectronics
P6KE30A STMICROELECTRONICS-P6KE30A Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
logo
DONGGUAN YOU FENG WEI E...
P6KE30A YFWDIODE-P6KE30A Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
DAESAN ELECTRONIC CORP.
P6KE30A DAESAN-P6KE30A Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
List of Unclassifed Man...
P6KE30A ETC2-P6KE30A Datasheet
330Kb / 4P
   Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com