Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74ABT245D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74ABT245D
Description  Octal transceiver with direction pin (3-State)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74ABT245D Datasheet(HTML) 4 Page - NXP Semiconductors

  74ABT245D Datasheet HTML 1Page - NXP Semiconductors 74ABT245D Datasheet HTML 2Page - NXP Semiconductors 74ABT245D Datasheet HTML 3Page - NXP Semiconductors 74ABT245D Datasheet HTML 4Page - NXP Semiconductors 74ABT245D Datasheet HTML 5Page - NXP Semiconductors 74ABT245D Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product data
74ABT245
Octal transceiver with direction pin (3-State)
5
AC CHARACTERISTICS
GND = 0 V; tR = tF = 2.5 ns; CL = 50 pF, RL = 500 Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25 °C
VCC = +5.0 V
Tamb = –40 °C to +85 °C
VCC = +5.0 V ±0.5 V
UNIT
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
1
1.0
1.0
2.2
2.9
4.1
4.2
1.0
1.0
4.6
4.6
ns
tPZH
tPZL
Output enable time
to HIGH and LOW level
2
1.3
2.3
3.0
4.0
4.8
5.8
1.3
2.3
5.3
6.3
ns
tPHZ
tPLZ
Output disable time
from HIGH and LOW Level
2
1.0
1.0
4.7
4.1
6.2
5.8
1.0
1.0
7.2
6.3
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
An or Bn
INPUT
VM
VM
Bn or An
OUTPUT
VM
VM
tPLH
tPHL
SA00124
Waveform 1. Waveforms showing the input to output
propagation delays
nOE INPUT
OUTPUT
OUTPUT
VM
VM
tPZH
tPHZ
VOH
VM
VM
VOL
tPZL
tPLZ
3.5V
0V
VOL + 0.3V
VOH – 0.3V
SA00024
Waveform 2. Waveforms showing the 3-State Output Enable
and Disable times
TEST CIRCUIT AND WAVEFORMS
CL = 50 pF
500
Load Circuit
DEFINITIONS
CL =
Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
TEST
S1
tpd
open
tPLZ/tPZL
7 V
tPHZ/tPZH
open
SA00012
500
From Output
Under Test
S1
7 V
Open
GND


Similar Part No. - 74ABT245D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ABT245D NEXPERIA-74ABT245D Datasheet
233Kb / 12P
   Octal transceiver with direction pin; 3-state
Rev. 5 - 9 July 2021
More results

Similar Description - 74ABT245D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT245 PHILIPS-74ABT245 Datasheet
104Kb / 10P
   Octal transceiver with direction pin 3-State
1998 Jan 16
logo
Nexperia B.V. All right...
74ABT245 NEXPERIA-74ABT245 Datasheet
233Kb / 12P
   Octal transceiver with direction pin; 3-state
Rev. 5 - 9 July 2021
logo
NXP Semiconductors
74LVT245 PHILIPS-74LVT245 Datasheet
92Kb / 10P
   3.3V Octal transceiver with direction pin 3-State
1998 Feb 19
74LVT245B PHILIPS-74LVT245B Datasheet
106Kb / 10P
   3.3V Octal transceiver with direction pin (3-State)
1999 Mar 19
74ABT640 PHILIPS-74ABT640 Datasheet
104Kb / 10P
   Octal transceiver with direction pin, inverting 3-State
1998 Jan 16
74LVT245B PHILIPS-74LVT245B_15 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 02-8 May 2008
74LVT640_2 PHILIPS-74LVT640_2_15 Datasheet
110Kb / 10P
   3.3V Octal transceiver with direction pin; inverting (3-State)
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT245 NEXPERIA-74LVT245 Datasheet
254Kb / 14P
   3.3 V octal transceiver with direction pin; 3-state
Rev. 5 - 4 August 2021
logo
NXP Semiconductors
74LVT640 PHILIPS-74LVT640 Datasheet
94Kb / 10P
   3.3V Octal transceiver with direction pin; inverting 3-State
1998 Feb 19
74LVT245 NXP-74LVT245 Datasheet
111Kb / 15P
   3.3 V octal transceiver with direction pin (3-state)
Rev. 03-8 May 2008
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com