Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM42S-390-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM42S-390-RC
Description  Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM42S-390-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM42S-390-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM42S-390-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
6R8
4.80 ± 0.20
(.189 ± .008)
4.80 ± 0.20
(.189 ± .008)
1.60
(.063)
TYP.
1.60
(.063)
TYP.
1.60
(.063)
TYP.
1.80 ± 0.20
(.071 ± .008)
Features
Formerly
model
Height of 2.0 mm
Current rating up to 2.7 A
RoHS compliant
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communication equipment
• Camcorders
• LCD TVs
• Car radios
PM42S Series - Shielded SMD Power Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Specifications
Test Voltage .................... 0.1 V, 100 KHz
Reflow Soldering ....230 ˚C; 50 sec max.
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature .. -40 °C to +125 °C
Resistance to Soldering Heat
............................... 260 °C for 10 sec.
Materials
Core Material ................................Ferrite
Wire ........................... Enameled Copper
Adhesive.............................Epoxy Resin
Terminal ....................................Ag/Ni/Sn
Rated Current .......Ind. drop of 35 % typ.
at Isat
Temperature Rise ....... 30 ˚C typ. at Irms
Packaging.................. 1000 pcs. per reel
Product Dimensions
Electrical Specifications
Recommended Layout
Inductance 100 kHz
Test
SRF
DCR
Q
Frequency
Typ.
Max.
I rms
I sat
Bourns Part No.
(µH)
Tol. %
Ref.
(MHz)
(MHz)
(m
Ω)
(A)
(A)
PM42S-1R0-RC
1.0
±30
9
7.960
219
35
2.70
2.60
PM42S-2R2-RC
2.2
±30
8
7.960
90
55
2.10
2.10
PM42S-2R7-RC
2.7
±30
8
7.960
78
60
2.03
1.95
PM42S-3R3-RC
3.3
±30
8
7.960
61
65
1.95
1.80
PM42S-3R9-RC
3.9
±30
8
7.960
60
75
1.82
1.65
PM42S-4R7-RC
4.7
±30
8
7.960
55
82
1.72
1.50
PM42S-5R6-RC
5.6
±30
7
7.960
57
90
1.64
1.25
PM42S-6R8-RC
6.8
±30
8
7.960
49
100
1.50
1.15
PM42S-8R2-RC
8.2
±30
7
7.960
40
135
1.40
1.10
PM42S-100-RC
10
±30
10
2.520
38
150
1.30
1.00
PM42S-120-RC
12
±30
9
2.520
32
170
1.15
0.90
PM42S-150-RC
15
±30
8
2.520
30
220
1.03
0.82
PM42S-180-RC
18
±30
7
2.520
30
280
0.92
0.75
PM42S-220-RC
22
±30
7
2.520
29
300
0.88
0.65
PM42S-270-RC
27
±30
7
2.520
23
370
0.77
0.60
PM42S-330-RC
33
±30
7
2.520
21
420
0.73
0.50
PM42S-390-RC
39
±30
8
2.520
19
540
0.64
0.48
PM42S-470-RC
47
±30
8
2.520
20
600
0.62
0.45
PM42S-560-RC
56
±30
8
2.520
15
820
0.52
0.40
PM42S-680-RC
68
±30
7
2.520
13
860
0.50
0.38
PM42S-820-RC
82
±30
8
2.520
13
1200
0.43
0.32
PM42S-101-RC
100
±30
10
0.796
12
1350
0.40
0.30
PM42S-121-RC
120
±30
11
0.796
10
1950
0.33
0.28
PM42S-151-RC
150
±30
14
0.796
10
2600
0.28
0.26
PM42S-181-RC
180
±30
10
0.796
10
4000
0.18
0.25
Inductance vs. Current
101
23
5
7
102
23
5
7
DC Current (mA)
103
104
23
5
7
100
7
5
101
7
5
3
2
102
7
5
3
2
1R0
4R7
100
330
101
5.30
(.209)
2.00
(.079)
REF.
1.50
(.059)
REF.
2.00
(.079)
REF.
1.80
(.071)
REF.
REF.
R
DIMENSIONS:
MM
(INCHES)


Similar Part No. - PM42S-390-RC

ManufacturerPart #DatasheetDescription
logo
MinebeaMitsumi Inc.
PM42S-048 MINEBEAMITSUMI-PM42S-048 Datasheet
2Mb / 6P
   PM Type Motors
PM42S-096 MINEBEAMITSUMI-PM42S-096 Datasheet
2Mb / 6P
   PM Type Motors
PM42S-0X1 MINEBEAMITSUMI-PM42S-0X1 Datasheet
2Mb / 6P
   PM Type Motors
PM42S-F48 MINEBEAMITSUMI-PM42S-F48 Datasheet
2Mb / 6P
   PM Type Motors
More results

Similar Description - PM42S-390-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com