Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM43-100M-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM43-100M-RC
Description  SMD Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM43-100M-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM43-100M-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM43-100M-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1.5
(.059)
4.5 ± 0.3
(.177 ± .012)
MAX.
MAX.
MAX.
TYP.
4.5
(.177)
4.0 ± 0.3
(.157 ± .012)
3.2 ± 0.3
(.126 ± .012)
1.5
(.059)
1.8
(.071)
1.8
(.071)
Features
Formerly
model
Available in E12 series
Low profile of only 3.2 mm
Low inductance values
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communication equipment
• Camcorders
• LCD TVs
• Car radios
PM43 Series - SMD Power Inductor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Specifications
Test Voltage .......................................1 V
Reflow Soldering .. 230 °C, 50 sec. max.
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Resistance to Soldering Heat
................................. 260 °C for 5 sec.
Materials
Core ...................................... Ferrite DR
Wire ............ Enameled copper wire 130
Terminal ....................................Ag/Ni/Sn
Rated Current
................... Ind. drop 10 % typ. at Isat
Temperature Rise ................. 40 °C max.
at rated Irms
Packaging.................. 1500 pcs. per reel
DIMENSIONS:
MM
(INCHES)
Product Dimensions
Electrical Specifications
Recommended Layout
Inductance 1 kHz
Test
SRF
I rms
I sat
Q
Frequency
Min.
RDC
Max.
Typ.
Bourns Part No.
(µH)
Tol. %
Ref.
(MHz)
(MHz)
(
Ω)
(A)
(A)
PM43-1R0M-RC
1.0
± 20
28
7.96
150
0.033
3.80
5.50
PM43-1R4M-RC
1.4
± 20
28
7.96
110
0.038
3.30
5.10
PM43-1R8M-RC
1.8
± 20
28
7.96
90
0.042
2.91
4.40
PM43-2R2M-RC
2.2
± 20
28
7.96
80
0.047
2.60
3.90
PM43-2R7M-RC
2.7
± 20
28
7.96
75
0.052
2.43
3.50
PM43-3R3M-RC
3.3
± 20
28
7.96
65
0.058
2.15
3.00
PM43-3R9M-RC
3.9
± 20
28
7.96
55
0.076
1.98
2.70
PM43-4R7M-RC
4.7
± 20
28
7.96
50
0.094
1.70
2.60
PM43-5R6M-RC
5.6
± 20
28
7.96
45
0.10
1.60
2.40
PM43-6R8M-RC
6.8
± 20
28
7.96
40
0.12
1.41
2.10
PM43-8R2M-RC
8.2
± 20
28
7.96
36
0.13
1.26
1.90
PM43-100M-RC
10
± 20
28
2.52
33
0.18
1.15
1.70
PM43-120M-RC
12
± 20
28
2.52
30
0.21
1.05
1.60
PM43-150M-RC
15
± 20
28
2.52
28
0.24
0.92
1.40
PM43-180M-RC
18
± 20
25
2.52
23
0.34
0.84
1.30
PM43-220M-RC
22
± 20
25
2.52
20
0.38
0.76
1.20
PM43-270K-RC
27
± 10
23
2.52
17
0.52
0.71
1.00
PM43-330K-RC
33
± 10
23
2.52
15
0.54
0.64
0.99
PM43-390K-RC
39
± 10
20
2.52
14
0.59
0.59
0.92
PM43-470K-RC
47
± 10
20
2.52
13
0.84
0.54
0.78
PM43-560K-RC
56
± 10
20
2.52
12
0.94
0.50
0.74
PM43-680K-RC
68
± 10
20
2.52
11
1.12
0.46
0.68
Typical Part Marking
Electrical Schematic
100


Similar Part No. - PM43-100M-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM43-100M ETC1-PM43-100M Datasheet
33Kb / 1P
   SMT Power Inductors
More results

Similar Description - PM43-100M-RC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com