Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9230-84-RC Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 9230-84-RC
Description  Molded Axial Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

9230-84-RC Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  9230-84-RC Datasheet HTML 1Page - Bourns Electronic Solutions 9230-84-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
9230 Series Molded Axial Inductor
Typical Part Marking - MIL-STD Color Code
Color
1st & 2nd
Significant Figure
or Decimal Point
Multiplier
Tolerance
Black
0
1
Brown
1
10
Red
2
100
Orange
3
1000
Yellow
4
Green
5
Blue
6
Violet
7
Gray
8
White
9
%
0
1
±
r
e
v
li
S
Gold
Decimal Point
± 5 %
Mil. identifier (Silver, twice the width
of other bands)
1st significant figure (Blue)
Decimal point (Gold)
2nd significant figure (Gray)
Tolerance (Silver)
Example for L value less than 10 µH
6.8 µH, ±10 %
Mil. identifier (Silver, twice the width
of other bands)
1st significant figure (Red)
2nd significant figure (Purple)
Multiplier (Brown)
Tolerance (Gold)
Example for L value 10 µH and higher
270 µH, ±5 %
DIMENSIONS:
MM
(INCHES)
Product Dimensions
REV. 10/11
6.35 ± 0.25
(0.25 ± 0.01)
29.21
(1.15)
TYP.
0.51
(0.020)
2.41 ± 0.25
(0.095 ± 0.01)


Similar Part No. - 9230-84-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
923-4N0C-10B ETC2-923-4N0C-10B Datasheet
2Mb / 8P
   BACKPLANE MODULES, VERTICAL MALE HEADER
923-4N0C-10C ETC2-923-4N0C-10C Datasheet
2Mb / 8P
   BACKPLANE MODULES, VERTICAL MALE HEADER
923-4N0C-11B ETC2-923-4N0C-11B Datasheet
2Mb / 8P
   BACKPLANE MODULES, VERTICAL MALE HEADER
923-4N0C-11C ETC2-923-4N0C-11C Datasheet
2Mb / 8P
   BACKPLANE MODULES, VERTICAL MALE HEADER
923-4N0C-12B ETC2-923-4N0C-12B Datasheet
2Mb / 8P
   BACKPLANE MODULES, VERTICAL MALE HEADER
More results

Similar Description - 9230-84-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
9220-00-RC BOURNS-9220-00-RC Datasheet
211Kb / 1P
   Molded Axial Inductor
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
   Molded Axial Inductor
logo
Caliber Electronics Inc...
LAM-1641 CALIBER-LAM-1641 Datasheet
29Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9250A BOURNS-9250A Datasheet
248Kb / 2P
   Molded Axial Inductor
9310-00-RC BOURNS-9310-00-RC Datasheet
226Kb / 2P
   Molded Axial Inductor
logo
List of Unclassifed Man...
LAM-1025 ETC2-LAM-1025 Datasheet
29Kb / 1P
   Axial Molded Inductor
logo
ABC Taiwan Electronics ...
AA0307R10ML ABC-AA0307R10ML Datasheet
132Kb / 6P
   AXIAL INDUCTOR
20091221-C
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
   AXIAL INDUCTOR
20080714-A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com