Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW1210562RJKTB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CRCW1210562RJKTB
Description  Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW1210562RJKTB Datasheet(HTML) 4 Page - Vishay Siliconix

  CRCW1210562RJKTB Datasheet HTML 1Page - Vishay Siliconix CRCW1210562RJKTB Datasheet HTML 2Page - Vishay Siliconix CRCW1210562RJKTB Datasheet HTML 3Page - Vishay Siliconix CRCW1210562RJKTB Datasheet HTML 4Page - Vishay Siliconix CRCW1210562RJKTB Datasheet HTML 5Page - Vishay Siliconix CRCW1210562RJKTB Datasheet HTML 6Page - Vishay Siliconix CRCW1210562RJKTB Datasheet HTML 7Page - Vishay Siliconix CRCW1210562RJKTB Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Document Number: 20008
For technical questions, contact: thickfilmchip@vishay.com
www.vishay.com
Revision: 18-Nov-10
121
D/CRCW
Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Vishay
FUNCTIONAL PERFORMANCE
1000
100
10
1
0.1
0.01
Single Pulse
2512
1218
2010
1210
1206
0805
0603
0402
10-6
Pulse Duration
i (s)
t
10-5
10-4
10-3
10-2
10-1
1
10
100
Maximum pulse load, single pulse; applicable if P
0 and n < 1000 and Û
≤ Ûmax.;
for permissible resistance change equivalent to 8000 h operation
1000
10
1
0.1
0.01
10-6
Continuous Pulse
Maximum pulse load, continuous pulses; applicable if P
≤ P (ϑamb) and Û ≤ Ûmax.;
for permissible resistance change equivalent to 8000 h operation
Pulse Duration
i (s)
t
100
10-5
10-4
10-3
10-2
10-1
1
10
100
2512
1218
2010
1210
1206
0805
0603
0402
2000
200
0
10
- 6
10
- 5
10
- 4
10
- 3
10
- 2
10
- 1
110
Pulse Voltage
Maximum pulse voltage, single and continuous pulses; applicable if
P
≤ Pmax.; for permissible resistance change equivalent to 8000 h operation
Pulse Duration
i (s)
400
600
800
1000
1200
1400
1600
1800
2512
2010
1206/1210/1218
0805
0603
0402
t


Similar Part No. - CRCW1210562RJKTB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW1210562RJKTB VISHAY-CRCW1210562RJKTB Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW1210562RJKTB VISHAY-CRCW1210562RJKTB Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW1210562RJKTB VISHAY-CRCW1210562RJKTB Datasheet
136Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW1210562RJKTB VISHAY-CRCW1210562RJKTB Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW1210562RJKTB VISHAY-CRCW1210562RJKTB Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
More results

Similar Description - CRCW1210562RJKTB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW060386K6FKEA VISHAY-CRCW060386K6FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW120682K5FKEA VISHAY-CRCW120682K5FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW080547R0FKEA VISHAY-CRCW080547R0FKEA Datasheet
136Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805562RFKTA VISHAY-CRCW0805562RFKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0603680RFKTA VISHAY-CRCW0603680RFKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0603100RFKTA VISHAY-CRCW0603100RFKTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW08050000ZSTA VISHAY-CRCW08050000ZSTA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW120675K0FKEA VISHAY-CRCW120675K0FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW25122K40JNEG VISHAY-CRCW25122K40JNEG Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW0805499KFKEA VISHAY-CRCW0805499KFKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com