Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWT6107 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AWT6107
Description  EGSM/DCS Dual Band 3.5V GPRS Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6107 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWT6107 Datasheet HTML 1Page - ANADIGICS, Inc AWT6107 Datasheet HTML 2Page - ANADIGICS, Inc AWT6107 Datasheet HTML 3Page - ANADIGICS, Inc AWT6107 Datasheet HTML 4Page - ANADIGICS, Inc AWT6107 Datasheet HTML 5Page - ANADIGICS, Inc AWT6107 Datasheet HTML 6Page - ANADIGICS, Inc AWT6107 Datasheet HTML 7Page - ANADIGICS, Inc AWT6107 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Revison 1, January 2001
AWT6107
EGSM:
Test Conditions: VCC = 3.5V, ZIN = ZOUT = 50W, TC = 25°C
± 3, PIN = 10dBm, PWIDTH = 1154ms, Duty Cycle = 25%,
VBAND = LOW
Table 5: EGSM Electrical Specification
L
A
N
G
I
S
N
I
M
X
A
M
S
T
I
N
U
(
e
g
a
tl
o
V
l
o
rt
n
o
CV C
P
A
)0
0
.
3V
I(
e
g
a
tl
o
V
l
o
rt
n
o
C
C
P
A
)0
1
.
0A
m
T
(
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
C
)0
2
-5
7C
°
Electrical Specification
Table 4: Operating Conditions
Power Control
Unless otherwise specified: VCC = 3.5V, ZIN = ZOUT = 50W, TC = 25°C
± 3, Pulse Width = 1154ms, Duty Cycle = 25%
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
S
N
I
M
P
Y
T
X
A
M
S
T
I
N
U
y
c
n
e
u
q
e
r
FfO
0
8
85
1
9z
H
M
P
r
o
f
e
g
a
tl
o
V
l
o
rt
n
o
C
X
A
M
V C
P
A
6
.
12
.
2V
r
e
w
o
P
t
u
p
n
IP N
I
80
12
1m
B
d
(
r
e
w
o
P
t
u
p
t
u
O
P NI
)
m
B
d
0
1
=
P T
U
O
5
.
4
3m
B
d
y
c
n
e
i
c
if
f
E
d
e
d
d
A
r
e
w
o
PE
A
P5
5%
r
e
w
o
P
t
u
p
t
u
O
d
e
d
a
r
g
e
D
V C
C
V
,
V
0
.
3
=
C
P
A
,
V
2
.
2
=
P N
I
T
,
m
B
d
8
=
C
C
°
5
7
=
2
3m
B
d
r
e
w
o
P
t
u
p
t
u
O
.
n
i
M
/
n
o
it
a
l
o
s
I
V C
P
A
P
,
V
2
.
0
=
N
I
m
B
d
2
1
=
P N
I
M
0
3
-m
B
d
c
i
n
o
m
r
a
H
2 dn
3 dr
f
4 O
z
H
G
5
7
.
2
1
o
t
4
-
7
-
7
-
m
B
d
m
B
d
m
B
d
R
W
S
V
1
:
5
d
a
o
L
:
y
ti
li
b
a
t
S
s
e
l
g
n
a
e
s
a
h
p
ll
A
r
o
0
7
-
6
3
-
c
B
d
m
B
d
:
s
s
e
n
d
e
g
g
u
RP N
I
,
m
B
d
2
1
=
V
,
V
5
.
4
=
c
c
V
C
P
A
V
0
.
3
-
2
.
0
=
R
W
S
V
1
:
8
s
e
s
a
h
P
ll
A
f
r
e
w
o
P
e
s
i
o
N
o
z
H
M
0
2
+5
8
-9
7
-z
H
k
0
0
1
/
m
B
d
e
m
i
T
g
n
i
h
c
ti
w
S
V C
P
A
P
d
e
t
c
e
t
e
d
%
0
9
o
t
n
o
T
U
O
2s
R
W
S
V
t
u
p
n
I
1
:
2
t
u
p
t
u
o
S
C
D
t
a
r
e
w
o
p
c
i
n
o
m
r
a
H
d
n
2
0
2
-m
B
d
m


Similar Part No. - AWT6107

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
   EGSM/DCS/PCS Triple Band Power Amplifier Module
AWT6103M5 ANADIGICS-AWT6103M5 Datasheet
139Kb / 4P
   Cellular Dual Mode AMPS/TDMA Mode 3.5V/30 dBm Linear Power Amplifier Module
AWT6104M5 ANADIGICS-AWT6104M5 Datasheet
147Kb / 4P
   PCS TDMA 3.5V/30 dBm Linear Power Amplifier Module
AWT6105 ANADIGICS-AWT6105 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
AWT6105M5 ANADIGICS-AWT6105M5 Datasheet
414Kb / 16P
   Cellular Dual Mode AMPS/CDMA
More results

Similar Description - AWT6107

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
   EGSM/DCS/PCS Triple Band Power Amplifier Module
logo
Agilent(Hewlett-Packard...
ACPM-7891 HP-ACPM-7891 Datasheet
218Kb / 23P
   Agilent ACPM-7891 Tri-Band Power Amplifier Module EGSM, DCS and PCS Multi-slot GPRS
logo
Skyworks Solutions Inc.
CX77304-17 SKYWORKS-CX77304-17 Datasheet
605Kb / 15P
   CX77304-17 PA Module for Tri-band EGSM DCS PCS / GPRS
CX77304-16 SKYWORKS-CX77304-16 Datasheet
1Mb / 18P
   CX77304-16 PA Module for Tri-Band EGSM DCS PCS / GPRS
SKY77321 SKYWORKS-SKY77321 Datasheet
490Kb / 17P
   PA Module for Tri-Band EGSM / GPRS
SKY77321 SKYWORKS-SKY77321 Datasheet
66Kb / 2P
   PA Module for Tri-Band EGSM / GPRS
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
   Quad Band GSM/GPRS Power Amplifier Module
logo
ANADIGICS, Inc
AWU6618 ANADIGICS-AWU6618 Datasheet
872Kb / 10P
   HELP3E Dual-band IMT & EGSM WCDMA 3.4 V Linear Power Amplifier Module
logo
RF Micro Devices
RF3160 RFMD-RF3160 Datasheet
101Kb / 8P
   DUAL-BAND GSM/DCS POWER AMP MODULE
RF3146D RFMD-RF3146D Datasheet
251Kb / 16P
   DUAL-BAND GSM900/DCS POWER AMP MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com