Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CZ8251 Datasheet(PDF) 1 Page - API Technologies Corp

Part # CZ8251
Description  RF AMPLIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

CZ8251 Datasheet(HTML) 1 Page - API Technologies Corp

  CZ8251 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev.
10/16/07
Typical Intermodulation Performance at 25 º C
Second Order Harmonic Intercept Point........+32 dBm (Typ.)
Second Order Two Tone Intercept Poin..........+27 dBm (Typ.)
Third Order Two Tone Intercept Point.............+14 dBm (Typ.)
Power
Vdc
+5
+5
mA
30
35 Max.
RF AMPLIFIER
MODEL CZ8251
Features
!
!
!
!
! Low +5 Volt Supply
!
!
!
!
! High Gain: 26.5 dB Typical
!
!
!
!
! Operating Temp. -55 ºC to +85 ºC
!
!
!
!
! Environmental ScreeningAvailable
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Note: Care should always be taken to effectively ground the case of each unit.
Noise Figure (dB)
4.0
4.5 Max.
VSWR
In
1.40:1
2.0:1 Max.
Out
1.25:1
2.0:1 Max.
Reverse
Isolation (dB)
- 43
-41 Max.
Power @ 1 dB
Comp. (dBm)
+3
-1.0 Min.
Gain (dB)
26.5
24 Min.
Specifications
Typical Performance Data
Maximum Ratings
Ambient Operating Temperature ................ -55ºC to +100 ºC
Storage Temperature ................................. -62ºC to +125 ºC
Case Temperature .................................................. +125 ºC
DC Voltage .......................................................... +10 Volts
Continuous RF Input Power .................................. +13 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Frequency
5 - 200 MHz
5 - 200 MHz
Available as:
CZ8251, 4 Pin TO-12 (T7)
TN8251, 4 Pin Surface Mount (SM3)
BX8251, Connectorized Housing (H1)
Legend
+25 ºC
+85 ºC - - - - - - -55 ºC
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave · 2707 Black Lake Place · Philadelphia, Pennsylvania 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
2.0
1.5
1.0
2.0
1.5
1.0
4
2
3
6
5
28
26
24
+6
+4
+2
0
-2
0
- 15
- 30
- 45
- 60
25
27
Start 5 MHz
Start 5 MHz
Start 5 MHz
Start 5 MHz
Start 5 MHz
Start 5 MHz
Stop 200 MHz
Stop 200 MHz
Stop 200 MHz
Stop 200 MHz
Stop 200 MHz
Stop 200 MHz
Gain (dB)
Reverse Isolation (dB)
Noise Figure (dB)
1 dB Comp. (dBm)
Input VSWR
Output VSWR


Similar Part No. - CZ8251

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
CZ8251 SPECTRUM-CZ8251 Datasheet
36Kb / 1P
   RF AMPLIFIER
More results

Similar Description - CZ8251

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
BXMP1010 SPECTRUM-BXMP1010 Datasheet
42Kb / 1P
   RF AMPLIFIER
QB-166 SPECTRUM-QB-166 Datasheet
42Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
4CX5000A CPI-4CX5000A Datasheet
96Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-204 SPECTRUM-QBH-204 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-223 SPECTRUM-QBH-223 Datasheet
57Kb / 1P
   RF AMPLIFIER
QBH-817 SPECTRUM-QBH-817 Datasheet
58Kb / 1P
   RF AMPLIFIER
QBH-842 SPECTRUM-QBH-842 Datasheet
59Kb / 1P
   RF AMPLIFIER
logo
Communications & Power ...
8560AS CPI-8560AS Datasheet
92Kb / 1P
   RF amplifier
logo
Spectrum Microwave, Inc...
QBH-5169 SPECTRUM-QBH-5169 Datasheet
62Kb / 1P
   RF AMPLIFIER
QBH-5403 SPECTRUM-QBH-5403 Datasheet
40Kb / 1P
   RF AMPLIFIER
QBH-5866 SPECTRUM-QBH-5866 Datasheet
47Kb / 1P
   RF AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com