Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSB60C45PB Datasheet(PDF) 1 Page - IXYS Corporation

Part # DSB60C45PB
Description  Schottky
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSB60C45PB Datasheet(HTML) 1 Page - IXYS Corporation

  DSB60C45PB Datasheet HTML 1Page - IXYS Corporation DSB60C45PB Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DSB 60 C 45PB
advanced
Schottky
Symbol
Definition
R a t i n g s
Features / Advantages:
● Very low Vf
● Extremely low switching losses
● Low Irm-values
● Improved thermal behaviour
● High reliability circuit operation
● Low voltage peaks for reduced
protection circuits
● Low noise switching
● Low losses
typ.
max.
I
FSM
I
R
A
mA
V
320
I
FAV
A
V
F
0.65
R
thJC
0.85
K/W
V
R =
T
VJ =
12
3
min.
30
ms (50 Hz), sine
Applications:
● Rectifiers in switch mode power
supplies (SMPS)
● Free wheeling diode in low voltage
converters
V
RRM
V
45
20
T
VJ
V
°C
=
T
VJ
°C
=
mA
°C
100
Package:
Part number
V
R =
I
F
=A
V
T
C
= 125 °C
P
tot
145
W
T
C
°C
=
E
AS
tbd
mJ
T
VJ
°C
=
I
AS =A;
L =
µH
I
AR
A
V
A =
tbd
f = 10 kHz
1.5·V
R typ.;
T
VJ
150
°C
-55
High Performance Schottky Diode
Low Loss and Soft Recovery
Common Cathode
V
I
V
RRM
FAV
F
=
=
=
45
30
0.60
30
T
VJ =45 °C
tbd
100
DSB 60 C 45PB
V
A
V
45
V
45
25
25
t
p
=10
25
max. repetitive reverse voltage
reverse current
forward voltage
average forward current
thermal resistance junction to case
virtual junction temperature
total power dissipation
max. forward surge current
non-repetitive avalanche energy
repetitive avalanche current
Conditions
Unit
0.60
T
VJ
°C
= 25
C
J
tbd
pF
junction capacitance
V
R =V; f = 1 MHz
tbd
T
VJ =
°C
100
125
I
F
=A
60
T
VJ =
°C
25
V
0.91
I
F
=A
30
I
F
=A
60
V
0.89
V
F0
V
0.31
T
VJ =150 °C
r
F
9.3
Ω
m
TO-220AB
threshold voltage
slope resistance
for power loss calculation only
25
rectangular, d = 0.5
2x
● Industry standard outline
● Epoxy meets UL 94V-0
● RoHS compliant
Backside: cathode
IXYS reserves the right to change limits, conditions and dimensi
© 2006 IXYS all rights reserved
Data according to IEC 60747and per diode unless otherwise specified


Similar Part No. - DSB60C45PB

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
DSB60C45PB ISC-DSB60C45PB Datasheet
349Kb / 2P
   Schottky Rectifier Diode
More results

Similar Description - DSB60C45PB

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SM5817 CHENDA-SM5817 Datasheet
615Kb / 2P
   SCHOTTKY
LM5817 CHENDA-LM5817 Datasheet
710Kb / 2P
   SCHOTTKY MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
RB550V-30 AITSEMI-RB550V-30 Datasheet
615Kb / 7P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.1
RB551V-30 AITSEMI-RB551V-30 Datasheet
424Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB050L-40 AITSEMI-RB050L-40 Datasheet
454Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB491D AITSEMI-RB491D Datasheet
447Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB520S-30 AITSEMI-RB520S-30 Datasheet
427Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.2
B5817W AITSEMI-B5817W Datasheet
566Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB751V-40 AITSEMI-RB751V-40 Datasheet
436Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.1
RB521S-30 AITSEMI-RB521S-30 Datasheet
560Kb / 6P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com