Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012X7S1C103M Datasheet(PDF) 5 Page - TDK Electronics

Part # C2012X7S1C103M
Description  Multilayer Ceramic Chip Capacitors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012X7S1C103M Datasheet(HTML) 5 Page - TDK Electronics

  C2012X7S1C103M Datasheet HTML 1Page - TDK Electronics C2012X7S1C103M Datasheet HTML 2Page - TDK Electronics C2012X7S1C103M Datasheet HTML 3Page - TDK Electronics C2012X7S1C103M Datasheet HTML 4Page - TDK Electronics C2012X7S1C103M Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
(4/4)
001-01 / 20110822 / e4120resin_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
CAPACITANCE RANGES: CLASS 2
TEMPERATURE CHARACTERISTICS: X7R(±15%)
TEMPERATURE CHARACTERISTICS: X7R(±15%)
TEMPERATURE CHARACTERISTICS: X7S(±22%)
TEMPERATURE CHARACTERISTICS: X7T(+22, –33%)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 630V
Rated voltage Edc: 450V
Rated voltage Edc: 250V
Rated voltage Edc: 100V
10nF
2012
1.25±0.25
±20%
C2012X7R2E103M(125AE)
3216
1.15±0.15
±20%
C3216X7R2J103M(115AE)
22nF
2012
1.25±0.25
±20%
C2012X7R2E223M(125AE)
3216
1.30±0.20
±20%
C3216X7R2J223M(130AE)
47nF
3225
2.00±0.30
±20%
C3225X7R2J473M(200AE)
100nF
3216
1.60±0.30
±20%
C3216X7R2E104M(160AE)
3225
2.00±0.30
±20%
C3225X7R2E104M(200AE)
220nF
3225
2.00±0.30
±20%
C3225X7R2E224M(200AE)
470nF
3216
1.60±0.30
±20%
C3216X7R2A474M(160AE)
4532
2.30+0.30/–0.20
±20%
C4532X7R2E474M(230KE)
1µF
3216
1.60±0.30
±20%
C3216X7R2A105M(160AE)
5750
2.30+0.30/–0.20
±20%
C5750X7R2E105M(230KE)
2.2µF
3225
2.30±0.30
±20%
C3225X7R2A225M(230AE)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 50V
Rated voltage Edc: 35V
Rated voltage Edc: 25V
Rated voltage Edc: 16V
470nF
2012
1.25±0.25
±20%
C2012X7R1H474M(125AE)
1µF
2012
1.25±0.25
±20%
C2012X7R1H105M(125AE)
3216
1.60±0.30
±20%
C3216X7R1H105M(160AE)
2.2µF
2012
1.25±0.25
±20%
C2012X7R1V225M(125AE)
3216
1.60±0.30
±20%
C3216X7R1H225M(160AE)
4.7µF
2012
1.25±0.25
±20%
C2012X7R1C475M(125AE)
3216
1.60±0.30
±20%
C3216X7R1V475M(160AE)
10µF
3216
1.60±0.30
±20%
C3216X7R1E106M(160AE)
4.7µF
3225
2.30±0.30
±20%
C3225X7S1H475M(230AE)
10µF
3225
2.50±0.30
±20%
C3225X7S1H106M(250AE)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 630V
Rated voltage Edc: 450V
Rated voltage Edc: 250V
Rated voltage Edc: 100V
220nF
2012
0.85±0.15
±20%
C2012X7S2A224M(085AE)
470nF
2012
1.25±0.25
±20%
C2012X7S2A474M(125AE)
1µF
2012
1.25±0.25
±20%
C2012X7S2A105M(125AE)
2.2µF
3216
1.60±0.30
±20%
C3216X7S2A225M(160AE)
4.7µF
3225
2.00±0.30
±20%
C3225X7S2A475M(200AE)
10µF
5750
2.30+0.25/–0.20
±20%
C5750X7S2A106M(230KE)
Capacitance
Dimension
L
×W
Thickness
T(mm)
Capacitance
tolerance
Part No.
Rated voltage Edc: 630V
Rated voltage Edc: 450V
Rated voltage Edc: 250V
Rated voltage Edc: 100V
10nF
2012
0.85±0.15
±20%
C2012X7T2W103M(085AE)
22nF
2012
1.25±0.25
±20%
C2012X7T2W223M(125AE)
47nF
2012
1.25±0.25
±20%
C2012X7T2W473M(125AE) C2012X7T2E473M(125AE)
3216
1.60±0.30
±20%
C3216X7T2J473M(160AE)
100nF
2012
1.25±0.25
±20%
C2012X7T2E104M(125AE)
3216
1.60±0.30
±20%
C3216X7T2W104M(160AE)
3225
1.60±0.20
±20%
C3225X7T2J104M(160AE)
220nF
3216
1.60±0.30
±20%
C3216X7T2E224M(160AE)
3225
2.00+0.25/–0.20
±20%
C3225X7T2W224M(200AE)
4532
2.00+0.25/–0.20
±20%
C4532X7T2J224M(200KE)
470nF
4532
2.30±0.20
±20%
C4532X7T2W474M(230KE)
5750
2.50±0.20
±20%
C5750X7T2J474M(250KE)
1µF
4532
2.50±0.20
±20%
C4532X7T2E105M(250KE)
5750
2.50±0.20
±20%
C5750X7T2W105M(250KE)
2.2µF
5750
2.50±0.20
±20%
C5750X7T2E225M(250KE)


Similar Part No. - C2012X7S1C103M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C2012X7S1C102BTXXXX TDK-C2012X7S1C102BTXXXX Datasheet
1Mb / 72P
   General Application
C2012X7S1C102WTXXXX TDK-C2012X7S1C102WTXXXX Datasheet
1Mb / 72P
   General Application
C2012X7S1C105WTXXXX TDK-C2012X7S1C105WTXXXX Datasheet
1Mb / 72P
   General Application
C2012X7S1C106K125AC TDK-C2012X7S1C106K125AC_17 Datasheet
239Kb / 3P
   Multilayer Ceramic Chip Capacitors
C2012X7S1C106M125AC TDK-C2012X7S1C106M125AC_17 Datasheet
239Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C2012X7S1C103M

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com