Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R0.25D-0509 Datasheet(PDF) 1 Page - Recom International Power

Part # R0.25D-0509
Description  Features
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

R0.25D-0509 Datasheet(HTML) 1 Page - Recom International Power

  R0.25D-0509 Datasheet HTML 1Page - Recom International Power R0.25D-0509 Datasheet HTML 2Page - Recom International Power R0.25D-0509 Datasheet HTML 3Page - Recom International Power R0.25D-0509 Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.recom-electronic.com
REV: 2/2011
RoHS
2002/95/EC
6/6
Selection Guide
Part
Input
Output
Output
Capacitive
Number
Voltage
Voltage
Current
Load
SMD
(3kV)
(VDC)
(VDC)
(mA)
(max.)
R0.25S**-xx3.3
(H)
3.3, 5, 12, 15, 24
3.3
76
1000µF
R0.25S**-xx05
(H)
3.3, 5, 12, 15, 24
5
50
470µF
R0.25S**-xx09
(H)
3.3, 5, 12, 15, 24
9
28
470µF
R0.25S**-xx12
(H)
3.3, 5, 12, 15, 24
12
21
150µF
R0.25S**-xx15
(H)
3.3, 5, 12, 15, 24
15
17
68µF
R0.25S**-xx24
(H)
3.3, 5, 12, 15, 24
24
10.4
68µF
R0.25D**-xx3.3
(H)
3.3, 5, 12, 15, 24
±3.3
±38
470µF
R0.25D**-xx05
(H)
3.3, 5, 12, 15, 24
±5
±25
220µF
R0.25D**-xx09
(H)
3.3, 5, 12, 15, 24
±9
±14
68µF
R0.25D**-xx12
(H)
3.3, 5, 12, 15, 24
±12
±10.4
68µF
R0.25D**-xx15
(H)
3.3, 5, 12, 15, 24
±15
±8.3
68µF
R0.25D**-xx24
(H)
3.3, 5, 12, 15, 24
±24
±5.2
33µF
R0.25DA**-xx0505
3.3, 5, 12, 15, 24
5/5
25/25
220µF/220µF
R0.25DA**-xx1212
3.3, 5, 12, 15, 24
12/12
10/10
68µF/68µF
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Input Voltage Range
±10%
Output Voltage Accuracy
±5% typ., ±7% max.
Line Voltage Regulation
(low line to high line at max. load)
2% max.
Load Voltage Regulation
3.3V output types
15% typ., 20% max.
(10% to 100% full load)
5V, 5/5V output types
12% typ., 15% max.
9V output type
7% typ., 10% max.
12V, 12/12V, 15V, 24V output types
6% typ., 10% max.
Output Ripple and Noise (20MHz BW limited)
100mVp-p max.
Operating Frequency
20kHz min. / 50kHz typ. / 90kHz max.
Efficiency at Full Load
60%-70%
Minimum Load = 0%
Specifications valid for 10% minimum load only
Isolation Voltage
(tested for 1 second)
1000VDC
(rated for 1 minute)
500VAC / 60Hz
H-Suffix
(tested for 1 second)
3000VDC
(rated for 1 minute)
1500VAC / 60Hz
R0.25DA Output/ Output Isolation Voltage (tested for 1 second)
1000VDC
Isolation Capacitance
75pF max.
0.25 Watt SMD
Single, Dual
& Independent
Outputs
Fully RoHS 6/6 Conform
Full Power at 100°C Ambient Temperature
1kVDC or 3kVDC Isolation Options
Suitable for Fully Automated Assembly
(including Vapour Phase Soldering)
Optional Continuous Short Circuit Protection
Features
Unregulated
Converters
R0.25S** : ** without marking denotes 5 pins out of 8 fitted (includes /H option)
** with marking 8 denotes 8 pins out of 8 fitted (/H option not available)
** with marking 12 denotes 10 pins out of 12 fitted (includes /H option)
R0.25D** : ** without marking denotes 6 pins out of 10 fitted (includes /H option, no DA option)
R0.25D(A): ** with marking 10 denotes with 10 pins out of 10 fitted (/H option not available)
R0.25D(A): ** with marking 12 denotes 10 pins out of 12 fitted (includes /H option)
UL-60950-1 Certified
EN-60601-1 Certified
EN-60950-1 Certified
(/H suffix)
Case and Pinning Options (note restrictions on /H option)
xx = Input Voltage (other input and output voltage combinations available on request)
* add Suffix “H” for 3kV Isolation, e.g.
R0.25S-0505/H, R0.25D-0505/H, R0.25S12-0505/H, R0.25D12-0505/H
* add Suffix “P” for Continuous Short Circuit Protection, e.g.
R0.25S8-0505/P, R0.25S-0505/HP, R0.25D12-0505/HP
* add suffix -R for tape & reel packing e.g.
R0.25S-0505-R. For more details see Application Notes.
R0.25S
R0.25D(A)
ECONOLINE
DC/DC-Converter
Description
The R0.25S and R0.25D converters are
of the enclosed open frame type, i.e.
they are not potted.
The converters are typically used in
general purpose and industrial low
power isolation and voltage matching
applications where an SMD converter is
required.
The converter series feature an exten-
ded ambient temperature operating
range of -40°C ~ +100°C without
derating and optional continuous short
circuit protection.
In addition to single, dual and indepen-
dent outputs, two isolation options and
three different case formats, the
converters are also available prepacked
as tape and reel for use with automatic
insertion machines.
E-224736
Refer to Application Notes


Similar Part No. - R0.25D-0509

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R0.25D RECOM-R0.25D Datasheet
128Kb / 4P
   Fully RoHS 6/6 Conform
More results

Similar Description - R0.25D-0509

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-C191IR-A3 EHAOAN-EH-C191IR-A3 Datasheet
1Mb / 7P
   Features/Product Features
logo
Olitech Electronics Co....
BC546 OLITECH-BC546 Datasheet
850Kb / 4P
   FEATURES
logo
Roithner LaserTechnik G...
QL85F6SA ROITHNER-QL85F6SA Datasheet
69Kb / 3P
   FEATURES
logo
Fairchild Semiconductor
SGH13N60UFD FAIRCHILD-SGH13N60UFD Datasheet
308Kb / 8P
   FEATURES
logo
Olitech Electronics Co....
BC556 OLITECH-BC556 Datasheet
791Kb / 4P
   FEATURES
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
   Standard features, Features of the CPU08
logo
Grayhill, Inc
22-3 GRAYHILL-22-3 Datasheet
36Kb / 1P
   TRANSISTOR SOCKET FEATURES LAMP SOCKET FEATURES
logo
Freescale Semiconductor...
MC9RS08KA8RM FREESCALE-MC9RS08KA8RM Datasheet
2Mb / 190P
   MC9RS08KA8 Features
logo
List of Unclassifed Man...
HEDS-8904 ETC2-HEDS-8904 Datasheet
237Kb / 1P
   Description Features
logo
GOOD-ARK Electronics
GDSSF2318E GOOD-ARK-GDSSF2318E_15 Datasheet
295Kb / 4P
   GENERAL FEATURES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com