Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPCI-3615D525M2G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CPCI-3615D525M2G
Description  Up to 4GB DDR3-800 soldered memory
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPCI-3615D525M2G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CPCI-3615D525M2G Datasheet HTML 1Page - List of Unclassifed Manufacturers CPCI-3615D525M2G Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
I/O Table
Ordering Information
Model Number
Description/Configuration
Processor Blades
cPCI-3615D/N455/M2G
2-slot (8HP) 3U CompactPCI® blade with
Intel® Atom™ processor N455 and 2GB
DDR3-800 soldered memory
cPCI-3615/D525/M2G
1-slot (4HP) 3U CompactPCI® blade with
Intel® Atom™ processor D525 and 2GB
DDR3-800 soldered memory
cPCI-3615D/D525/M4G
2-slot (8HP) 3U CompactPCI® blade with
Intel® Atom™ Processor D525 and 4GB
DDR3-800 soldered memory
cPCI-3615P/N455/M2G
3-slot (12HP) 3U CompactPCI® blade with
Intel® Atom™ processor N455 and 2GB
DDR3-800 soldered memory
cPCI-EX3615D/D525/M4G
-40°C to 85°C screened cPCI-3615D/D525/
M4G
cPCI-ET3615D/D525/M2G
-20°C to 70°C screened cPCI-3615D/D525/
M4G
Rear Transition Modules
cPCI-R3610
8HP Rear I/O module for cPCI-3615 with
GbE x2,COM x2, USB x1, SATA x2, VGA,
50mm depth
cPCI-R3610T
8HP Rear I/O module for cPCI-3615 with
GbE x2,COM x2, USB x1, SATA x2, VGA,
80mm depth
(1) Switchable to front or rear by software selection.
Contact your ADLINK representative for different CPU, memory combinations.
cPCI-R3610T
GbE
USB 2.0
COM
VGA
PS/2
KB/MS
SATA
CF
Line-in
Line-out
PMC/
XMC
SBC
cPCI-3615
Faceplate
2
2
1
Onboard
1
cPCI-3615D
Faceplate
2
4
1
1
1
1
1
Onboard
1
(for 2.5” HDD)
1
cPCI-3615P
Faceplate
2
4
1
1
1
1
1
Onboard
1
(for 2.5” HDD)
1
1
RTM
cPCI-R3610(T)
Faceplate
2(1)
1
2
1(1)
Onboard
2
(7-pin)
LAN
SATA
USB
VGA
COM
4-8
7
2
1
3
4
5
6
9
8


Similar Part No. - CPCI-3615D525M2G

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
CPCI-3620 ADLINK-CPCI-3620 Datasheet
397Kb / 4P
   3U CompactPCI Quad-Core Intel Atom Processor
CPCI-3620D ADLINK-CPCI-3620D Datasheet
397Kb / 4P
   3U CompactPCI Quad-Core Intel Atom Processor
CPCI-3620N ADLINK-CPCI-3620N Datasheet
397Kb / 4P
   3U CompactPCI Quad-Core Intel Atom Processor
CPCI-3620S ADLINK-CPCI-3620S Datasheet
397Kb / 4P
   3U CompactPCI Quad-Core Intel Atom Processor
CPCI-3620T ADLINK-CPCI-3620T Datasheet
397Kb / 4P
   3U CompactPCI Quad-Core Intel Atom Processor
More results

Similar Description - CPCI-3615D525M2G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IPPC15A7-RE ETC2-IPPC15A7-RE Datasheet
245Kb / 1P
   DDR3-1066 memory supported, up to 4GB
logo
Protech Systems Co., Lt...
PSB-602LF PROTECHSYSTEMS-PSB-602LF Datasheet
503Kb / 2P
   Memory supports DDRII 800 SDRAM up to 4GB
logo
Axiomtek Co., Ltd.
IPC122-833-FL AXIOMTEK-IPC122-833-FL_16 Datasheet
517Kb / 2P
   DDR3-800/1066 SO-DIMM supports up to 4 GB memory
SHB111 AXIOMTEK-SHB111_16 Datasheet
177Kb / 1P
   2 DDR3-800/1066 DIMM support up to 8 GB memory capacity
logo
Hynix Semiconductor
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
H5TQ4G43MFR HYNIX-H5TQ4G43MFR Datasheet
486Kb / 34P
   4Gb DDR3 SDRAM
H5TQ4G43AFR HYNIX-H5TQ4G43AFR Datasheet
458Kb / 35P
   4Gb DDR3 SDRAM
logo
Axiomtek Co., Ltd.
SHB120 AXIOMTEK-SHB120_16 Datasheet
193Kb / 1P
   2 DDR3 DIMM support up to 16 GB memory
SHB102 AXIOMTEK-SHB102_14 Datasheet
179Kb / 2P
   4 DDR3-800/1066 DIMM support up to 8 GB
SHB102 AXIOMTEK-SHB102_16 Datasheet
215Kb / 1P
   4 DDR3-800/1066 DIMM support up to 8 GB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com