Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ1SMB10CAT3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # SZ1SMB10CAT3G
Description  600 Watt Peak Power Zener Transient Voltage Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZ1SMB10CAT3G Datasheet(HTML) 3 Page - ON Semiconductor

  SZ1SMB10CAT3G Datasheet HTML 1Page - ON Semiconductor SZ1SMB10CAT3G Datasheet HTML 2Page - ON Semiconductor SZ1SMB10CAT3G Datasheet HTML 3Page - ON Semiconductor SZ1SMB10CAT3G Datasheet HTML 4Page - ON Semiconductor SZ1SMB10CAT3G Datasheet HTML 5Page - ON Semiconductor SZ1SMB10CAT3G Datasheet HTML 6Page - ON Semiconductor SZ1SMB10CAT3G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1SMB10CAT3G Series, SZ1SMB10CAT3G Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS
Device*
Device
Marking
VRWM
(Note 4)
IR @ VRWM
Breakdown Voltage
VC @ IPP (Note 6)
Ctyp
(Note 7)
VBR (Note 5) Volts
@ IT
VC
IPP
Volts
mA
Min
Nom
Max
mA
Volts
Amps
pF
1SMB10CAT3G
1SMB11CAT3G
1SMB12CAT3G
1SMB13CAT3G
KXC
KZC
LEC
LGC
10
11
12
13
5.0
5.0
5.0
5.0
11.1
12.2
13.3
14.4
11.69
12.84
14.00
15.16
12.27
13.5
14.7
15.9
1.0
1.0
1.0
1.0
17.0
18.2
19.9
21.5
35.3
33.0
30.2
27.9
805
740
680
630
1SMB14CAT3G
1SMB15CAT3G
1SMB16CAT3G
1SMB17CAT3G
LKC
LMC
LPC
LRC
14
15
16
17
5.0
5.0
5.0
5.0
15.6
16.7
17.8
18.9
16.42
17.58
18.74
19.90
17.2
18.5
19.7
20.9
1.0
1.0
1.0
1.0
23.2
24.4
26.0
27.6
25.8
24.0
23.1
21.7
590
555
520
490
1SMB18CAT3G
1SMB20CAT3G
1SMB22CAT3G
1SMB24CAT3G
LTC
LVC
LXC
LZC
18
20
22
24
5.0
5.0
5.0
5.0
20.0
22.2
24.4
26.7
21.06
23.37
25.69
28.11
22.1
24.5
27.0
29.5
1.0
1.0
1.0
1.0
29.2
32.4
35.5
38.9
20.5
18.5
16.9
15.4
465
425
390
366
1SMB26CAT3G
1SMB28CAT3G
1SMB30CAT3G
1SMB33CAT3G
MEC
MGC
MKC
MMC
26
28
30
33
5.0
5.0
5.0
5.0
28.9
31.1
33.3
36.7
30.42
32.74
35.06
38.63
31.9
34.4
36.8
40.6
1.0
1.0
1.0
1.0
42.1
45.4
48.4
53.3
14.2
13.2
12.4
11.3
330
310
290
265
1SMB36CAT3G
1SMB40CAT3G
1SMB43CAT3G
1SMB45CAT3G
MPC
MRC
MTC
MVC
36
40
43
45
5.0
5.0
5.0
5.0
40.0
44.4
47.8
50.0
42.11
46.74
50.32
52.63
44.2
49.1
52.8
55.3
1.0
1.0
1.0
1.0
58.1
64.5
69.4
72.2
10.3
9.3
8.6
8.3
245
220
210
200
1SMB48CAT3G
1SMB51CAT3G
1SMB54CAT3G
1SMB58CAT3G
MXC
MZC
NEC
NGC
48
51
54
58
5.0
5.0
5.0
5.0
53.3
56.7
60.0
64.4
56.11
59.69
63.16
67.79
58.9
62.7
66.32
71.18
1.0
1.0
1.0
1.0
77.4
82.4
87.1
93.6
7.7
7.3
6.9
6.4
190
175
170
155
1SMB60CAT3G
1SMB64CAT3G
1SMB75CAT3G
NKC
NMC
NRC
60
64
75
5.0
5.0
5.0
66.7
71.1
83.3
70.21
74.84
91.65
73.72
78.58
92.07
1.0
1.0
1.0
96.8
103
121
6.2
5.8
4.9
150
145
125
4. A transient suppressor is normally selected according to the working peak reverse voltage (VRWM), which should be equal to or greater than
the DC or continuous peak operating voltage level.
5. VBR measured at pulse test current IT at an ambient temperature of 25C.
6. Surge current waveform per Figure 2 and derate per Figure 3 of the General Data − 600 Watt at the beginning of this group.
7. Bias Voltage = 0 V, F = 1 MHz, TJ = 25C
*Include SZ-prefix devices where applicable.


Similar Part No. - SZ1SMB10CAT3G

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SZ1SMB LITTELFUSE-SZ1SMB Datasheet
800Kb / 8P
   The SZ1SMB series is designed to protect voltage sensitive components from high voltage
logo
ON Semiconductor
SZ1SMB28AT3G ONSEMI-SZ1SMB28AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
SZ1SMB36CAT3G ONSEMI-SZ1SMB36CAT3G Datasheet
162Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
SZ1SMB5.0AT3G ONSEMI-SZ1SMB5.0AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
SZ1SMB5936T3G ONSEMI-SZ1SMB5936T3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
More results

Similar Description - SZ1SMB10CAT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NS6A5.0AT3G ONSEMI-NS6A5.0AT3G Datasheet
104Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
November, 2008 ??Rev. 1
P6SMB200AT3G ONSEMI-P6SMB200AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB15AT3G ONSEMI-P6SMB15AT3G Datasheet
168Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
P6SMB6.8AT3 ONSEMI-P6SMB6.8AT3 Datasheet
59Kb / 8P
   600 Watt Peak Power Zener Transient Voltage Suppressors
May, 2001 ??Rev. 5
NS6A5.0AF-D ONSEMI-NS6A5.0AF-D Datasheet
100Kb / 4P
   600 Watt Peak Power Zener Transient Voltage Suppressors
September, 2011 ??Rev. 0
SZP6SMB16AT3G ONSEMI-SZP6SMB16AT3G Datasheet
130Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
October, 2013 ??Rev. 13
1SMB10CAT3G ONSEMI-1SMB10CAT3G Datasheet
162Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
1SMB5.0AT3G ONSEMI-1SMB5.0AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
SZ1SMB28AT3G ONSEMI-SZ1SMB28AT3G Datasheet
163Kb / 7P
   600 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 13
P6SMB11CAT3 ONSEMI-P6SMB11CAT3 Datasheet
71Kb / 6P
   600 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com