Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR2207 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SDR2207
Description  SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDR2207 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SDR2207 Datasheet HTML 1Page - Bourns Electronic Solutions SDR2207 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SDR2207 Series - SMD Power Inductors
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
Available in E12 series
Low height of only 7.0 mm
Inductance as low as 0.78 µH
High current up to 16 amps
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communications equipment
• Camcorders
• LCD TVs
• Car radios
Electrical Specifications
Product Dimensions
Recommended Layout
General Specifications
Test Voltage.....................................0.1 V
Reflow soldering.....250 °C; 10 sec max.
(In compliance with JEDEC,
J-STD-020C, Table 4-2)
Operating Temperature
.....................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
.................................-40 °C to +125 °C
Resistance to Soldering Heat
............................250 °C, 10 sec. max.
Materials
Core.........................................Ferrite DR
Wire .............................Enameled copper
Terminal....................................Cu/Ag/Sn
Base................................Phenolic T375J
Adhesive ..............................Epoxy resin
Rated Current
...................Ind. drop 10 % typ. at Isat
Temperature Rise
......................40 °C max. at rated Irms
Packaging ....................250 pcs. per reel
22.0 ± 0.3
(.866 ± .012)
= START OF WINDING
7.0 + 0.8/-0.4
(.276 + .031/-.016)
15.0 ± 0.3
(.591 ± .012)
4.0
(.157)
13.5
(.531)
9.0
(.354)
Electrical Schematic
Inductance 100 KHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(µH)
Tol. %
Ref.
Frequency
Min.
Max.
Max.
Typ.
(MHz)
(MHz)
(mΩ)
(A)
(A)
SDR2207-R78ML
0.78
± 20
30
5
104.0
2.6
15.0
30.0
SDR2207-R80ML
0.8
± 20
30
5
102.0
2.8
16.0
35.0
SDR2207-1R2ML
1.2
± 20
30
3
70.0
3.8
15.0
30.0
SDR2207-1R5ML
1.5
± 20
30
3
60.0
5.0
15.0
25.0
SDR2207-1R8ML
1.8
± 20
31
3
51.0
4.5
13.0
25.0
SDR2207-2R2ML
2.2
± 20
35
3
51.0
7.5
13.0
20.0
SDR2207-2R7ML
2.7
± 20
38
3
51.0
7.0
10.0
20.0
SDR2207-3R3ML
3.3
± 20
38
3
39.0
7.8
9.0
17.0
SDR2207-3R9ML
3.9
± 20
38
3
36.0
12.0
9.0
15.0
SDR2207-4R7ML
4.7
± 20
38
3
33.0
8.8
8.5
15.0
SDR2207-5R6ML
5.6
± 20
50
3
30.0
13.4
7.8
14.0
SDR2207-6R0ML
6.0
± 20
43
3
28.0
17.0
7.5
12.0
SDR2207-6R8ML
6.8
± 20
38
3
27.0
14.2
7.5
12.0
SDR2207-7R8ML
7.8
± 20
36
3
26.0
20.0
7.5
11.0
SDR2207-8R2ML
8.2
± 20
35
3
25.0
15.5
7.0
11.0
SDR2207-100ML
10
± 20
53
5
20.0
17.2
6.5
10.0
SDR2207-120YL
12
± 15
50
5
19.0
23.6
5.5
9.5
SDR2207-150YL
15
± 15
38
5
16.0
28.8
5.0
9.0
SDR2207-180YL
18
± 15
46
5
15.0
33.0
4.6
8.0
SDR2207-220YL
22
± 15
27
3
14.0
39.4
4.0
6.5
SDR2207-270YL
27
± 15
22
3
12.0
43.5
3.8
6.0
SDR2207-330YL
33
± 15
27
3
11.0
58.4
3.4
5.5
SDR2207-390KL
39
± 10
18
3
10.0
65.0
3.2
5.2
SDR2207-470KL
47
± 10
27
3
9.0
91.2
2.8
5.0
SDR2207-560KL
56
± 10
25
2
8.3
96.5
2.6
4.5
SDR2207-680KL
68
± 10
18
2
7.9
112.0
2.4
4.0
SDR2207-820KL
82
± 10
28
2
6.5
144.0
2.3
3.5
SDR2207-101KL
100
± 10
18
2
6.2
168.0
2.2
3.0
SDR2207-121KL
120
± 10
20
2
6.0
230.0
1.6
3.0
SDR2207-151KL
150
± 10
22
2
5.8
250.0
1.5
2.6
SDR2207-181KL
180
± 10
20
2
5.7
300.0
1.3
2.5
SDR2207-221KL
220
± 10
19
2
5.5
380.0
1.2
2.4
SDR2207-271KL
270
± 10
17
2
5.3
470.0
1.1
2.2
SDR2207-331KL
330
± 10
20
1
5.1
560.0
1.0
1.9
SDR2207-391KL
390
± 10
17
1
4.9
680.0
0.9
1.7
SDR2207-471KL
470
± 10
19
1
4.7
850.0
0.8
1.4
SDR2207-561KL
560
± 10
18
1
4.5
1000
0.8
1.3
SDR2207-681KL
680
± 10
16
1
4.2
1100
0.7
1.2
SDR2207-821KL
820
± 10
16
1
3.9
1400
0.6
1.1
SDR2207-102KL
1000
± 10
15
1
3.5
1800
0.6
1.0
DIMENSIONS:
MM
(INCHES)


Similar Part No. - SDR2207

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDR2207 ETC-SDR2207 Datasheet
167Kb / 2P
   SMD Power Inductors
SDR2207-100M ETC-SDR2207-100M Datasheet
167Kb / 2P
   SMD Power Inductors
SDR2207-100ML ETC-SDR2207-100ML Datasheet
167Kb / 2P
   SMD Power Inductors
SDR2207-101K ETC-SDR2207-101K Datasheet
167Kb / 2P
   SMD Power Inductors
SDR2207-101KL ETC-SDR2207-101KL Datasheet
167Kb / 2P
   SMD Power Inductors
More results

Similar Description - SDR2207

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com