Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFT1350-TL-H Datasheet(PDF) 9 Page - ON Semiconductor

Part # SFT1350-TL-H
Description  P-Channel Power MOSFET 40V, 19A, 59m, Single TP/TP-FA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SFT1350-TL-H Datasheet(HTML) 9 Page - ON Semiconductor

  SFT1350-TL-H Datasheet HTML 1Page - ON Semiconductor SFT1350-TL-H Datasheet HTML 2Page - ON Semiconductor SFT1350-TL-H Datasheet HTML 3Page - ON Semiconductor SFT1350-TL-H Datasheet HTML 4Page - ON Semiconductor SFT1350-TL-H Datasheet HTML 5Page - ON Semiconductor SFT1350-TL-H Datasheet HTML 6Page - ON Semiconductor SFT1350-TL-H Datasheet HTML 7Page - ON Semiconductor SFT1350-TL-H Datasheet HTML 8Page - ON Semiconductor SFT1350-TL-H Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SFT1350
PS No. A1874-9/9
Note on usage : Since the SFT1350 is a MOSFET product, please avoid using this device in the vicinity of
highly charged objects.
ON Semiconductor and the ON logo are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number
of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at
www.onsemi.com/site/pdf/Patent-Marking.pdf. SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no
warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the
application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual
performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical
experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use
as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in
which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for
any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors
harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or
death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the
part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.


Similar Part No. - SFT1350-TL-H

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SFT1350-TL-H VBSEMI-SFT1350-TL-H Datasheet
971Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Similar Description - SFT1350-TL-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SFT1450-TL-H ONSEMI-SFT1450-TL-H Datasheet
412Kb / 9P
   N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1450-H ONSEMI-SFT1450-H Datasheet
412Kb / 9P
   N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1345-H ONSEMI-SFT1345-H Datasheet
387Kb / 9P
   Power MOSFET 100V, 11A, 275m, P-Channel Single TP/TP-FA
April, 2013
SFT1342-TL-E ONSEMI-SFT1342-TL-E Datasheet
411Kb / 9P
   P-Channel Power MOSFET ??0V, ??2A, 62m, Single TP/TP-FA
July, 2013
SFT1443 ONSEMI-SFT1443 Datasheet
418Kb / 9P
   N-Channel Power MOSFET 100V, 9A, 225m, Single TP/TP-FA
July, 2013
SFT1431-TL-E ONSEMI-SFT1431-TL-E Datasheet
409Kb / 9P
   N-Channel Power MOSFET 35V, 11A, 25m, Single TP/TP-FA
July, 2013
SFT1445-TL-H ONSEMI-SFT1445-TL-H Datasheet
420Kb / 9P
   N-Channel Power MOSFET 100V, 17A, 111m, Single TP/TP-FA
July, 2013
SFT1446-TL-H ONSEMI-SFT1446-TL-H Datasheet
424Kb / 10P
   N-Channel Power MOSFET 60V, 20A, 51m, Single TP/TP-FA
July, 2013
SFT1423-TL-E ONSEMI-SFT1423-TL-E Datasheet
409Kb / 9P
   N-Channel Power MOSFET 500V, 2A, 4.9, Single TP/TP-FA
July, 2013
2SC6097 ONSEMI-2SC6097 Datasheet
416Kb / 9P
   Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com