Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFT1345 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SFT1345
Description  Power MOSFET 100V, 11A, 275m, P-Channel Single TP/TP-FA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SFT1345 Datasheet(HTML) 1 Page - ON Semiconductor

  SFT1345 Datasheet HTML 1Page - ON Semiconductor SFT1345 Datasheet HTML 2Page - ON Semiconductor SFT1345 Datasheet HTML 3Page - ON Semiconductor SFT1345 Datasheet HTML 4Page - ON Semiconductor SFT1345 Datasheet HTML 5Page - ON Semiconductor SFT1345 Datasheet HTML 6Page - ON Semiconductor SFT1345 Datasheet HTML 7Page - ON Semiconductor SFT1345 Datasheet HTML 8Page - ON Semiconductor SFT1345 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
41013 TKIM/60612 TKIM/72011PA TKIM TC-00002610 No.8987-1/9
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
April, 2013
SFT1345
Power MOSFET
–100V, –11A, 275mΩ, P-Channel Single TP/TP-FA
Features
ON-resistance RDS(on)1=210mΩ(typ.)
Input Capacitance Ciss=1020pF(typ.)
4V drive
Halogen free compliance
Protection diode in
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--100
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--11
A
Drain Current (PW≤10μs)
IDP
PW≤10μs, duty cycle≤1%
--44
A
Allowable Power Dissipation
PD
1.0
W
Tc=25°C35
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions unit : mm (typ)
Package Dimensions unit : mm (typ)
7518-004
7003-004
Ordering number : EN8987B
T1345
LOT No.
TL
1
3
2,4
Ordering & Package Information
Marking
Electrical Connection
Device
Package
Shipping
memo
SFT1345-H
TP
(SC-64, TO-251)
500pcs./bag
Pb Free
and
Halogen Free
SFT1345-TL-H
TP-FA
(SC-63, TO-252)
700pcs./reel
Packing Type (TP-FA) : TL
6.5
5.0
2.3
0.5
12
4
3
0.85
0.7
1.2
0.6
0.5
2.3
2.3
1 : Gate
2 : Drain
3 : Source
4 : Drain
TP
6.5
5.0
2.3
0.5
12
4
3
0.85
0.6
0.5
1.2
2.3
2.3
0 to 0.2
1 : Gate
2 : Drain
3 : Source
4 : Drain
TP-FA
SFT1345-H
SFT1345-TL-H
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - SFT1345

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SFT1345 SANYO-SFT1345 Datasheet
363Kb / 4P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
SFT1345 ONSEMI-SFT1345 Datasheet
412Kb / 6P
   Power MOSFET
February 2016 - Rev. 1
SFT1345-H ONSEMI-SFT1345-H Datasheet
412Kb / 6P
   Power MOSFET
February 2016 - Rev. 1
SFT1345-TL-H ONSEMI-SFT1345-TL-H Datasheet
412Kb / 6P
   Power MOSFET
February 2016 - Rev. 1
More results

Similar Description - SFT1345

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SFT1431-TL-E ONSEMI-SFT1431-TL-E Datasheet
409Kb / 9P
   N-Channel Power MOSFET 35V, 11A, 25m, Single TP/TP-FA
July, 2013
SFT1443 ONSEMI-SFT1443 Datasheet
418Kb / 9P
   N-Channel Power MOSFET 100V, 9A, 225m, Single TP/TP-FA
July, 2013
SFT1445-TL-H ONSEMI-SFT1445-TL-H Datasheet
420Kb / 9P
   N-Channel Power MOSFET 100V, 17A, 111m, Single TP/TP-FA
July, 2013
SFT1350-TL-H ONSEMI-SFT1350-TL-H Datasheet
417Kb / 9P
   P-Channel Power MOSFET 40V, 19A, 59m, Single TP/TP-FA
July, 2013
SFT1342-TL-E ONSEMI-SFT1342-TL-E Datasheet
411Kb / 9P
   P-Channel Power MOSFET ??0V, ??2A, 62m, Single TP/TP-FA
July, 2013
SFT1450-TL-H ONSEMI-SFT1450-TL-H Datasheet
412Kb / 9P
   N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1450-H ONSEMI-SFT1450-H Datasheet
412Kb / 9P
   N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1446-TL-H ONSEMI-SFT1446-TL-H Datasheet
424Kb / 10P
   N-Channel Power MOSFET 60V, 20A, 51m, Single TP/TP-FA
July, 2013
SFT1423-TL-E ONSEMI-SFT1423-TL-E Datasheet
409Kb / 9P
   N-Channel Power MOSFET 500V, 2A, 4.9, Single TP/TP-FA
July, 2013
2SA2205 ONSEMI-2SA2205 Datasheet
365Kb / 9P
   Bipolar Transistor -100V, -2A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com