Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFT1345-H Datasheet(PDF) 8 Page - ON Semiconductor

Part # SFT1345-H
Description  Power MOSFET 100V, 11A, 275m, P-Channel Single TP/TP-FA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SFT1345-H Datasheet(HTML) 8 Page - ON Semiconductor

  SFT1345-H Datasheet HTML 1Page - ON Semiconductor SFT1345-H Datasheet HTML 2Page - ON Semiconductor SFT1345-H Datasheet HTML 3Page - ON Semiconductor SFT1345-H Datasheet HTML 4Page - ON Semiconductor SFT1345-H Datasheet HTML 5Page - ON Semiconductor SFT1345-H Datasheet HTML 6Page - ON Semiconductor SFT1345-H Datasheet HTML 7Page - ON Semiconductor SFT1345-H Datasheet HTML 8Page - ON Semiconductor SFT1345-H Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SFT1345
No.8987-8/9
Outline Drawing
SFT1345-H
Mass (g) Unit
0.315
* For reference mm


Similar Part No. - SFT1345-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SFT1345-H ONSEMI-SFT1345-H Datasheet
412Kb / 6P
   Power MOSFET
February 2016 - Rev. 1
More results

Similar Description - SFT1345-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SFT1431-TL-E ONSEMI-SFT1431-TL-E Datasheet
409Kb / 9P
   N-Channel Power MOSFET 35V, 11A, 25m, Single TP/TP-FA
July, 2013
SFT1443 ONSEMI-SFT1443 Datasheet
418Kb / 9P
   N-Channel Power MOSFET 100V, 9A, 225m, Single TP/TP-FA
July, 2013
SFT1445-TL-H ONSEMI-SFT1445-TL-H Datasheet
420Kb / 9P
   N-Channel Power MOSFET 100V, 17A, 111m, Single TP/TP-FA
July, 2013
SFT1350-TL-H ONSEMI-SFT1350-TL-H Datasheet
417Kb / 9P
   P-Channel Power MOSFET 40V, 19A, 59m, Single TP/TP-FA
July, 2013
SFT1342-TL-E ONSEMI-SFT1342-TL-E Datasheet
411Kb / 9P
   P-Channel Power MOSFET ??0V, ??2A, 62m, Single TP/TP-FA
July, 2013
SFT1450-TL-H ONSEMI-SFT1450-TL-H Datasheet
412Kb / 9P
   N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1450-H ONSEMI-SFT1450-H Datasheet
412Kb / 9P
   N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1446-TL-H ONSEMI-SFT1446-TL-H Datasheet
424Kb / 10P
   N-Channel Power MOSFET 60V, 20A, 51m, Single TP/TP-FA
July, 2013
SFT1423-TL-E ONSEMI-SFT1423-TL-E Datasheet
409Kb / 9P
   N-Channel Power MOSFET 500V, 2A, 4.9, Single TP/TP-FA
July, 2013
2SA2205 ONSEMI-2SA2205 Datasheet
365Kb / 9P
   Bipolar Transistor -100V, -2A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com