Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB01-15C Datasheet(PDF) 4 Page - ON Semiconductor

Part # SB01-15C
Description  Schottky Barrier Diode 150V, 0.1A, Low IR, Single CP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SB01-15C Datasheet(HTML) 4 Page - ON Semiconductor

  SB01-15C Datasheet HTML 1Page - ON Semiconductor SB01-15C Datasheet HTML 2Page - ON Semiconductor SB01-15C Datasheet HTML 3Page - ON Semiconductor SB01-15C Datasheet HTML 4Page - ON Semiconductor SB01-15C Datasheet HTML 5Page - ON Semiconductor SB01-15C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SB01-15C
No.A0407-4/6
Embossed Taping Specification
SB01-15C-TB-E


Similar Part No. - SB01-15C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB01-15C SANYO-SB01-15C Datasheet
48Kb / 3P
   150V, 100mA Rectifier
SB01-15CP SANYO-SB01-15CP Datasheet
27Kb / 3P
   150V, 100mA Rectifier
More results

Similar Description - SB01-15C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SB07-03C-TB-E ONSEMI-SB07-03C-TB-E Datasheet
321Kb / 6P
   Schottky Barrier Diode 30V, 0.7A, Low IR, Single CP
September, 2013
logo
Sanyo Semicon Device
SB3003CH SANYO-SB3003CH Datasheet
43Kb / 3P
   Low IR Schottky Barrier Diode Low IR Schottky Barrier Diode
logo
Fuji Electric
MS868C12 FUJI-MS868C12 Datasheet
625Kb / 5P
   Low IR Schottky Barrier Diode
PG865C15R FUJI-PG865C15R Datasheet
567Kb / 5P
   Low IR Schottky Barrier Diode
YA862C04R FUJI-YA862C04R Datasheet
134Kb / 3P
   Low IR Schottky barrier diode
TS862C10R FUJI-TS862C10R Datasheet
145Kb / 3P
   Low IR Schottky barrier diode
YG865C06R FUJI-YG865C06R Datasheet
134Kb / 3P
   Low IR Schottky barrier diode
YG868C04R FUJI-YG868C04R Datasheet
157Kb / 3P
   Low IR Schottky barrier diode
MS865C15 FUJI-MS865C15 Datasheet
524Kb / 5P
   Low IR Schottky Barrier Diode
YG862C06R FUJI-YG862C06R Datasheet
132Kb / 3P
   Low IR Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com