Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATCA-8202 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATCA-8202
Description  Built-in Layer 2 Base Interface switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATCA-8202 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATCA-8202 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATCA-8202 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.adlinktech.com/AdvancedTCA/
1-21
2U 2-slot AdvancedTCA® Shelf
aTCA-8202
Features
19” rackmount with 2U height and 15.3” depth
Built-in Layer 2 Base Interface switch
Dedicated Shelf Management Hub slot
Dual-bussed IPMB
No rear transition module (RTM) support
AC & DC versions
Specifications
Mechanical
19” rackmount, 2U height, 15.3” depth
Specification
Up to two standard AdvancedTCA® blades
Dedicated shelf management hub
Shelf Management
aCMM-2200 Shelf Management Hub
Supports multiple management interfaces:
- Command Line Interface (CLI)
- Two 10/100/1000BASE-T Gigabit Ethernet ports and one
serial console for management access
- Built-in Layer 2 GbE switch for Base Interface connectivity
Cooling System
Single hot-swappable IPMC controlled fan tray module
Right-to-left transverse airflow (push cooling)
Backplane
Dual-star topology Base Interface
Dual-star topology Fabric Interface
Dual-bussed IPMB
Power Input
DC version:
-40 V DC to -72 V DC
Nominal -48 V DC
Single power entry module
Carries up to 650 W (A or B)
AC version:
Built-in 650 W AC to -48 V DC power supply unit
AC input: 85 - 264 V AC, 47 - 63 Hz
Weight
11.5kg (including power supply)
Temperature
Operating: 0°C to 50°C
Storage: -20°C to 80°C
Humidity
5% to 95%, non-condensing
Dimensions
432 x 87 x 386.4 mm (W x H x D)
Compliance
AdvancedTCA® Specification PICMG® 3.0 R2.0
Certifications
CE, FCC, designed for NEBS Level 3
Front View
Built-in 650W AC-to-DC48V PSU
AC inlet with filter
AC version:
DC version:
Circuit breaker
Mechanical Layout
Ordering Information
Model Number
Description/Configuration
aTCA-8202/AC
2U 2-slot Rackmount AdvancedTCA® shelf with
single aCMM-2200 Shelf Management Hub, built-in
650 W AC to -48 V DC power supply unit
aTCA-8202/DC/NRTM
2U 2-slot Rackmount AdvancedTCA® shelf with
single aCMM-2200 Shelf Management Hub
(DC power)
Rear View


Similar Part No. - ATCA-8202

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATCA-8214 ETC2-ATCA-8214 Datasheet
1Mb / 2P
   Two shelf management controller slots
More results

Similar Description - ATCA-8202

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
EL228 REDLION-EL228 Datasheet
1Mb / 4P
   Layer 2 Industrial Ethernet Switch
logo
Weidmuller
2778990000 WEIDMULLER-2778990000 Datasheet
195Kb / 6P
   Layer 2 Network Switch, 19
November 4, 2021
logo
Rohm
BD8255MUV-M ROHM-BD8255MUV-M Datasheet
1Mb / 46P
   Built-in Serial Peripheral Interface
BD8256EFV-M ROHM-BD8256EFV-M Datasheet
1Mb / 50P
   Built-in Serial Peripheral Interface
logo
Weidmuller
2779010000 WEIDMULLER-2779010000 Datasheet
153Kb / 5P
   Layer 2 Network Switch, Modular, 19
November 4, 2021
2779020000 WEIDMULLER-2779020000 Datasheet
149Kb / 5P
   Layer 2 Network Switch, Modular, 19
November 4, 2021
logo
Hirose Electric
MS-151NB HIROSE-MS-151NB Datasheet
168Kb / 6P
   Interface RF Connector with Switch, built-in interlock, DC to 3GHz
logo
Source Photonics, Inc.
SPG-DR-LH-CDFC SOURCE-SPG-DR-LH-CDFC Datasheet
250Kb / 10P
   Built-in PHY supporting SGMII Interface
SPG-DR-FX-XDFC SOURCE-SPG-DR-FX-XDFC Datasheet
250Kb / 10P
   Built-in PHY supporting SGMII Interface
SPG-FE-FX-IDFC SOURCE-SPG-FE-FX-IDFC Datasheet
262Kb / 10P
   Built-in PHY supporting SGMII Interface
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com