Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR1307A-471K Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SDR1307A-471K
Description  SMD Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDR1307A-471K Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SDR1307A-471K Datasheet HTML 1Page - Bourns Electronic Solutions SDR1307A-471K Datasheet HTML 2Page - Bourns Electronic Solutions SDR1307A-471K Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
13.0 ± 0.7
(.512 ± .028)
13.0 ± 0.7
(.512 ± .028)
14.0
(.551)
14.0
(.551)
4.5
(.177)
7.0 ± 0.3
(.276 ± .012)
5.0
(.197)
REF.
Features
High saturation current - up to 20 A
Inductance range: 1.5 to 1000 µH
Heating current up to 9.5 A
AEC-Q200 qualified
RoHS compliant* and halogen free**
Applications
Automotive systems:
- Driver assistant
- Information
- Entertainment
- Lighting
DC/DC converters
Power supplies
SDR1307A Series - SMD Power Inductors
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
................................-40 °C to +125 °C
Resistance to Soldering Heat
............................. +245 °C for 10 sec.
Temperature Rise
......................40 °C typ. at rated I rms
Inductance Drop .......... 10 % typ. at I sat
Electrical Specifications @ 25 °C
Bourns
Part Number
Inductance
@ 100 KHz / 0.1 V
Q
(Ref.)
Test
Freq.
(MHz)
SRF
(MHz)
Typ.
DCR
(
Ω)
Max.
I rms
(A)
I sat
(A)
L (µH)
Tol. (%)
SDR1307A-1R5M
1.5
±20
20
7.96
65
0.005
9.5
20
SDR1307A-2R2M
2.2
±20
22
7.96
50
0.006
9.0
18
SDR1307A-2R7M
2.7
±20
24
7.96
40
0.008
8.2
16
SDR1307A-3R3M
3.3
±20
26
7.96
38
0.0087
7.5
15
SDR1307A-4R7M
4.7
±20
25
7.96
36
0.01
7.0
13
SDR1307A-5R6M
5.6
±20
24
7.96
28
0.015
6.5
11
SDR1307A-6R8M
6.8
±20
24
7.96
26
0.017
6.0
10.5
SDR1307A-8R2M
8.2
±20
24
7.96
24
0.019
5.8
9.8
SDR1307A-100M
10
±20
22
2.52
22
0.021
5.6
9.2
SDR1307A-120M
12
±20
25
2.52
20
0.03
4.8
8
SDR1307A-150M
15
±20
28
2.52
17
0.034
4.5
7.5
SDR1307A-180M
18
±20
28
2.52
16
0.036
4.2
7
SDR1307A-220M
22
±20
40
2.52
15
0.047
3.6
6.5
SDR1307A-270M
27
±20
35
2.52
11
0.06
3.3
5.5
SDR1307A-330K
33
±10
35
2.52
10
0.065
3.1
5
SDR1307A-390K
39
±10
28
2.52
9
0.075
2.9
4.6
SDR1307A-470K
47
±10
24
2.52
7.5
0.082
2.7
4.2
SDR1307A-560K
56
±10
22
2.52
7.2
0.10
2.5
3.8
SDR1307A-680K
68
±10
24
2.52
7
0.12
2.3
3.5
SDR1307A-820K
82
±10
18
2.52
6
0.14
2.1
3.2
SDR1307A-101K
100
±10
25
0.796
5.8
0.18
1.9
3
SDR1307A-121K
120
±10
20
0.796
5.5
0.21
1.8
2.8
SDR1307A-151K
150
±10
20
0.796
4.5
0.25
1.6
2.6
SDR1307A-181K
180
±10
18
0.796
4
0.28
1.5
2.3
SDR1307A-221K
220
±10
15
0.796
3.8
0.36
1.3
2.1
SDR1307A-271K
270
±10
15
0.796
3.5
0.41
1.2
1.8
SDR1307A-331K
330
±10
15
0.796
3.2
0.52
1.1
1.6
SDR1307A-391K
390
±10
12
0.796
2.5
0.60
1.0
1.5
SDR1307A-471K
470
±10
12
0.796
2.2
0.72
0.9
1.4
SDR1307A-561K
560
±10
10
0.796
2
0.88
0.85
1.3
SDR1307A-681K
680
±10
10
0.796
1.6
1.0
0.8
1.2
SDR1307A-821K
820
±10
10
0.796
1.5
1.3
0.75
1.1
SDR1307A-102K
1000
±10
10
0.252
1.4
1.6
0.65
1
General Specifications
Core..............................................Ferrite
Wire ............................Enameled copper
Terminal Finish .........................Ag/Ni/Sn
Packaging.................... 400 pcs. per reel
Materials
Product Dimensions
Recommended Layout
Electrical Schematic
DIMENSIONS:
MM
(INCHES)
How to Order
SDR1307A - 100M
Model
Value Code (see table)
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
** Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less;
(b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.


Similar Part No. - SDR1307A-471K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
97Kb / 1P
   SMD POWER INDUCTOR
SDR1307 BOURNS-SDR1307 Datasheet
135Kb / 2P
   SMD Power Inductors
SDR1307-100ML BOURNS-SDR1307-100ML Datasheet
202Kb / 2P
   SMD Power Inductors
SDR1307-100ML BOURNS-SDR1307-100ML Datasheet
135Kb / 2P
   SMD Power Inductors
More results

Similar Description - SDR1307A-471K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com