Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1819 Datasheet(PDF) 2 Page - ON Semiconductor

Part # P1819
Description  Notebook LCD Panel EMI Reduction IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P1819 Datasheet(HTML) 2 Page - ON Semiconductor

  P1819 Datasheet HTML 1Page - ON Semiconductor P1819 Datasheet HTML 2Page - ON Semiconductor P1819 Datasheet HTML 3Page - ON Semiconductor P1819 Datasheet HTML 4Page - ON Semiconductor P1819 Datasheet HTML 5Page - ON Semiconductor P1819 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P1819
Rev.3 | Page 2 of 6 | www.onsemi.com
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
P1819B
P1819G
1
1
XIN / CLKIN
I
Crystal Connection or external frequency input. This pin
has dual functions. It can be connected to either an
external crystal or an external reference clock.
2
2
VSS
P
Ground Connection. Connect to system ground.
3
SRS
I
Spread range select. Digital logic input used to select
frequency deviation (Refer to Spread Deviation Selection
Table). This pin has an internal pull-up resistor.
3
3
D_C / NC
I
Digital logic input used to select Down (LOW) or Center
(HIGH) spread options (Refer to Spread Deviation
Selection
Table). This pin has an internal pull-up
resistor.
4
4
ModOUT
O
Spread spectrum clock output. (Refer to Input Frequency
and Modulation Rate
Table and Spread Deviation
Selection
Table).
5
5
REF
O
Non-modulated Reference clock output of the input
frequency.
6
6
PD#
I
Power down control pin. Pull XIN/CLKIN and PD# LOW
to enable Power-Down mode. This pin has an internal
pull-up resistor.
7
7
VDD
P
Power Supply for the entire chip.
8
8
XOUT
O
Crystal Connection. Input connection for an external
crystal. If using an external reference, this pin must be
left unconnected.
Note: Pin 3 is NC in P1819Q.
Input Frequency and Modulation Rate
Part Number
Input Frequency Range
Output Frequency range
Modulation rate
P1819
20MHz to 40MHz
20MHz to 40MHz
Input Frequency / 896
VDD
PD#
XOUT
REF
1
2
3
4
5
6
7
8
P1819 B
XIN / CLKIN
VSS
SRS
ModOUT
VDD
REF
1
2
3
4
5
6
7
8
P1819 G
XIN / CLKIN
VSS
D_C / NC
ModOUT
PD#
XOUT


Similar Part No. - P1819

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P1819 ALSC-P1819 Datasheet
370Kb / 9P
   Notebook LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
P1819 PULSECORE-P1819 Datasheet
180Kb / 8P
   Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1819 ONSEMI-P1819 Datasheet
264Kb / 6P
   Notebook LCD Panel EMI Reduction IC
NOVEMBER 2010 ??Rev. 3.1
logo
Alliance Semiconductor ...
P1819A-08SR ALSC-P1819A-08SR Datasheet
60Kb / 8P
   Low Power Mobile VGA EMI Reduction IC
P1819A-08SR ALSC-P1819A-08SR Datasheet
370Kb / 9P
   Notebook LCD Panel EMI Reduction IC
More results

Similar Description - P1819

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P1707A ONSEMI-P1707A Datasheet
113Kb / 6P
   Notebook LCD Panel EMI Reduction IC
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM3P18S19B ALSC-ASM3P18S19B Datasheet
197Kb / 7P
   Notebook LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P18S19B PULSECORE-ASM3P18S19B Datasheet
185Kb / 7P
   Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1708C ONSEMI-P1708C Datasheet
174Kb / 7P
   Notebook LCD Panel EMI Reduction IC
FEBRUARY 2010 ??Rev. 2
P1727 ONSEMI-P1727 Datasheet
131Kb / 6P
   Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
P1707A ALSC-P1707A Datasheet
209Kb / 10P
   Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P3P18S19B ONSEMI-P3P18S19B Datasheet
218Kb / 5P
   Notebook LCD Panel EMI Reduction IC
October 2010 ??Rev
logo
Alliance Semiconductor ...
P1819 ALSC-P1819 Datasheet
370Kb / 9P
   Notebook LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
P1707A PULSECORE-P1707A Datasheet
176Kb / 7P
   Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1819GF-08SR ONSEMI-P1819GF-08SR Datasheet
264Kb / 6P
   Notebook LCD Panel EMI Reduction IC
NOVEMBER 2010 ??Rev. 3.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com