Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ARA1400S12 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ARA1400S12
Description  CATV Reverse Amplifier with step Attenuator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ARA1400S12 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ARA1400S12 Datasheet HTML 1Page - ANADIGICS, Inc ARA1400S12 Datasheet HTML 2Page - ANADIGICS, Inc ARA1400S12 Datasheet HTML 3Page - ANADIGICS, Inc ARA1400S12 Datasheet HTML 4Page - ANADIGICS, Inc ARA1400S12 Datasheet HTML 5Page - ANADIGICS, Inc ARA1400S12 Datasheet HTML 6Page - ANADIGICS, Inc ARA1400S12 Datasheet HTML 7Page - ANADIGICS, Inc ARA1400S12 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
2
ARA1400S12
CATV REVERSEAMPLIFIER WITH STEPATTENUATOR
Advanced Product Information Rev. 2
Notes:
1. As measured in ANADIGICS test fixture
2. At +60 dBmV output level into 75 ohm load
ELECTRICAL CHARACTERISTICS (TYPICAL) (V
DD=5 VDC, TC=25 °C)
R
E
T
E
M
A
R
A
PN
I
MP
Y
TX
A
MT
I
N
US
T
N
E
M
M
O
C
n
i
a
G
1
0
32
33
3B
d
n
o
it
a
u
n
e
t
t
a
B
d
0
t
A
g
n
it
t
e
s
s
s
e
n
t
a
l
F
n
i
a
G
1
-5
7
.
0-
B
dz
H
M
0
0
1
o
t
5
p
m
e
T
r
e
v
O
n
o
it
a
i
r
a
V
n
i
a
G-
6
0
0
.
0
--
c
°
/
B
d
s
p
e
t
S
n
o
it
a
u
n
e
t
t
A
1
B
d
4
B
d
8
B
d
6
1
B
d
2
3
6
.
3
7
.
7
3
.
5
1
0
.
1
3
9
.
3
0
.
8
7
.
5
1
5
.
1
3
2
.
4
3
.
8
1
.
6
1
0
.
2
3
B
d
2 d
n
l
e
v
e
L
n
o
it
r
o
t
s
i
D
c
i
n
o
m
r
a
H
2
z
H
M
0
1-
7
5
-2
5
-c
B
dV
m
B
d
0
6
+
t
a
3 d
r
l
e
v
e
L
n
o
it
r
o
t
s
i
D
c
i
n
o
m
r
a
H
2
z
H
M
0
1-
4
6
-6
5
-c
B
dV
m
B
d
0
6
+
t
a
3 d
r
t
n
i
o
P
t
p
e
c
r
e
t
n
I
t
u
p
t
u
O
r
e
d
r
O8
7-
-
V
m
B
d
t
n
i
o
P
n
o
i
s
s
e
r
p
m
o
C
n
i
a
G
B
d
10
7-
V
m
B
d
e
r
u
g
i
F
e
s
i
o
N-
7
.
15
.
2B
d
r
e
w
o
P
e
s
i
o
N
t
u
p
u
O
g
n
it
t
e
S
.
n
t
t
A
n
i
M
/l
a
n
g
i
S
o
N
/
e
v
it
c
A
g
n
it
t
e
S
.
n
t
t
A
x
a
M
/l
a
n
g
i
S
o
N
/
e
v
it
c
A
-
-
-
-
6
.
4
2
-
6
.
1
4
-
V
m
B
d
z
H
K
0
0
2
3
y
n
A
m
o
r
f
h
t
d
i
w
d
n
a
b
z
H
M
2
4
-
5
z
H
M
5
4
t
a
n
o
it
a
l
o
s
I
h
c
t
i
w
S-
5
30
3B
d
t
u
p
t
u
o
n
i
e
c
n
e
r
e
f
f
i
D
n
e
e
w
t
e
b
l
e
v
e
l
l
a
n
g
i
s
y
b
d
n
a
t
s
d
n
a
e
v
it
c
a
e
c
n
a
d
e
p
m
I
t
u
p
n
I
1
-5
7-
m
h
o
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I
1
-0
2
-5
1
-B
d
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
1
-5
7-
m
h
o
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O
1
-0
2
-5
1
-B
dd
e
l
b
a
n
e
x
T
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O
1
-2
1
-0
1
-B
dd
e
l
b
a
s
i
d
x
T
c
i
g
o
L
l
o
r
t
n
o
C
h
c
t
i
w
S
t
u
p
t
u
OL
I
V
H
I
V
0
8
.
2
-
-
1
V
D
D
V
V
)
N
E
P
O
(
)
D
E
S
O
L
C
(
e
c
n
a
d
e
p
m
I
l
o
r
t
n
o
C
h
c
t
i
w
S
t
u
p
t
u
O-
K
0
1-
m
h
o
V
1
D
D
V
,
2
D
D
-5
7
V
V
D
D
l
a
t
i
g
i
D-
5
-
V
n
w
o
d
t
u
h
S
V5
.
1
--
2
-V
I
1
D
D
-4
75
9A
m
I
2
D
D
-8
0
10
3
1A
m
I
D
D
l
a
t
i
g
i
D-
2
10
2A
m
n
o
it
p
m
u
s
n
o
C
r
e
w
o
P-
7
9
.
03
2
.
1W
c
i
g
o
L
l
o
r
t
n
o
C
r
o
t
a
u
n
e
t
t
A
4
L
I
V
H
I
V
0
7
.
2
-
-
5
.
0
5
.
6
s
tl
o
V
d
e
l
b
a
s
i
D
.
n
t
t
A
d
e
l
b
a
n
E
.
n
t
t
A
e
c
n
a
d
e
p
m
I
l
o
r
t
n
o
C
r
o
t
a
u
n
e
t
t
A-
K
5-
m
h
o


Similar Part No. - ARA1400S12

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA1400S12C ANADIGICS-ARA1400S12C Datasheet
284Kb / 12P
   Reverse Amplifier with Step Attenuator
ARA1400S12CTR ANADIGICS-ARA1400S12CTR Datasheet
284Kb / 12P
   Reverse Amplifier with Step Attenuator
More results

Similar Description - ARA1400S12

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ARA2000S23 ANADIGICS-ARA2000S23 Datasheet
277Kb / 16P
   CATV Reverse Amplifier with step Attenuator
ARA2001S23 ANADIGICS-ARA2001S23 Datasheet
274Kb / 16P
   CATV Reverse Amplifier with step Attenuator
ARA05050S12-1 ANADIGICS-ARA05050S12-1 Datasheet
1Mb / 12P
   CATV Reverse Amplifier w/step Attenuator
ARA05050S12 ANADIGICS-ARA05050S12 Datasheet
3Mb / 12P
   CATV Reverse Amplifier w/step Attenuator
ARA1400 ANADIGICS-ARA1400 Datasheet
284Kb / 12P
   Reverse Amplifier with Step Attenuator
ARA2004 ANADIGICS-ARA2004 Datasheet
264Kb / 20P
   Reverse Amplifier with Step Attenuator
ARA2008 ANADIGICS-ARA2008 Datasheet
115Kb / 8P
   Reverse Amplifier with Step Attenuator
ARA05050 ANADIGICS-ARA05050 Datasheet
551Kb / 16P
   Reverse Amplifier with Step Attenuator
ARA2005 ANADIGICS-ARA2005 Datasheet
227Kb / 16P
   Reverse Amplifier with Step Attenuator
logo
Skyworks Solutions Inc.
ARA05050 SKYWORKS-ARA05050 Datasheet
2Mb / 16P
   Reverse Amplifier with Step Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com