Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1816 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SD1816
Description  Bipolar Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1816 Datasheet(HTML) 4 Page - ON Semiconductor

  2SD1816 Datasheet HTML 1Page - ON Semiconductor 2SD1816 Datasheet HTML 2Page - ON Semiconductor 2SD1816 Datasheet HTML 3Page - ON Semiconductor 2SD1816 Datasheet HTML 4Page - ON Semiconductor 2SD1816 Datasheet HTML 5Page - ON Semiconductor 2SD1816 Datasheet HTML 6Page - ON Semiconductor 2SD1816 Datasheet HTML 7Page - ON Semiconductor 2SD1816 Datasheet HTML 8Page - ON Semiconductor 2SD1816 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SB1216 / 2SD1816
No.2540-4/9
2SB1216 / 2SD1816
f=1MHz
0.1
5
100
10
3
2
3
2
7
5
2
1.0
25
3
35
7
2
35
7
2SB1216 / 2SD1816
VCE=10V
ITR09258
2SB1216
2SD1816
Cob -- VCB
10
1.0
3
2
100
5
3
2
7
7
5
57
10
22
35
7
23
5
7
100
ITR09259
2SB1216
2SD1816
ITR09265
0
1
25
20
15
10
5
100
140 150
120
160
20
060
40
80
2SD1816
IC / IB=10
52
3
5
2
3
5
--1.0
23
5
--10
--0.1
--0.01
--10
3
2
7
5
3
7
5
--1.0
2
ITR09262
2SB1216
IC / IB=10
2SD1816
IC / IB=10
ITR09260
2SB1216
IC / IB=10
Ta= --25°C
25
°C
75°C
Ta=75°
C
25°C
--25
°C
0.1
1.0
0.01
52
3
5
2
10
35
2
3
5
5
3
2
5
3
2
1000
7
5
3
2
7
100
10
ITR09261
Ta=75
°C
25°C
--25°C
52
3
5
2
3
5
0.01
0.1
1.0
23
5
10
10
3
2
7
5
3
7
5
1.0
2
ITR09263
Ta= --25°C
25
°C
75°C
ITR09264
IC
ICP
DC
operation
(T
a=25
°C)
10
1.0
5
3
2
5
3
2
5
3
2
5
0.1
0.01
25
3
1.0
25
3
10
25
3
100
2
--0.1
--1.0
--0.01
52
3
5
2
3
5
2
3
5
--10
5
3
2
5
3
2
--1000
5
3
2
--100
--10
Tc=25
°C
Single pulse
For PNP, the minus sign is omitted.
2SB1216 / 2SD1816
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
fT -- IC
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
VBE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
A S O
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
PC -- Ta
For PNP, the minus sign is omitted.
For PNP, the minus sign is omitted.
No heat sink
Ideal
heat
dissipation


Similar Part No. - 2SD1816

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1816 SANYO-2SD1816 Datasheet
126Kb / 4P
   High-Current Switching Applications
logo
Unisonic Technologies
2SD1816 UTC-2SD1816 Datasheet
219Kb / 4P
   HIGH CURRENT SWITCHIG APPLICATIONS
logo
Sanyo Semicon Device
2SD1816 SANYO-2SD1816 Datasheet
154Kb / 5P
   High-Current Switching Applications
logo
Unisonic Technologies
2SD1816 UTC-2SD1816 Datasheet
243Kb / 5P
   HIGH CURRENT SWITCHIG APPLICATION
logo
ON Semiconductor
2SD1816 ONSEMI-2SD1816 Datasheet
366Kb / 9P
   Bipolar Transistor (-)100V, (-)4A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results

Similar Description - 2SD1816

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SB815-7 ONSEMI-2SB815-7 Datasheet
68Kb / 4P
   Bipolar Transistor
November, 2013
2SA1417 ONSEMI-2SA1417 Datasheet
337Kb / 7P
   Bipolar Transistor
September, 2013
PCP1208 ONSEMI-PCP1208 Datasheet
379Kb / 7P
   Bipolar Transistor
May, 2013
2SB1216 ONSEMI-2SB1216 Datasheet
468Kb / 7P
   Bipolar Transistor
March 2016 - Rev. 2
EN6078C ONSEMI-EN6078C Datasheet
662Kb / 7P
   Bipolar Transistor
September, 2013
EN7198B ONSEMI-EN7198B Datasheet
418Kb / 7P
   Bipolar Transistor
August, 2013
EN7221B ONSEMI-EN7221B Datasheet
651Kb / 7P
   Bipolar Transistor
September, 2013
2SC6082 ONSEMI-2SC6082 Datasheet
242Kb / 7P
   Bipolar Transistor
September, 2013
2SD1620 ONSEMI-2SD1620 Datasheet
290Kb / 6P
   Bipolar Transistor
September, 2013
50A02MH ONSEMI-50A02MH Datasheet
376Kb / 7P
   Bipolar Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com