Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR1006-392KL Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SDR1006-392KL
Description  SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDR1006-392KL Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SDR1006-392KL Datasheet HTML 1Page - Bourns Electronic Solutions SDR1006-392KL Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SDR1006 Series - SMD Power Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
I Available in E12 series
I Small design of only 9.8 mm maximum
diameter
I RoHS compliant*
Applications
I Input/output of DC/DC converters
I Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
CD players
Car radios
Electrical Specifications
General Specifications
Test Frequency ..............................1 KHz
Test Voltage........................................1 V
Reflow Soldering ...230 °C, 50 sec. max.
Operating Temperature ..-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
..................................260 °C for 5 sec.
Materials
Core ...............................Ferrite DR core
Wire ...................Enamelled copper wire
Terminal.....................................Ag/Ni/Sn
Rated Current
...................Ind. drop 10 % typ. at Isat
Temperature Rise
......................40 °C max. at rated Irms
Packaging.....................800 pcs. per reel
Product Dimensions
Recommended Layout
9.8
(.386)
MAX.
5.8
(.228)
MAX.
DIMENSIONS:
MM
(INCHES)
9.8
(.386)
MAX.
2.9
(.114)
TYP.
10.0
(.394)
MAX.
2.8
(.110)
MAX.
10.0
(.394)
MAX.
Typical Part Marking
101
Inductance 1kHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(
µ
µH)
Tol. %
Ref.
Frequency
Min.
Max.
Max.
Typ.
(MHz)
(MHz)
(
Ω)
(A)
(A)
SDR1006-1R5ML
1.5
± 20
35
7.96
105
0.018
6.40
10.00
SDR1006-2R2ML
2.2
± 20
35
7.96
68
0.021
5.40
10.00
SDR1006-3R3ML
3.3
± 20
34
7.96
55
0.024
5.00
10.00
SDR1006-3R9ML
3.9
± 20
34
7.96
48
0.027
4.60
8.40
SDR1006-4R7ML
4.7
± 20
33
7.96
40
0.036
4.00
7.30
SDR1006-5R6ML
5.6
± 20
33
7.96
35
0.040
3.80
6.40
SDR1006-6R8ML
6.8
± 20
33
7.96
32
0.044
3.40
5.90
SDR1006-8R2ML
8.2
± 20
31
7.96
24
0.048
3.00
5.40
SDR1006-100ML
10
± 20
30
2.52
21
0.060
2.60
5.10
SDR1006-120ML
12
± 20
30
2.52
20
0.070
2.45
4.50
SDR1006-150ML
15
± 20
30
2.52
16
0.080
2.25
4.00
SDR1006-180ML
18
± 20
30
2.52
15
0.090
2.15
3.80
SDR1006-220ML
22
± 20
25
2.52
13
0.10
1.95
3.50
SDR1006-270KL
27
± 10
25
2.52
11
0.11
1.75
3.40
SDR1006-330KL
33
± 10
25
2.52
10
0.12
1.50
2.90
SDR1006-390KL
39
± 10
20
2.52
9.0
0.14
1.35
2.60
SDR1006-470KL
47
± 10
20
2.52
8.0
0.17
1.25
2.30
SDR1006-560KL
56
± 10
20
2.52
7.5
0.19
1.15
2.10
SDR1006-680KL
68
± 10
15
2.52
7.0
0.22
1.10
2.00
SDR1006-820KL
82
± 10
15
2.52
6.0
0.25
1.00
1.90
SDR1006-101KL
100
± 10
15
0.796
5.2
0.35
0.97
1.70
SDR1006-121KL
120
± 10
15
0.796
5.0
0.40
0.89
1.50
SDR1006-151KL
150
± 10
15
0.796
4.5
0.47
0.78
1.40
SDR1006-181KL
180
± 10
12
0.796
4.0
0.63
0.72
1.30
SDR1006-221KL
220
± 10
12
0.796
3.8
0.73
0.66
1.10
SDR1006-271KL
270
± 10
12
0.796
3.5
0.97
0.57
1.00
SDR1006-331KL
330
± 10
12
0.796
3.2
1.15
0.52
0.85
SDR1006-391KL
390
± 10
12
0.796
3.0
1.30
0.48
0.80
SDR1006-471KL
470
± 10
12
0.796
2.5
1.48
0.42
0.80
SDR1006-561KL
560
± 10
12
0.796
2.3
1.90
0.33
0.66
SDR1006-681KL
680
± 10
12
0.796
2.1
2.25
0.28
0.65
SDR1006-821KL
820
± 10
10
0.796
2.0
2.55
0.24
0.56
SDR1006-102KL
1000
± 10
30
0.252
1.9
3.10
0.23
0.53
SDR1006-122KL
1200
± 10
31
0.252
1.8
4.20
0.21
0.48
SDR1006-152KL
1500
± 10
31
0.252
1.7
5.00
0.19
0.45
SDR1006-182KL
1800
± 10
31
0.252
1.6
6.80
0.17
0.38
SDR1006-222KL
2200
± 10
31
0.252
1.5
7.60
0.16
0.36
SDR1006-272KL
2700
± 10
32
0.252
1.4
11.60
0.14
0.33
SDR1006-332KL
3300
± 10
32
0.252
1.3
13.50
0.12
0.30
SDR1006-392KL
3900
± 10
32
0.252
1.2
14.80
0.11
0.28
SDR1006-472KL
4700
± 10
32
0.252
0.8
18.00
0.10
0.24


Similar Part No. - SDR1006-392KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1006-392KL BOURNS-SDR1006-392KL Datasheet
169Kb / 2P
   SMD Power Inductors
More results

Similar Description - SDR1006-392KL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com