Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7154HV2 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAA7154HV2
Description  Multistandard video decoder with comb filter, component input and RGB output
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAA7154HV2 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAA7154HV2 Datasheet HTML 5Page - NXP Semiconductors SAA7154HV2 Datasheet HTML 6Page - NXP Semiconductors SAA7154HV2 Datasheet HTML 7Page - NXP Semiconductors SAA7154HV2 Datasheet HTML 8Page - NXP Semiconductors SAA7154HV2 Datasheet HTML 9Page - NXP Semiconductors SAA7154HV2 Datasheet HTML 10Page - NXP Semiconductors SAA7154HV2 Datasheet HTML 11Page - NXP Semiconductors SAA7154HV2 Datasheet HTML 12Page - NXP Semiconductors SAA7154HV2 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 90 page
background image
SAA7154E_SAA7154H_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 6 December 2007
9 of 90
NXP Semiconductors
SAA7154E; SAA7154H
Multistandard video decoder with comb filter
[1]
i.c.: internally connected; leave open. n.c.: not connected.
6.2 Pin description
Pins sorted by functions.
29
AI12
69
RTS0
109
HPD4
149
TMS
30
AI1D
70
RTS1
110
HPD3
150
TDO
31
AI13
71
RTCO
111
HPD2
151
VDDD13
32
VDDA1
72
AMCLK
112
HPD1
152
TDI
33
VDDA1A
73
VDDD5
113
HPD0
153
VSSD13
34
AI14
74
ASCLK
114
VDDD9
154
VSSA(XTAL)
35
AGNDA
75
ALRCLK
115
IXD7
155
XTALI
36
AOUT1
76
AMXCLK
116
IXD6
156
XTALO
37
VDDA0
77
ITRDY
117
IXD5
157
VDDA(XTAL)
38
VSSA0
78
OSD2
118
IXD4
158
XTOUT
39
AOUT2
79
OSD1
119
IXD3
159
n.c.
40
VDDA_C18
80
n.c.
120
IXD2
160
n.c.
Table 3.
Pin allocation table QFP160 package[1] …continued
Pin
Symbol
Pin
Symbol
Pin
Symbol
Pin
Symbol
Table 4.
Pin description
Symbol
Pin
Type[1] Description
QFP160 LBGA156
Supplies (analog)
AGND
3
C2
P
analog signal ground
AGNDA
35
L2
P
analog signal ground
VDDA0
37
M3
P
analog supply voltage (3.3 V)
VDDA1
32
K4
P
analog supply voltage for analog inputs AI1x (3.3 V)
VDDA1A
33
L1
P
analog supply voltage for analog inputs AI1x (3.3 V)
VDDA2
24
H4
P
analog supply voltage for analog inputs AI2x (3.3 V)
VDDA2A
25
J1
P
analog supply voltage for analog inputs AI2x (3.3 V)
VDDA3
16
F4
P
analog supply voltage for analog inputs AI3x (3.3 V)
VDDA3A
17
G2
P
analog supply voltage for analog inputs AI3x (3.3 V)
VDDA4
8
D4
P
analog supply voltage for analog inputs AI4x (3.3 V)
VDDA4A
9
E2
P
analog supply voltage for analog inputs AI4x (3.3 V)
VDDA(XTAL)
157
B3
P
crystal analog supply voltage (1.8 V)
VDDA_A18
40
N2
P
analog supply voltage (1.8 V)
VDDA_C18
41
P2
P
analog supply voltage (1.8 V)
VSSA0
38
M2
P
analog ground
VSSA1
28
J4
P
ground for analog inputs AI1x
VSSA2
20
H3
P
ground for analog inputs AI2x
VSSA3
12
E4
P
ground for analog inputs AI3x
VSSA4
4
C1
P
ground for analog inputs AI4x
VSSA(XTAL)
154
A4
P
crystal analog ground


Similar Part No. - SAA7154HV2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7151 PHILIPS-SAA7151 Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7152 PHILIPS-SAA7152 Datasheet
69Kb / 15P
   Digital Video Comb Filter DCF
August 1996
SAA7157 PHILIPS-SAA7157 Datasheet
80Kb / 12P
   Clock signal generator circuit for digital TV systems SCGC
May 1992
More results

Similar Description - SAA7154HV2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
   Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
logo
NXP Semiconductors
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
logo
Renesas Technology Corp
TW9906 RENESAS-TW9906 Datasheet
201Kb / 2P
   3x10-bit Multi-Standard Comb Filter Video Decoder with YCbCr Component Input
logo
Toshiba Semiconductor
TC90A92AFG TOSHIBA-TC90A92AFG Datasheet
466Kb / 34P
   3D comb and Video Decoder
logo
Renesas Technology Corp
TW9912 RENESAS-TW9912 Datasheet
183Kb / 2P
   NTSC/PAL/SECAM Video Decoder with Component Input and Progressive Output Support
logo
NXP Semiconductors
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
   Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com