Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7154H Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SAA7154H
Description  Multistandard video decoder with comb filter, component input and RGB output
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAA7154H Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SAA7154H Datasheet HTML 6Page - NXP Semiconductors SAA7154H Datasheet HTML 7Page - NXP Semiconductors SAA7154H Datasheet HTML 8Page - NXP Semiconductors SAA7154H Datasheet HTML 9Page - NXP Semiconductors SAA7154H Datasheet HTML 10Page - NXP Semiconductors SAA7154H Datasheet HTML 11Page - NXP Semiconductors SAA7154H Datasheet HTML 12Page - NXP Semiconductors SAA7154H Datasheet HTML 13Page - NXP Semiconductors SAA7154H Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 90 page
background image
SAA7154E_SAA7154H_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 6 December 2007
10 of 90
NXP Semiconductors
SAA7154E; SAA7154H
Multistandard video decoder with comb filter
Supplies (digital)
VDDD1
45
M4
P
digital supply voltage 1 (peripheral cells, 3.3 V)
VDDD2
50
M5
P
digital supply voltage 2 (core, 1.8 V)
VDDD3
59
M8
P
digital supply voltage 3 (peripheral cells, 3.3 V)
VDDD4
65
M9
P
digital supply voltage 4 (core, 1.8 V)
VDDD5
73
M11
P
digital supply voltage 5 (peripheral cells, 3.3 V)
VDDD6
95
J12
P
digital supply voltage 6 (peripheral cells, 3.3 V)
VDDD7
101
H12
P
digital supply voltage 7 (core, 1.8 V)
VDDD8
106
F12
P
digital supply voltage 8 (core, 1.8 V)
VDDD9
114
D12
P
digital supply voltage 9 (peripheral cells, 3.3 V)
VDDD10
132
C10
P
digital supply voltage 10 (core, 1.8 V)
VDDD11
136
C9
P
digital supply voltage 11 (peripheral cells, 3.3 V)
VDDD12
142
C8
P
digital supply voltage 12 (core, 1.8 V)
VDDD13
151
C5
P
digital supply voltage 13 (peripheral cells, 3.3 V)
VSSD1
47
L4
P
digital ground 1 (peripheral cells)
VSSD2
51
L5
P
digital ground 2 (core; connects to substrate)
VSSD3
63
L8
P
digital ground 3 (peripheral cells)
VSSD4
67
L9
P
digital ground 4 (core; connects to substrate)
VSSD5
88
L11
P
digital ground 5 (peripheral cells)
VSSD6
96
J11
P
digital ground 6 (core; connects to substrate)
VSSD7
104
G11
P
digital ground 7 (peripheral cells)
VSSD8
108
F11
P
digital ground 8 (core)
VSSD9
129
D11
P
digital ground 9 (peripheral cells)
VSSD10
133
D10
P
digital ground 10 (core)
VSSD11
137
D9
P
digital ground 11 (peripheral cells)
VSSD12
145
D7
P
digital ground 12 (core; connects to substrate)
VSSD13
153
D5
P
digital ground 13 (peripheral cells)
Analog inputs (see Section 7.14.1)
AI11
27
J2
AI
analog input 11
AI12
29
K1
AI
analog input 12
AI13
31
K2
AI
analog input 13
AI14
34
L3
AI
analog input 14
AI21
19
G4
AI
analog input 21
AI22
21
G3
AI
analog input 22; alternatively analog OSD
AI23
23
H2
AI
analog input 23
AI24
26
J3
AI
analog input 24
AI31
11
E3
AI
analog input 31 (either video or D1/SCART sensor)
AI32
13
F2
AI
analog input 32 (either video or D1/SCART sensor or
analog OSD)
AI33
15
F3
AI
analog input 33 (either video or D1/SCART sensor)
Table 4.
Pin description …continued
Symbol
Pin
Type[1] Description
QFP160 LBGA156


Similar Part No. - SAA7154H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7151 PHILIPS-SAA7151 Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7152 PHILIPS-SAA7152 Datasheet
69Kb / 15P
   Digital Video Comb Filter DCF
August 1996
SAA7157 PHILIPS-SAA7157 Datasheet
80Kb / 12P
   Clock signal generator circuit for digital TV systems SCGC
May 1992
More results

Similar Description - SAA7154H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
   Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
logo
NXP Semiconductors
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
logo
Renesas Technology Corp
TW9906 RENESAS-TW9906 Datasheet
201Kb / 2P
   3x10-bit Multi-Standard Comb Filter Video Decoder with YCbCr Component Input
logo
Toshiba Semiconductor
TC90A92AFG TOSHIBA-TC90A92AFG Datasheet
466Kb / 34P
   3D comb and Video Decoder
logo
Renesas Technology Corp
TW9912 RENESAS-TW9912 Datasheet
183Kb / 2P
   NTSC/PAL/SECAM Video Decoder with Component Input and Progressive Output Support
logo
NXP Semiconductors
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
   Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com