Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7154E Datasheet(PDF) 76 Page - NXP Semiconductors

Part # SAA7154E
Description  Multistandard video decoder with comb filter, component input and RGB output
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAA7154E Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button SAA7154E Datasheet HTML 72Page - NXP Semiconductors SAA7154E Datasheet HTML 73Page - NXP Semiconductors SAA7154E Datasheet HTML 74Page - NXP Semiconductors SAA7154E Datasheet HTML 75Page - NXP Semiconductors SAA7154E Datasheet HTML 76Page - NXP Semiconductors SAA7154E Datasheet HTML 77Page - NXP Semiconductors SAA7154E Datasheet HTML 78Page - NXP Semiconductors SAA7154E Datasheet HTML 79Page - NXP Semiconductors SAA7154E Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 90 page
background image
SAA7154E_SAA7154H_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 6 December 2007
76 of 90
NXP Semiconductors
SAA7154E; SAA7154H
Multistandard video decoder with comb filter
12.1.1 Initialization of boundary scan circuit
The Test Access Port (TAP) controller of an IC should be in the reset state
(TEST_LOGIC_RESET) when the IC is in functional mode. This reset state also forces
the instruction register into a functional instruction such as IDCODE or BYPASS.
To solve the power-up reset, the standard specifies that the TAP controller will be forced
asynchronously to the TEST_LOGIC_RESET state by setting the TRST_N pin to LOW.
12.1.2 Device identification codes
A device identification register is specified in
IEEE Std. 1149.1b-1994. It is a 32-bit
register which contains fields for the specification of the IC manufacturer, the IC part
number and the IC version number. Its biggest advantage is the possibility to check for the
correct ICs mounted after production and determination of the version number of ICs
during field service.
When the IDCODE instruction is loaded into the BST instruction register, the identification
register will be connected between TDI and TDO of the IC. The identification register will
load a component specific code during the CAPTURE_DATA_REGISTER state of the TAP
controller and this code can subsequently be shifted out. At board level this code can be
used to verify component manufacturer, type and version number. The device
identification register contains 32 bits, numbered 31 to 0, where bit 31 is the most
significant bit (closest to TDI) and bit 0 is the least significant bit (closest to TDO);
see Figure 25.
SAMPLE
This mandatory instruction can be used to take a sample of the inputs during
normal operation of the component. It can also be used to preload data values into
the latched outputs of the boundary scan register.
CLAMP
This optional instruction is useful for testing when not all ICs have BST. This
instruction addresses the bypass register while the boundary scan register is in
external test mode.
IDCODE
This optional instruction will provide information on the components manufacturer,
part number and version number.
Table 45.
BST instructions supported by the SAA7154E; SAA7154H …continued
Instruction
Description
Fig 25. 32 bits of identification code
001aab946
0000 0010 101
0110 0011 0001 1001
nnnn
4-bit
version
code
16-bit part number
11-bit manufacturer
identification
TDI
TDO
31
MSB
LSB
28 27
12 11
1
0
1


Similar Part No. - SAA7154E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7151 PHILIPS-SAA7151 Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7152 PHILIPS-SAA7152 Datasheet
69Kb / 15P
   Digital Video Comb Filter DCF
August 1996
SAA7157 PHILIPS-SAA7157 Datasheet
80Kb / 12P
   Clock signal generator circuit for digital TV systems SCGC
May 1992
More results

Similar Description - SAA7154E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
   Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
logo
NXP Semiconductors
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
logo
Renesas Technology Corp
TW9906 RENESAS-TW9906 Datasheet
201Kb / 2P
   3x10-bit Multi-Standard Comb Filter Video Decoder with YCbCr Component Input
logo
Toshiba Semiconductor
TC90A92AFG TOSHIBA-TC90A92AFG Datasheet
466Kb / 34P
   3D comb and Video Decoder
logo
Renesas Technology Corp
TW9912 RENESAS-TW9912 Datasheet
183Kb / 2P
   NTSC/PAL/SECAM Video Decoder with Component Input and Progressive Output Support
logo
NXP Semiconductors
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
   Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com