Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7154E Datasheet(PDF) 66 Page - NXP Semiconductors

Part # SAA7154E
Description  Multistandard video decoder with comb filter, component input and RGB output
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SAA7154E Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button SAA7154E Datasheet HTML 62Page - NXP Semiconductors SAA7154E Datasheet HTML 63Page - NXP Semiconductors SAA7154E Datasheet HTML 64Page - NXP Semiconductors SAA7154E Datasheet HTML 65Page - NXP Semiconductors SAA7154E Datasheet HTML 66Page - NXP Semiconductors SAA7154E Datasheet HTML 67Page - NXP Semiconductors SAA7154E Datasheet HTML 68Page - NXP Semiconductors SAA7154E Datasheet HTML 69Page - NXP Semiconductors SAA7154E Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 90 page
background image
SAA7154E_SAA7154H_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 6 December 2007
66 of 90
NXP Semiconductors
SAA7154E; SAA7154H
Multistandard video decoder with comb filter
[1]
The levels must be measured with load circuits: RL = 1.2 kΩ at 3 V (TTL load) and CL =50pF.
|Z
i|
input impedance
clamping current off
200
-
-
k
Ci
input capacitance
-
-
10
pF
αct(ch)
channel crosstalk
fi <10MHz
-
-
−50
dB
Vo(p-p)
peak-to-peak output voltage
on pin AOUT1 or AOUT2; for normal video levels
1 V (p-p), 75
Ω termination
-1
-V
B
bandwidth
on pin AOUT1 or AOUT2; 75
Ω/20 pF termination
at
−1dB
-
10
-
MHz
10-bit ADC (including analog clamp and gain stages)
B
bandwidth
at
−1 dB
-
30
-
MHz
ϕdif
differential phase
-
2
-
deg
Gdif
differential gain
-
2
-
%
fclk
clock frequency
-
-
58.6
MHz
Vi(range)
input voltage range
0.4
-
1.6
V
DLEDC
DC differential linearity error
-
-
3
LSB
ILEDC
DC integral linearity error
-
-
4
LSB
MG(CTC) channel-to-channel gain
matching
-
36%
3-bit ADC (FSW, AV-detect and OSD; see Section 11.3)
fclk
clock frequency
-
-
58.6
MHz
Vi(range)
input voltage range
0
-
1.304 V
Table 38.
Analog part …continued
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Table 39.
Digital inputs and outputs
Attention: Digital inputs and I/O ports are not 5 V tolerant.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Digital inputs (all pins with type I in Table 4)
VIL
LOW-level input voltage
pin XTALI
−0.5
-
+0.2
× VDDA(XTAL) V
other inputs
−0.5
-
+0.8
V
VIH
HIGH-level input voltage
pin XTALI
0.8
× VDDA(XTAL) -
1.95
V
other inputs
2.0
-
3.6
V
ILI
input leakage current
-
-
1
µA
IL(I/O)
leakage current (I/O)
-
-
10
µA
Ci
input capacitance
I/O at high-impedance
-
-
8
pF
Digital outputs (all pins with type O in Table 4)[1]
VOL
LOW-level output voltage
pin SDA at 3 mA sink current
-
-
0.4
V
for clocks
-
-
0.4
V
other digital outputs
-
-
0.4
V
VOH
HIGH-level output voltage
for clocks
VDDD − 0.4
-
-
V
other digital outputs
VDDD − 0.4
-
-
V


Similar Part No. - SAA7154E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7151 PHILIPS-SAA7151 Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7152 PHILIPS-SAA7152 Datasheet
69Kb / 15P
   Digital Video Comb Filter DCF
August 1996
SAA7157 PHILIPS-SAA7157 Datasheet
80Kb / 12P
   Clock signal generator circuit for digital TV systems SCGC
May 1992
More results

Similar Description - SAA7154E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7118 PHILIPS-SAA7118 Datasheet
665Kb / 169P
   Multistandard video decoder with adaptive comb filter and component video input
2001 May 30
SAF7118 PHILIPS-SAF7118 Datasheet
950Kb / 173P
   Multistandard video decoder with adaptive comb filter and component video input
2004 Jul 22
logo
STMicroelectronics
STV2310 STMICROELECTRONICS-STV2310 Datasheet
41Kb / 3P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
STV2310 STMICROELECTRONICS-STV2310_04 Datasheet
1Mb / 112P
   Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input
logo
NXP Semiconductors
SAF7115 NXP-SAF7115 Datasheet
216Kb / 35P
   Multistandard video decoder with super-adaptive comb filter,
Rev. 01-15 October 2008
logo
Renesas Technology Corp
TW9906 RENESAS-TW9906 Datasheet
201Kb / 2P
   3x10-bit Multi-Standard Comb Filter Video Decoder with YCbCr Component Input
logo
Toshiba Semiconductor
TC90A92AFG TOSHIBA-TC90A92AFG Datasheet
466Kb / 34P
   3D comb and Video Decoder
logo
Renesas Technology Corp
TW9912 RENESAS-TW9912 Datasheet
183Kb / 2P
   NTSC/PAL/SECAM Video Decoder with Component Input and Progressive Output Support
logo
NXP Semiconductors
SAF7115 PHILIPS-SAF7115_15 Datasheet
229Kb / 35P
   Multistandard video decoder with super-adaptive comb filter, scaler and VBI data read-back via I2C-bus
Rev. 01-15 October 2008
logo
Samsung semiconductor
KS0122 SAMSUNG-KS0122 Datasheet
1Mb / 46P
   MULTISTANDARD VIDEO DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com