Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT5555 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HCT5555
Description  Programmable delay timer with oscillator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT5555 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HCT5555 Datasheet HTML 4Page - NXP Semiconductors 74HCT5555 Datasheet HTML 5Page - NXP Semiconductors 74HCT5555 Datasheet HTML 6Page - NXP Semiconductors 74HCT5555 Datasheet HTML 7Page - NXP Semiconductors 74HCT5555 Datasheet HTML 8Page - NXP Semiconductors 74HCT5555 Datasheet HTML 9Page - NXP Semiconductors 74HCT5555 Datasheet HTML 10Page - NXP Semiconductors 74HCT5555 Datasheet HTML 11Page - NXP Semiconductors 74HCT5555 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
September 1993
8
Philips Semiconductors
Product specification
Programmable delay timer with oscillator
74HC/HCT5555
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: parallel outputs, bus driver; serial output, standard ICC category: MSI.
DC CHARACTERISTICS FOR 74HC
SYM-
BOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITION
+25
−40 to +85 −40 to +125
VCC
(V)
VI
OTHER
MIN
TYP
MAX
MIN MAX
MIN
MAX
VOH
HIGH level
output voltage
Q and Q
outputs
1.9
4.4
5.9
2
4.5
6.0
1.9
4.4
5.9
1.9
4.4
5.9
V
V
V
2.0
4.5
6.0
Io = −20 µA
VOH
HIGH level
output voltage
Q and Q
outputs
3.98
5.48
4.32
5.81
3.84
5.34
3.7
5.2
V
V
4.5
6.0
Io = −6.0 mA
Io = −7.8 mA
VOH
HIGH level
output voltage
Q and Q
outputs
3.3
4.8
3
4.5
2.7
4.2
V
V
4.5
6.0
Io = −20 mA
Io = −20 mA
VOL
LOW level
output voltage
Q and Q
outputs
0
0
0
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
V
V
V
2.0
4.5
6.0
Io = 20 µA
VOL
LOW level
output voltage
Q and Q
outputs
0.15
0.15
0.26
0.26
0.33
0.33
0.40
0.40
V
V
4.5
6.0
Io = 6.0 mA
Io = 7.8 mA
VOL
LOW level
output voltage
Q and Q
outputs
0.9
0.9
1.14
1.14
1.34
1.34
V
V
4.5
6.0
Io = 20 mA
Io = 25 mA
VIH
HIGH level
input voltage
RS input
1.7
3.6
4.8
1.7
3.6
4.8
1.7
3.6
4.8
V
V
V
2
4.5
6.0
VIL
LOW level
input voltage
RS input
0.3
0.9
1.2
0.3
0.9
1.2
0.3
0.9
1.2
V
V
V
2.0
4.5
6.0


Similar Part No. - 74HCT5555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT5555 PHILIPS-74HCT5555 Datasheet
142Kb / 23P
   Programmable delay timer with oscillator
September 1993
logo
Nexperia B.V. All right...
74HCT5555 NEXPERIA-74HCT5555 Datasheet
113Kb / 23P
   Programmable delay timer with oscillator
September 1993
logo
NXP Semiconductors
74HCT5555D PHILIPS-74HCT5555D Datasheet
142Kb / 23P
   Programmable delay timer with oscillator
September 1993
logo
Nexperia B.V. All right...
74HCT5555D NEXPERIA-74HCT5555D Datasheet
113Kb / 23P
   Programmable delay timer with oscillator
September 1993
logo
NXP Semiconductors
74HCT5555N PHILIPS-74HCT5555N Datasheet
142Kb / 23P
   Programmable delay timer with oscillator
September 1993
More results

Similar Description - 74HCT5555

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC5555 PHILIPS-74HC5555 Datasheet
142Kb / 23P
   Programmable delay timer with oscillator
September 1993
logo
Nexperia B.V. All right...
74HC5555 NEXPERIA-74HC5555 Datasheet
314Kb / 28P
   Programmable delay timer with oscillator
Rev. 4 - 5 July 2018
74HCT5555 NEXPERIA-74HCT5555 Datasheet
113Kb / 23P
   Programmable delay timer with oscillator
September 1993
logo
LSI Computer Systems
LS7213R LSI-LS7213R Datasheet
65Kb / 5P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7213 LSI-LS7213 Datasheet
43Kb / 4P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211N LSI-LS7211N Datasheet
216Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7215 LSI-LS7215 Datasheet
221Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211_03 Datasheet
275Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7210 LSI-LS7210 Datasheet
49Kb / 4P
   PROGRAMMABLE DIGITAL DELAY TIMER
LS7211 LSI-LS7211 Datasheet
171Kb / 8P
   PROGRAMMABLE DIGITAL DELAY TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com