Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR0805-5R6ML Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # SDR0805-5R6ML
Description  SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDR0805-5R6ML Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  SDR0805-5R6ML Datasheet HTML 1Page - Bourns Electronic Solutions SDR0805-5R6ML Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
REV. 05/12
SDR0805 Series - SMD Power Inductors
2.0 ± 0.5
(.079 ± .020)
50.0
(1.969)
18
(.709)
22.4
(.883)
330
(12.992)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
21 ± 0.8
(.827 ± .039)
165° TO 180°
BASE TAPE
TOP COVER TAPE
The force for tearing off cover tape is
10 to 130 grams in the arrow direction.
Strength Of Cover Tape
Packaging Specifications
Materials
Paper
Plastics
EMBOSSED
CARRIER
EMBOSSED
CAVITY
0.10
(.004)
THICKNESS
MAX.
DIMENSIONS:
MM
(INCHES)
END
START
USER DIRECTION OF FEED
200
(7.874)
NO COMPONENT
NO COMPONENT
COMPONENTS
12000
(472.441)
400
(15.748)
4
(.157)
12
(.472)
16
(.63)
t =
.35
(.014)
6.2
.244
QTY: 1000 PCS. PER REEL


Similar Part No. - SDR0805-5R6ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR0805-5R6ML BOURNS-SDR0805-5R6ML Datasheet
169Kb / 2P
   SMD Power Inductors
More results

Similar Description - SDR0805-5R6ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com