Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX150GP Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SX150GP
Description  Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SX150GP Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SX150GP Datasheet HTML 1Page - Honeywell Solid State Electronics Center SX150GP Datasheet HTML 2Page - Honeywell Solid State Electronics Center SX150GP Datasheet HTML 3Page - Honeywell Solid State Electronics Center SX150GP Datasheet HTML 4Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SX SMT Series
2
www.honeywell.com/sensing
SPECIFICATIONS
(1)
Characteristic
Maximum Rating
Supply voltage
12 Vdc
Operating temperature
-40 °C to 125 °C [-40 °F to 257 °F]
Storage temperature
-55 °C to 125 °C [-67 °F to 257 °F]
Lead temperature (soldering 2 s to 4 s)
250 °C [482 °F]
STANDARD PRESSURE RANGES FOR SX SERIES
(1)
Sensitivity
(3)
Unit
Operating Pressure
Maximum Pressure
(2)
Nominal
Std. Dev.
0 psi to 1 psi
20 psi
3.90
±0.40
mV/V/psi
0 psi to 5 psi
20 psi
2.70
±0.38
mV/V/psi
0 psi to 15 psi
30 psi
1.50
±0.25
mV/V/psi
0 psi to 30 psi
60 psi
0.66
±0.06
mV/V/psi
0 psi to 100 psi
150 psi
0.30
±0.05
mV/V/psi
0 psi to 150 psi
200 psi
0.14
±0.02
mV/V/psi
PERFORMANCE SPECIFICATIONS
(1)
Characteristic
Min.
Typ.
Max.
Unit
Temperature coefficient of span
(4,5)
-2400
-2150
-1900
ppm/°C
Zero pressure offset TA
-35.0
-20.0
0
mV
Temperature coefficient of offset
(6,5)
4
µV/V/°C
Combined, linearity and hysteresis
(7)
0.2
0.5
% FS
Long term stability of offset and sensitivity
(8)
0.1
mV
Response time (10% to 90%)
(9)
100
µs
Input resistance TA = 25 °C [77 °F]
4.1
k
Ω
Temperature coefficient of resistance
(4,5)
750
810
ppm/°C
Output impedance
4.1
k
Ω
Repeatability
(10)
0.5
% FSS
Notes:
1.
Reference Conditions: Supply voltage, Vs = 5.0 Vdc, T
A = 0 °C to 70 °C [32 °F to 158 °F], common-mode line pressure =
0 psig, pressure applied to P1 unless otherwise noted.
2.
If maximum pressure is exceeded, even momentarily, the package may leak or burst, or the pressure sensing die may
fracture.
3.
Sensitivity is the ratio of the output signal voltage change to the corresponding input pressure change. The sensitivity is
characterized by design and periodic production testing. This parameter in not 100 % tested in production.
4.
This is the best straight line fit for operation between 0 °C to 70 °C [32 °F to 158 °F]. For operation outside this temperature,
contact Honeywell representative for more specific application information.
5.
This parameter is not 100 % tested. It is guaranteed by process design and tested on a sample basis only. Temperature
coefficient of span for the 1.0 psi and 5.0 psi devices is -2550 ppm/°C to -2050 ppm/°C.
6.
Slope of the best straight line fit for operation between 0 °C to 70 °C [32 °F to 158 °F]. For operation outside this temperature,
contact factory for more specific application information.
7.
Hysteresis is the maximum output difference at any point within the operating pressure range for increasing and decreasing
pressure.
8.
Long-term stability over a one year period.
9.
Response time for 0 psi to full scale span pressure step change.
10. Difference in output at any pressure with the operating pressure range and temperature within 0 °C to 70 °C [32 °F to 158 °F]
after 100 temperature cycles 0 °C to 70 °C [32 °F to 158 °F], 1.0 million pressure cycles 0 psi to full-scale span.


Similar Part No. - SX150GP

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SX150GP HONEYWELL-SX150GP Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX150GP HONEYWELL-SX150GP Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
More results

Similar Description - SX150GP

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SX15AD4 HONEYWELL-SX15AD4 Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX100GSMT HONEYWELL-SX100GSMT Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
SX7001D HONEYWELL-SX7001D Datasheet
82Kb / 4P
   Microstructure Pressure Sensors 0 psi to 1 psi through 0 psi to 150 psi
1800-07D-L4N-B HONEYWELL-1800-07D-L4N-B Datasheet
346Kb / 4P
   TO-8, 0 psi to 3 psi, 0 psi to 150 psi Silicon Pressure Sensors
logo
List of Unclassifed Man...
ASDX ETC-ASDX Datasheet
104Kb / 4P
   0 TO 1 PSI THROUGH 0 TO 100 PSI PRESSURE TRANSDUCERS SenSym ICT
logo
All Sensors Corporation
PSI-D-4V-MIL-ND ASC-PSI-D-4V-MIL-ND Datasheet
47Kb / 4P
   0.3 psi to 15 psi Pressure Sensors
DS-0031 ASC-DS-0031 Datasheet
47Kb / 4P
   0.3 psi to 15 psi Pressure Sensors
logo
Honeywell Solid State E...
HSC HONEYWELL-HSC_2 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
HSC HONEYWELL-HSC Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SIP,1 psi to 150 psi
SSCSHHN100MD2A5 HONEYWELL-SSCSHHN100MD2A5 Datasheet
1Mb / 12P
   Total Error Band Amplified Compensated Digital Output, 1 psi to 150 psi 60mbar to 10 bar
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com