Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP62S4096EU-70LLI Datasheet(PDF) 9 Page - AMIC Technology

Part # LP62S4096EU-70LLI
Description  512K X 8 BIT LOW VOLTAGE CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S4096EU-70LLI Datasheet(HTML) 9 Page - AMIC Technology

Back Button LP62S4096EU-70LLI Datasheet HTML 5Page - AMIC Technology LP62S4096EU-70LLI Datasheet HTML 6Page - AMIC Technology LP62S4096EU-70LLI Datasheet HTML 7Page - AMIC Technology LP62S4096EU-70LLI Datasheet HTML 8Page - AMIC Technology LP62S4096EU-70LLI Datasheet HTML 9Page - AMIC Technology LP62S4096EU-70LLI Datasheet HTML 10Page - AMIC Technology LP62S4096EU-70LLI Datasheet HTML 11Page - AMIC Technology LP62S4096EU-70LLI Datasheet HTML 12Page - AMIC Technology LP62S4096EU-70LLI Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LP62S4096E-I Series
(January, 2002, Version 2.0)
9
AMIC Technology, Inc.
Write Cycle 2
(6)
(Chip Enable Controlled)
tWC
Address
tAW
tWR3
(4)
tCW1 , tCW2
tAS1
DIN
tDW
tWHZ7
DOUT
tDH
tWP2
WE
CE2
CE1
Notes: 1. tAS is measured from the address valid to the beginning of Write.
2. A Write occurs during the overlap (tWP) of a low CE1 or high CE2 , and a low WE .
3. tWR is measured from the earliest of CE1 or WE going high or CE2 going low WE going high to the end of the
Write cycle.
4. If the CE1 low or CE2 high transition occurs simultaneously with the WE low transition or after the WE transition
, outputs remain in a high impedance state.
5. tCW is measured from the later of CE1 going low or CE2 going high to the end of Write.
6. OE level is high or low.
7. Transition is measured
±500mV from steady state. This parameter is sampled and not 100% tested.


Similar Part No. - LP62S4096EU-70LLI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S4096EU-70LLT AMICC-LP62S4096EU-70LLT Datasheet
162Kb / 14P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - LP62S4096EU-70LLI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S9308 AMICC-A62S9308 Datasheet
276Kb / 17P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-T AMICC-LP62S4096E-T Datasheet
162Kb / 14P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-I AMICC-LP62S4096E-I_15 Datasheet
171Kb / 13P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-T AMICC-LP62S4096E-T_15 Datasheet
163Kb / 12P
   512K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV4001 BSI-BS62LV4001 Datasheet
341Kb / 11P
   Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4005 BSI-BS62LV4005 Datasheet
328Kb / 11P
   Low Power/Voltage CMOS SRAM 512K X 8 bit
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
   512K X 8-bit CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com