Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQH55PN100MR0 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # LQH55PN100MR0
Description  1616 size (4.0x4.0mm) Height 1.8mm max.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQH55PN100MR0 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  LQH55PN100MR0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQH55PN100MR0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQH55PN100MR0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQH55PN100MR0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LQH55PN100MR0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LQH55PN100MR0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQH55PN100MR0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
This information is the property of Murata Europe Management B.V. This information should not be copied or distributed in any fashion without the express written consent of Murata.
All information is subject to change without notice, is not warranted in any fashion and is provided as is.
(Power inductor (G Apps) SE0
-5)
1616 size (4.0x4.0mm)
Height 1.8mm max.
LQH44P_P0
LQH44P_P0 series
series
0
10
20
30
40
50
0
500
1000
1500
2000
2500
3000
DC Current (mA)
1R0
4R7
100
2R2
220
Self temperature rise
Self temperature rise
0
5
10
15
20
25
30
0.01
0.1
1
10
100
Frequency (MHz)
1R0
2R2
3R3
4R7
6R8
100
220
Inductance
Inductance vs
vs Frequency
Frequency
0
10
20
30
40
50
60
0.01
0.1
1
10
100
Frequency (MHz)
1R0
2R2
3R3
4R7
6R8
100
220
Q
Q vs
vs Frequency
Frequency
0
5
10
15
20
25
30
0.1
1
10
Frequency (MHz)
1R0
2R2
3R3
4R7
6R8
100
220
Rac
Rac


Similar Part No. - LQH55PN100MR0

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH55PN100MR0 MURATA-LQH55PN100MR0 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
More results

Similar Description - LQH55PN100MR0

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LT1EH67A SHARP-LT1EH67A Datasheet
104Kb / 4P
   1616 Size, 0.8mm Thickness, Compact Dichromatic Leadless Chip LED Devices
logo
Murata Manufacturing Co...
LQH3NPN1R0NG0L MURATA-LQH3NPN1R0NG0L Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
1280617 MURATA-1280617 Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
LQH3NPN680MG0L MURATA-LQH3NPN680MG0L Datasheet
314Kb / 11P
   1212 size (3.0x3.0mm) Height 1.0mm max.
logo
Sharp Corporation
LT1W67A SHARP-LT1W67A Datasheet
37Kb / 1P
   1616 Size, 0.8mm Thickness, Compact Full Color Leadless Chip LED Device
logo
Sumida Corporation
CDH20D10 SUMIDA-CDH20D10_10 Datasheet
434Kb / 4P
   Small size inductor 2.2mm Max square and 1.1mm Max height
logo
TOKO, Inc
DEM3512C TOKO-DEM3512C Datasheet
110Kb / 2P
   Low profile (3.5 x 3.7mm square, 1.2 and 1.8mm Max. height).
logo
Altech corporation
AL1616-9 ALTECH-AL1616-9 Datasheet
98Kb / 1P
   ALUMINUM ENCLOSURE AL 1616-9
logo
ECM Electronics Limited...
LNC ECM-LNC Datasheet
134Kb / 3P
   Low 1.8mm Height Option
logo
SunLED Corporation
XZFRAZ67SBX-HTA SUNLED-XZFRAZ67SBX-HTA Datasheet
331Kb / 8P
   4.0x4.0mm High Temperature Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com