Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC28F640P33BF60 Datasheet(PDF) 7 Page - Numonyx B.V

Part # PC28F640P33BF60
Description  Numonyx짰 P33-65nm Flash Memory
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

PC28F640P33BF60 Datasheet(HTML) 7 Page - Numonyx B.V

Back Button PC28F640P33BF60 Datasheet HTML 3Page - Numonyx B.V PC28F640P33BF60 Datasheet HTML 4Page - Numonyx B.V PC28F640P33BF60 Datasheet HTML 5Page - Numonyx B.V PC28F640P33BF60 Datasheet HTML 6Page - Numonyx B.V PC28F640P33BF60 Datasheet HTML 7Page - Numonyx B.V PC28F640P33BF60 Datasheet HTML 8Page - Numonyx B.V PC28F640P33BF60 Datasheet HTML 9Page - Numonyx B.V PC28F640P33BF60 Datasheet HTML 10Page - Numonyx B.V PC28F640P33BF60 Datasheet HTML 11Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
Datasheet
Jul 2011
7
Order Number:208034-04
P33-65nm SBC
2.0
Package Information
2.1
56-Lead TSOP
Figure 2: TSOP Mechanical Specifications
Table 1:
TSOP Package Dimensions (Sheet 1 of 2)
Product Information
Symbol
Millimeters
Inches
Min
Nom
Max
Min
Nom
Max
Package Height
A
-
-
1.200
-
-
0.047
Standoff
A1
0.050
-
-
0.002
-
-
Package Body Thickness
A2
0.965
0.995
1.025
0.038
0.039
0.040
Lead Width(4)
b
0.170
0.220
0.270
0.0067
0.0087
0.0106
Lead Thickness
C
0.100
0.150
0.200
0.004
0.006
0.008
Package Body Length
D1
18.200
18.400
18.600
0.717
0.724
0.732
Package Body Width
E
13.800
14.000
14.200
0.543
0.551
0.559
Lead Pitch
e
-
0.500
-
-
0.0197
-
Terminal Dimension
D
19.800
20.00
20.200
0.780
0.787
0.795
Lead Tip Length
L
0.500
0.600
0.700
0.020
0.024
0.028
A
0
L
Detail A
Y
D
C
Z
Pin 1
E
D1
b
Detail B
See Detail A
e
See Detail B
A1
Seating
Plane
A2
See Note 2
See Notes 1 and 3


Similar Part No. - PC28F640P33BF60

ManufacturerPart #DatasheetDescription
logo
Micron Technology
PC28F640P33BF60A MICRON-PC28F640P33BF60A Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory
logo
Numonyx B.V
PC28F640P33BF60D NUMONYX-PC28F640P33BF60D Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
More results

Similar Description - PC28F640P33BF60

ManufacturerPart #DatasheetDescription
logo
Micron Technology
PC28F640P33BF60A MICRON-PC28F640P33BF60A Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory
JS28F640P30TF75A MICRON-JS28F640P30TF75A Datasheet
1Mb / 90P
   Numonyx짰 Axcell??P30-65nm Flash Memory
PC28F00BP30EFA MICRON-PC28F00BP30EFA Datasheet
11Mb / 86P
   Numonyx짰 Axcell??P30-65nm Flash Memory
logo
Numonyx B.V
PC28F640P33BF60D NUMONYX-PC28F640P33BF60D Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
logo
Micron Technology
JS28F128P33BF70 MICRON-JS28F128P33BF70 Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
RC28F640P33TF60A MICRON-RC28F640P33TF60A Datasheet
3Mb / 88P
   Numonyx짰 P33-65nm Flash Memory 128-Mbit, 64-Mbit Single Bit per Cell (SBC)
JS28F00AP33BFA MICRON-JS28F00AP33BFA Datasheet
987Kb / 92P
   Micron Parallel NOR Flash Embedded Memory (P33-65nm)
RC28F128J3F75A MICRON-RC28F128J3F75A Datasheet
2Mb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PC28F128J3F75A MICRON-PC28F128J3F75A Datasheet
2Mb / 66P
   Numonyx짰 Embedded Flash Memory (J3 65nm) Single Bit per Cell (SBC)
PC28F00AP30TFA MICRON-PC28F00AP30TFA Datasheet
11Mb / 86P
   Numonyx짰 Axcell??P30-65nm Flash Memory 512-Mbit, 1-Gbit , 2-Gbit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com