Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECQUAAF155 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECQUAAF155
Description  Metallized Polypropylene Film Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQUAAF155 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECQUAAF155 Datasheet HTML 1Page - Panasonic Semiconductor ECQUAAF155 Datasheet HTML 2Page - Panasonic Semiconductor ECQUAAF155 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC76−
Plastic Film Capacitors
Metallized Polypropylene Film Capacitors
Type:
ECQUA [Class X2]
In accordance with UL/CSA and European safety
regulation class X2
Equipped with a safety mechanism
■Features
Compact
Flame-retardant plastic case and non-combustible resin
RoHS directive compliant
■Recommended Applications
Interference suppressors
■ Explanation of Part Numbers
■Specifications
Category temp. range
-40 ˚C to +110 ˚C
Rated voltage
275 VAC (Safety standard approval)
Capacitance range
0.10 µF to 2.2 µF
Capacitance tolerance
± 10 % (K), ± 20 %(M)
Withstand voltage
Maximum AC voltage
Between terminals: 633 VAC, 1183 VDC 60 s
Between terminals to enclosure:2050 VAC 60 s
Insulation resistance (IR)
C<
=0.33 µF : IR>
=15000 M
Ω (20 ˚C, 100 VDC, 60 s)
C>0.33 µF : IR>
=5000 M
Ω · µF (20 ˚C, 100 VDC, 60 s)
C<
=0.47 µF : IR>
=2000 M
Ω (20 ˚C, 500 VDC, 60 s)
❈ Use of this capacitor is limited to AC voltage (50 Hz or 60 Hz sine wave).
❈ A faint corona discharge may occur inside of the capacitor element at rated voltage, however there is no
influence on the reliability of the capacitor. (Suitable for series to the mains usage - for more details, please
contact your Panasonic contact person.)
❈ Maximum AC voltage including line voltage fluctuation is 310V AC.
310VAC is not nominal continuous applied voltage, but only indicates maximum value including in the voltage of
the power supply. Basic nominal voltage is considered as 240V AC.
This maximum AC voltae is specified in only ECQUA type, not specified in other types.
Please refer to individual product specification, and contact us for further questions regarding design life.
1
23
456
78
9
10
11
12
E
C
Q
U
A
A
F
Product code
Dielectric &
construction
Rated voltage
Capacitance
Cap.tol.
Suffix
K
±10 %
M ±20 %
■Applicable Standard
❈When applying this capacitor to European and American safety standards, please use type designation and rating
such as ECQUA, 0.1 µF.
❈Approval number (File No.) of safety regulations are subject to revision without notice. Ask factory for a copy of the
latest file No
Blank
A
Straight
Cut lead
CAN/CSA E60384-14
UL 60384-14
CSA
UL
Across-The-Line Capacitors
Antenna-Coupling and Line-By-Pass Components
(0.10 µF to 2.2 µF)
(0.10 µF to 2.2 µF)
Across-the-line capacitors
Antenna-isolation and line-by-pass capacitors
EN60384-14
IEC60384-14
Class X2
Class X2
(0.10 µF to 2.2 µF)
(0.10 µF to 2.2 µF)
Europe
lnternational
Accredited
by UL
Accredited
by VDE
C<
=1.0 µF : tan <
=0.1 % (20 ˚C, 1 kHz)
C<
>1.0 µF : tan <
=0.2 % (20 ˚C, 1 kHz)
Dissipation factor (tan )
310 VAC
p Œ ¯ ¶
P50_81
13.07.09 19:03
y [ W
76


Similar Part No. - ECQUAAF155

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQUAAF155 PANASONIC-ECQUAAF155 Datasheet
165Kb / 3P
   Metallized Polypropylene Film Capacitors
More results

Similar Description - ECQUAAF155

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com