Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PALCE20V8Q-15PI5 Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # PALCE20V8Q-15PI5
Description  EE CMOS 24-Pin Universal Programmable Array Logic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

PALCE20V8Q-15PI5 Datasheet(HTML) 3 Page - Advanced Micro Devices

  PALCE20V8Q-15PI5 Datasheet HTML 1Page - Advanced Micro Devices PALCE20V8Q-15PI5 Datasheet HTML 2Page - Advanced Micro Devices PALCE20V8Q-15PI5 Datasheet HTML 3Page - Advanced Micro Devices PALCE20V8Q-15PI5 Datasheet HTML 4Page - Advanced Micro Devices PALCE20V8Q-15PI5 Datasheet HTML 5Page - Advanced Micro Devices PALCE20V8Q-15PI5 Datasheet HTML 6Page - Advanced Micro Devices PALCE20V8Q-15PI5 Datasheet HTML 7Page - Advanced Micro Devices PALCE20V8Q-15PI5 Datasheet HTML 8Page - Advanced Micro Devices PALCE20V8Q-15PI5 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AMD
2-157
PALCE20V8H-5/7/10/15/25, Q-10/15/25 (Com’l)
PALCE20V8H-15/25, Q-20/25 (Ind)
ORDERING INFORMATION
Commercial and Industrial Products
PALCE20V8Q-15
PALCE20V8H-15
PALCE20V8Q-10
Blank, /4
NUMBER OF FLIP-FLOPS
OUTPUT TYPE
V = Versatile
TECHNOLOGY
CE = CMOS Electrically Erasable
PC, JC
Valid Combinations
AMD programmable logic products for commercial and industrial applications are available with several ordering options. The
order number (Valid Combination) is formed by a combination of:
PAL
CE
20 V 8 H -5
P C
PALCE20V8Q-20
PACKAGE TYPE
P = 24-Pin 300 mil Plastic
SKINNYDIP (PD3024)
J = 28-Pin Plastic Leaded Chip
Carrier (PL 028)
OPERATING CONDITIONS
C = Commercial (0
°C to +75°C)
I
= Industrial (–40
°C to +85°C)
SPEED
-5
= 5 ns tPD
-7
= 7.5 ns tPD
-10 = 10 ns tPD
-15 = 15 ns tPD
-20 = 20 ns tPD
-25 = 25 ns tPD
FAMILY TYPE
PAL = Programmable Array Logic
POWER
H = Half Power (90-125 mA ICC)
Q = Quarter Power (55 mA ICC)
/5
PROGRAMMING DESIGNATOR
Blank = Initial Algorithm
/4
= First Revision
/5
Second Revision
(Same algorithm as /4)
PALCE20V8H-10
/5
NUMBER OF ARRAY INPUTS
PALCE20V8H-7
PALCE20V8H-25
PALCE20V8H-5
JC
/5
Blank,
/4
Valid Combinations
Valid Combinations lists configurations planned to
be supported in volume for this device. Consult the
local AMD sales office to confirm availability of spe-
cific valid combinations and to check on newly re-
leased combinations.
PC, JC, PI, JI
PC, JC
PALCE20V8Q-25
PI, JI
PC, JC, PI, JI


Similar Part No. - PALCE20V8Q-15PI5

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALCE20V8Q-15PC/4 LATTICE-PALCE20V8Q-15PC/4 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
More results

Similar Description - PALCE20V8Q-15PI5

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
PAL16V8 AMD-PAL16V8 Datasheet
3Mb / 6P
   EE CMOS 20 PIN UNIVERSAL PROGRAMMABLE ARRAY LOGIC
PALCE16V8 AMD-PALCE16V8 Datasheet
224Kb / 26P
   EE CMOS 20-Pin Universal Programmable Array Logic
logo
Lattice Semiconductor
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
PLV16V8 LATTICE-PLV16V8 Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
logo
Advanced Micro Devices
PAL20R AMD-PAL20R Datasheet
1Mb / 27P
   24-Pin TTL Programmable Array Logic
logo
Lattice Semiconductor
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com