Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTY25N60E Datasheet(PDF) 4 Page - Motorola, Inc

Part # MTY25N60E
Description  TMOS POWER FET 25 AMPERES 600 VOLTS RDS(on) = 0.21 OHM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTY25N60E Datasheet(HTML) 4 Page - Motorola, Inc

  MTY25N60E Datasheet HTML 1Page - Motorola, Inc MTY25N60E Datasheet HTML 2Page - Motorola, Inc MTY25N60E Datasheet HTML 3Page - Motorola, Inc MTY25N60E Datasheet HTML 4Page - Motorola, Inc MTY25N60E Datasheet HTML 5Page - Motorola, Inc MTY25N60E Datasheet HTML 6Page - Motorola, Inc MTY25N60E Datasheet HTML 7Page - Motorola, Inc MTY25N60E Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MTY25N60E
4
Motorola TMOS Power MOSFET Transistor Device Data
POWER MOSFET SWITCHING
Switching behavior is most easily modeled and predicted
by recognizing that the power MOSFET is charge controlled.
The lengths of various switching intervals (
∆t) are deter-
mined by how fast the FET input capacitance can be charged
by current from the generator.
The published capacitance data is difficult to use for calculat-
ing rise and fall because drain–gate capacitance varies
greatly with applied voltage. Accordingly, gate charge data is
used. In most cases, a satisfactory estimate of average input
current (IG(AV)) can be made from a rudimentary analysis of
the drive circuit so that
t = Q/IG(AV)
During the rise and fall time interval when switching a resis-
tive load, VGS remains virtually constant at a level known as
the plateau voltage, VSGP. Therefore, rise and fall times may
be approximated by the following:
tr = Q2 x RG/(VGG – VGSP)
tf = Q2 x RG/VGSP
where
VGG = the gate drive voltage, which varies from zero to VGG
RG = the gate drive resistance
and Q2 and VGSP are read from the gate charge curve.
During the turn–on and turn–off delay times, gate current is
not constant. The simplest calculation uses appropriate val-
ues from the capacitance curves in a standard equation for
voltage change in an RC network. The equations are:
td(on) = RG Ciss In [VGG/(VGG – VGSP)]
td(off) = RG Ciss In (VGG/VGSP)
The capacitance (Ciss) is read from the capacitance curve at
a voltage corresponding to the off–state condition when cal-
culating td(on) and is read at a voltage corresponding to the
on–state when calculating td(off).
At high switching speeds, parasitic circuit elements com-
plicate the analysis. The inductance of the MOSFET source
lead, inside the package and in the circuit wiring which is
common to both the drain and gate current paths, produces a
voltage at the source which reduces the gate drive current.
The voltage is determined by Ldi/dt, but since di/dt is a func-
tion of drain current, the mathematical solution is complex.
The MOSFET output capacitance also complicates the
mathematics. And finally, MOSFETs have finite internal gate
resistance which effectively adds to the resistance of the
driving source, but the internal resistance is difficult to mea-
sure and, consequently, is not specified.
The resistive switching time variation versus gate resis-
tance (Figure 9) shows how typical switching performance is
affected by the parasitic circuit elements. If the parasitics
were not present, the slope of the curves would maintain a
value of unity regardless of the switching speed. The circuit
used to obtain the data is constructed to minimize common
inductance in the drain and gate circuit loops and is believed
readily achievable with board mounted components. Most
power electronic loads are inductive; the data in the figure is
taken with a resistive load, which approximates an optimally
snubbed inductive load. Power MOSFETs may be safely op-
erated into an inductive load; however, snubbing reduces
switching losses.
100000
10000
1000
10
10
100
1000
24000
20000
16000
12000
8000
4000
0
10
5
0
5
10
15
20
25
GATE–TO–SOURCE OR DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 7a. Capacitance Variation
VGS
VDS
Figure 7b. High Voltage Capacitance
Variation
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
VGS = 0 V
VDS = 0 V
TJ = 25°C
Ciss
Crss
VGS = 0 V
TJ = 25°C
Ciss
Coss
Crss
Ciss
Coss
Crss
100


Similar Part No. - MTY25N60E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTY25N60E ONSEMI-MTY25N60E Datasheet
197Kb / 8P
   N?묬hannel Power MOSFET
Sep, 2004 ??Rev. XXX
More results

Similar Description - MTY25N60E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP1N60E MOTOROLA-MTP1N60E Datasheet
232Kb / 8P
   TMOS POWER FET 1.0 AMPERES 600 VOLTS RDS(on) = 8.0 OHM
MTW8N60E MOTOROLA-MTW8N60E Datasheet
70Kb / 2P
   TMOS POWER FET 8.0 AMPERES 600 VOLTS RDS(on) = 0.55 OHM
MTV25N50E MOTOROLA-MTV25N50E Datasheet
280Kb / 10P
   TMOS POWER FET 25 AMPERES 500 VOLTS RDS(on) = 0.200 OHM
MTP2N60E MOTOROLA-MTP2N60E Datasheet
219Kb / 8P
   TMOS POWER FET 2.0 AMPERES 600 VOLTS RDS(on) = 3.8 OHMS
MTP3N60E MOTOROLA-MTP3N60E Datasheet
183Kb / 8P
   TMOS POWER FET 3.0 AMPERES 600 VOLTS RDS(on) = 2.2 OHMS
MTP6N60E MOTOROLA-MTP6N60E Datasheet
156Kb / 8P
   TMOS POWER FET 6.0 AMPERES 600 VOLTS RDS(on) = 1.2 OHMS
MTD6N20E MOTOROLA-MTD6N20E Datasheet
269Kb / 10P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 0.7 OHM
MTD6P10E MOTOROLA-MTD6P10E Datasheet
261Kb / 10P
   TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.66 OHM
MTD9N10E MOTOROLA-MTD9N10E Datasheet
257Kb / 10P
   TMOS POWER FET 9.0 AMPERES 100 VOLTS RDS(on) = 0.25 OHM
MTP12P10 MOTOROLA-MTP12P10 Datasheet
190Kb / 6P
   TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.3 OHM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com