Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJ22FX500 Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # RJ22FX500
Description  SMT Trimmers - Product Selection Guide
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RJ22FX500 Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  RJ22FX500 Datasheet HTML 1Page - Bourns Electronic Solutions RJ22FX500 Datasheet HTML 2Page - Bourns Electronic Solutions RJ22FX500 Datasheet HTML 3Page - Bourns Electronic Solutions RJ22FX500 Datasheet HTML 4Page - Bourns Electronic Solutions RJ22FX500 Datasheet HTML 5Page - Bourns Electronic Solutions RJ22FX500 Datasheet HTML 6Page - Bourns Electronic Solutions RJ22FX500 Datasheet HTML 7Page - Bourns Electronic Solutions RJ22FX500 Datasheet HTML 8Page - Bourns Electronic Solutions RJ22FX500 Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 86 page
background image
3006 - Trimpot
® Trimming Potentiometer
Specifications are subject to change without notice.
9
Features
s
3/4” Rectangular / Multiturn
Cermet / Industrial / Sealed
s
Low PC board profile - only 1/4” high
s
Panel mount option available,
(see page 72 for details)
s
Transparent housing available, can
be set visually without hook-up and
instrumentation (“P” style only)
Electrical Characteristics
Standard Resistance Range
..................................10 to 5 megohms
(see standard resistance table)
Resistance Tolerance .............±10% std.
(tighter tolerance available)
Absolute Minimum Resistance
............................1.0% or 2 ohms max.
(whichever is greater)
Contact Resistance Variation
..............................1.0% or 1 ohm max.
(whichever is greater)
Adjustability
Voltage......................................±0.01%
Resistance ................................±0.05%
Resolution.....................................Infinite
Insulation Resistance ................500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level ...............................1,000 vac
80,000 Feet...............................250 vac
Adjustment Angle .............15 turns nom.
Environmental Characteristics
Power Rating (400 volts max.)
70°C .......................................0.75 watt
125°C ..........................................0 watt
Temperature Range ......-55°C to +125°C
Temperature Coefficient .....±100ppm/°C
Seal Test ........................85°C Fluorinert*
Humidity........MIL-STD-202 Method 103
96 hours
(3%
∆TR, 20 Megohms IR)
Vibration............20G (2%
∆TR; 2% ∆VR)
Shock................50G (2%
∆TR; 2% ∆VR)
Load Life ....1,000 hours 0.75 watt 70°C
(4%
∆TR)
Rotational Life ........................200 cycles
(3%
∆TR; 1% or 1 ohm,
whichever is greater, CRV)
Physical Characteristics
Torque .............................5.0 oz-in. max.
Mechanical Stops..................Wiper idles
Terminals ........................Solderable pins
Weight ........................................0.04 oz.
Marking ...........................Manufacturer’s
trademark, resistance code,
terminal numbers, date code,
manufacturer’s model number
and style
Wiper Positioning ..............50% nominal
Flammability ..........................U.L. 94V-0
Standard Packaging .....25 pcs. per tube
Adjustment Tool ..............................H-90
1
3 CW
CLOCKWISE
CCW
2 WIPER
1.40
(.055)
6.35
(.250)
19.05
(.750)
1.52
(.060)
.38
(.015)
5.33
± .89
(.210
± .035)
1
2
3
.76
(.030)
.51
± .03
(.020
± .001)
4.83
(.190)
4.70
± .38
(.185
± .015)
3.30
(.130)
5.08
(.200)
12.70
(.500)
2.54
(.100)
Common Dimensions
3006P
1.40
(.055)
.64
(.025)
7.62
(.300)
17.78
(.700)
3006Y
3.30
(.130)
5.08
(.200)
12.70
(.500)
3006W
5.08
(.200)
2.54
(.100)
DIA. PINS TYP.
MIN.
ADJ. SLOT
2.36
(.093)
.79
(.031)
.64
(.025)
WIDE
X
X
DEEP
DIA.
Standard Resistance Table
Popular values listed in boldface. Special
resistances available.
How To Order
3006 P - 1 - 103 Z
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product
-7 = Transparent Housing
Resistance Code
Optional Suffix Letter
Z =
Panel Mount
(Factory Installed)
Consult factory for other available options.
Resistance
Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105
2,000,000
205
SHADED AREAS TYPICALLY NOT STOCKED BY
DISTRIBUTORS AND NOT RECOMMENDED FOR NEW
DESIGNS.
DIMENSIONS ARE:
METRIC
(INCHES)
TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED
*”FLUORINERT” IS A REGISTERED TRADEMARK OF 3M CO.


Similar Part No. - RJ22FX500

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RJ22FX500 BOURNS-RJ22FX500 Datasheet
3Mb / 86P
   3006 - Trimpot짰 Trimming Potentiometer
More results

Similar Description - RJ22FX500

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Bourns Electronic Solut...
4116R-001-332 BOURNS-4116R-001-332 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
logo
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
logo
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
logo
Bourns Electronic Solut...
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
List of Unclassifed Man...
26-249N12G ETC-26-249N12G Datasheet
564Kb / 2P
   SOCKET RECEPTACLES: PRODUCT SELECTION GUIDE
logo
Littelfuse
FC51FL LITTELFUSE-FC51FL Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com