Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BFC237251223 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # BFC237251223
Description  Metallized Polyester Film Capacitors MKT Radial Potted Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC237251223 Datasheet(HTML) 5 Page - Vishay Siliconix

  BFC237251223 Datasheet HTML 1Page - Vishay Siliconix BFC237251223 Datasheet HTML 2Page - Vishay Siliconix BFC237251223 Datasheet HTML 3Page - Vishay Siliconix BFC237251223 Datasheet HTML 4Page - Vishay Siliconix BFC237251223 Datasheet HTML 5Page - Vishay Siliconix BFC237251223 Datasheet HTML 6Page - Vishay Siliconix BFC237251223 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 28110
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 21-Nov-05
119
MKT 372
Metallized Polyester Film Capacitors
MKT Radial Potted Type
Vishay BCcomponents
MAXIMUM RMS VOLTAGE (SINEWAVE) AS A FUNCTION OF FREQUENCY
100
nF
220
nF
470
nF
Tamb
≤ 85 °C, 100 VDC
10
2
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
100
nF
220
nF
470
nF
85
°C < Tamb ≤ 105 °C, 100 VDC
10
2
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
100
nF
220
nF
47
nF
Tamb
≤ 85 °C, 250 VDC
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
10
2
100
nF
220
nF
47
nF
85
°C < Tamb ≤ 105 °C, 250 VDC
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
10
2
10
nF
22
nF
4.7
nF
Tamb
≤ 85 °C, 400 VDC
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
10
2
82
nF
10
nF
22
nF
4.7
nF
85
°C < Tamb ≤ 105 °C, 400 VDC
10
3
10
1
10
0
f (Hz)
10
1
10
2
10
3
10
4
10
5
10
2
82
nF


Similar Part No. - BFC237251223

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BFC237011104 VISHAY-BFC237011104 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
BFC237011105 VISHAY-BFC237011105 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
BFC237011124 VISHAY-BFC237011124 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
BFC237011125 VISHAY-BFC237011125 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
BFC237011154 VISHAY-BFC237011154 Datasheet
171Kb / 18P
   DC Film Capacitors MKT Radial Potted Type
Revision: 04-Aug-09
More results

Similar Description - BFC237251223

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKT372 VISHAY-MKT372 Datasheet
302Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
BTM510 VISHAY-BTM510 Datasheet
303Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
MKT373 VISHAY-MKT373 Datasheet
373Kb / 10P
   Metallized Polyester Film Capacitors MKT Radial Potted Type
Revision: 21-Nov-05
MKT470 VISHAY-MKT470 Datasheet
221Kb / 6P
   Metallizd Polyester Film Capacitors MKT Radial Potted Type
Revision: 07-Jul-05
MKT367 VISHAY-MKT367_08 Datasheet
308Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT467 VISHAY-MKT467 Datasheet
128Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 28-Feb-05
MKT368 VISHAY-MKT368 Datasheet
166Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
10-Sep-03
MKT468 VISHAY-MKT468 Datasheet
360Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT366 VISHAY-MKT366 Datasheet
295Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com