Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6705 Datasheet(PDF) 3 Page - API Technologies Corp

Part # 6705
Description  DC TO 18, 26.5 GHz, COAXIAL
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

6705 Datasheet(HTML) 3 Page - API Technologies Corp

  6705 Datasheet HTML 1Page - API Technologies Corp 6705 Datasheet HTML 2Page - API Technologies Corp 6705 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PRODUCT
PHASE SHIFTER
SPECIFICATION
DC TO 18, 26.5 GHz, COAXIAL
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
ORDERING INFORMATION
DRIVE SHAFT AND CONNECTOR OPTIONS:
1.
Only the following standard control options are available. The base model is available without additional options.
2.
Add suffix as designated below to the ordering model number.
MODEL # PLUS
DESCRIPTION
-1
Shaft Lock
-2
Turns Counter With Built In Shaft Lock
-4
Screw Driver Slot
-5
Control Knob
-14
Shaft Lock With Screw Driver Slot
-15
Shaft Lock With Control Knob
(-1) SHAFT LOCK
(-2) TURNS COUNTER W/ SHAFT LOCK
(-5) CONTROL KNOB
MISCELLANEOUS:
1.
Spectrum Microwave “Standard Warranty and Order Terms and Conditions” apply to all orders.
2.
All specifications subject to change without notice.
3.
Check “Ordering and Availability Listing” for delivery and ordering information.
4.
Contact our local Manufacturers Representative for pricing.
Specification Revision - 070710
MODEL 6805
D= 0.5” L=0.65


Similar Part No. - 6705

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
6705 FILTRONIC-6705 Datasheet
130Kb / 3P
   PHASE SHIFTER DC TO 18, 26.5 GHZ, COAXIAL
logo
Pomona Electronics
6705 POMONA-6705 Datasheet
35Kb / 1P
   Isolated BNC F/F Panel Connector for HDTV
logo
Bourns Electronic Solut...
6705-RC BOURNS-6705-RC Datasheet
94Kb / 1P
   High Current Toroid Inductors (with header)
logo
Alpha Wire
67050 ALPHAWIRE-67050 Datasheet
97Kb / 4P
   Customer Specification
2/23/2023
logo
Filtronic Compound Semi...
6705K FILTRONIC-6705K Datasheet
130Kb / 3P
   PHASE SHIFTER DC TO 18, 26.5 GHZ, COAXIAL
More results

Similar Description - 6705

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
6705K APITECH-6705K Datasheet
191Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6805 APITECH-6805 Datasheet
121Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
6605 APITECH-6605 Datasheet
190Kb / 3P
   DC TO 18, 26.5 GHz, COAXIAL
logo
Filtronic Compound Semi...
6605 FILTRONIC-6605 Datasheet
130Kb / 3P
   PHASE SHIFTER DC TO 18, 26.5 GHZ, COAXIAL
logo
Mini-Circuits
BLK-18 MINI-BLK-18 Datasheet
43Kb / 1P
   Coaxial DC Block 0.01 to 18 GHz
logo
Micronetics, Inc.
RFN25K MICRONETICS-RFN25K Datasheet
497Kb / 2P
   Fullband Microwave Noise Sources 18 GHz to 26.5 GHz
logo
CRYSTEK CORPORATION
CCK26.5-MM-190-30 CRYSTEKMICROWAVE-CCK26.5-MM-190-30 Datasheet
1Mb / 3P
   26.5 GHz Low Loss Coaxial Cables
logo
Mini-Circuits
CBL-SERIES MINI-CBL-SERIES Datasheet
236Kb / 3P
   Coaxial-Flex Test Cables 50??DC to 18 GHz
logo
API Technologies Corp
6709 APITECH-6709 Datasheet
73Kb / 2P
   DC TO 1 GHz, COAXIAL
logo
Pasternack Enterprises,...
PE9844 PASTERNACK-PE9844 Datasheet
279Kb / 2P
   WR-42 to SMA Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com