Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJ22FP201 Datasheet(PDF) 8 Page - Bourns Electronic Solutions

Part # RJ22FP201
Description  SMT Trimmers - Product Selection Guide
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RJ22FP201 Datasheet(HTML) 8 Page - Bourns Electronic Solutions

Back Button RJ22FP201 Datasheet HTML 4Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 5Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 6Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 7Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 8Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 9Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 10Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 11Page - Bourns Electronic Solutions RJ22FP201 Datasheet HTML 12Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
Specifications are subject to change without notice.
12
Electrical Characteristics
Standard Resistance Range
....................................10 to 2 megohm
(see standard resistance table)
Resistance Tolerance .............±10% std.
Absolute Minimum Resistance
.....................................1% or 2.0 ohms
(whichever is greater)
Contact Resistance Variation
...............................3% or 3 ohms max.
Resolution...................Essentially Infinite
Insulation Resistance ................500 vdc.
100 megohms min.
Dielectric Strength
Sea Level ..................600 vac (1minute)
Adjustment Angle ...............5 turns nom.
Environmental Characteristics
Power Rating (300 volts max.)
85°C .......................................0.25 watt
150°C ..........................................0 watt
Temperature Range ......-65°C to +150°C
Temperature Coefficient .....±100ppm/°C
Humidity ........MIL-STD 202 Method 106
TRS ±2%; IR 10 megohms
Vibration ..........20G TRS±1%; VRS ±1%
Shock ............100G TRS ±1%; VRS±1%
Load Life
..........@ 85°C rated power 1,000 hours
TRS 3 ohms or 3%
(whichever is greater)
Rotational Cycling..................200 cycles
TRS 3 ohms or 3%
(whichever is greater)
Thermal Shock ...........................5 cycles
TRS±2%; VRS±1%
Physical Characteristics
Mechanical Stop ...................Wiper idles
Torque ..............................180g-cm max.
Weight ................Approximately 0.01 oz.
Marking .................Manufacturer’s code,
resistance code and date code
Solderability ..............Per MIL-STD-202,
Method 208
Wiper ......................Set at 50% nominal
Flammability ..............................UL94V0
Pushover Strength ..2 Kilograms (4.4lbs)
Adjustment Tool ..............................H-91
3214G Side Adjust
5.2
(.205)
1.27
(.050)
2.3
(.091)
2.0
(.079)
1.27
(.050)
1
3
2
2.24
(.088)
4.8
(.189)
1.3
(.051)
0.80
(.031)
ADJUSTMENT SLOT
0.56
(.022)
1.52
(.060)
2.79
(.110)
1.17
(.046)
2.41
(.095)
4.57
(.180)
5.82
(.229)
0.2
.008
3.91
(.154)
0.61
(.024)
WIDE
TYP.
TYP.
SQ. 2 PLCS.
2 PLCS.
X
DEEP
.51
(.020)
DIA.
Features
s
Surface Mount 4mm Square / Multiturn
Cermet / Industrial / Sealed
s
Sealed to withstand board wash
processing
s
Pick and place centering design, with
flush adjustment
s
4mm design meets EIA/EIAJ/IPC/VRCI
SMD standard trimmer footprint
s
Top and side adjust styles
s
J-hook, and gull-wing
s
Patent #5047746 advanced drive/wiper
mechanism
3214W Top Adjust
5.1
(.201)
1.3
(.051)
2.54
(.100)
2.0
(.079)
2.9
(.114)
3
1
2
3.5
(.138)
3.9
(.154)
2.54
(.100)
2.6
(.102)
1.2
(.047)
1.52 DIA.
(.060)
4.8
(.189)
0.2
.008
1.0
(.039)
3 PLCS.
1.2
(.047)
5.3
(.209)
0.9
(.035)
1.3
(.051)
2 PLCS.
0.8
(.031)
2 PLCS.
1.6
(.063)
3 PLCS.
ADJUSTMENT SLOT
0.56
(.022)
WIDE
X
DEEP
.51
(.020)
1
3 CW
CLOCKWISE
CCW
2 WIPER
How To Order
3214 J - 1 - 502 E
Model
Style
Standard or Modified
Product Indicator
-1 = Standard Product - IR Reflow
* -2 = Wave Solderable
Resistance Code
Embossed Tape Designator
Style J, G: 500 pcs./7” reel (standard)
Style W:
250 pcs./7” reel (standard)
Consult factory for other available options.
* -2 has a treated stainless steel shaft
3214 - 5-Turn Trimming Potentiometer
DIMENSIONS ARE:
METRIC
(INCHES)
TOLERANCES: ± 0.25 (.010) EXCEPT WHERE NOTED
3214J Side Adjust
3
1
2
1.3
(.051)
4.0
(.157)
2.79
(.102)
4.57
(.180)
5.0
(.197)
3.7
(.146)
0.8
(.0031)
1.17
(.046)
2.4
(.095)
2.24
(.088)
4.8
(.189)
0.2
(.008)
0.80
(.031)
2 PLCS.
2.3
(.091)
1.27
(.050)
2 PLCS.
2.0
(.079)
2
(.078)
TYP.
1.2
(.047)
3 PLCS.
ADJUSTMENT SLOT
0.56
(.022)
WIDE
X
DEEP
.51
(.020)
1.52
(.060)
DIA.


Similar Part No. - RJ22FP201

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RJ22FP201 BOURNS-RJ22FP201 Datasheet
3Mb / 86P
   3006 - Trimpot짰 Trimming Potentiometer
More results

Similar Description - RJ22FP201

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3314J-1-503E BOURNS-3314J-1-503E Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Bourns Electronic Solut...
4116R-001-332 BOURNS-4116R-001-332 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
4116R-001-151 BOURNS-4116R-001-151 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
NXP Semiconductors
BTA312B-600CT NXP-BTA312B-600CT Datasheet
544Kb / 6P
   Bipolar Power Product Selection Guide
March 2011
logo
List of Unclassifed Man...
RGE300 ETC2-RGE300 Datasheet
112Kb / 11P
   Selection Guide and Product Data
logo
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
logo
Bourns Electronic Solut...
4608X-102-102 BOURNS-4608X-102-102 Datasheet
1Mb / 62P
   Resistor Networks Product Selection Guide
logo
List of Unclassifed Man...
26-249N12G ETC-26-249N12G Datasheet
564Kb / 2P
   SOCKET RECEPTACLES: PRODUCT SELECTION GUIDE
logo
Littelfuse
FC51FL LITTELFUSE-FC51FL Datasheet
2Mb / 26P
   Electronics Circuit Protection Product Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com