Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXOMHG Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CXOMHG
Description  High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CXOMHG Datasheet(HTML) 2 Page - STATEK CORPORATION

  CXOMHG Datasheet HTML 1Page - STATEK CORPORATION CXOMHG Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10160 Rev B
ABSOLUTE MAXIMUM RATINGS
Supply Voltage V
DD
-0.5V to 7.0V
Storage Temperature
-55
OC to +125OC
Maximum Process Temperature 260
OC fo 20 seconds
HOW TO ORDER CXOMHG SURFACE MOUNT CRYSTAL OSCILLATORS
CXOM
HG
S
T
SM3
32.0M,
100
/
100
/
/
I
Frequency
K = kHz
M = MHz
Enable/Disable
Option
E, T*, or N
Terminations
Blank = SM1
= Gold Plated
SM3 = Solder Dipped
SM5 = Solder Dipped
(Lead Free)
“S” if special or
custom design.
Blank if Std.
/
/
200
/
I
Temp. Range:
C= -10
OC to +70OC
I =-40OC to +85OC
M = -55
OC to +125OC
S = Customer Specified
Total
Frequency
Tolerance
(in ppm)
Temp. Range:
C= -10
OC to +70OC
I =-40OC to +85OC
M = -55
OC to +125OC
S = Customer Specified
Frequency
Stability over
Temp.Range
(in ppm)
Calibration
Tolerance
@ 25
0C
(in ppm)
OR
SPECIFICATIONS
Specifications are typical at 25
OC unless otherwise noted.
Specifications are subject to change without notice. Tighter
specifications available. Please contact factory.
Supply Voltage
1
5.0 V
Calibration Tolerance
2
100 ppm
Frequency Stability
50 ppm for Commercial
Over Temperature
3
100 ppm for Industrial
100 ppm for Military
Supply Current (Typical)
10 MHz
4 mA
24 MHz
8 mA
30 MHz
10 mA
40 MHz
12 mA
50 MHz
14 mA
Output Load (CMOS)
4
15 pF
Start-up Time
5 ms MAX
Rise/Fall Time
6 ns MAX
Duty Cycle
40% MIN, 60% MAX
Aging, first year
10 ppm MAX
Shock, survival
5
10,000 g, 0.3 ms, 1/2 sine
Vibration, survival
6
20 g, 10-2,000 Hz swept sine
Operating Temp Ranges -10
OC to +70OC
(Commercial)
-40
OC to +85OC
(Industrial)
-55
OC to +125OC (Military)
1. Other voltages available. For 3.3 V, see CXO3MHG data sheet. For others,
contact factory.
2. Other tolerances available.
3. Does not include calibration tolerance. Other tolerances available.
4. Higher CMOS loads and TTL loads available. Contact factory.
5. Higher shock version available. Contact factory for requirements above 10,000 g.
6. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing also
available.
Note: All parameters are measured at ambient temperature with a 10 M
Ω, 15 pF load.
PACKAGING OPTIONS
CXOMHG - Tray Pack
- 16 mm tape, 7˝or 13˝ reels
Per EIA 418 (see Tape and Reel data sheet 10109)
+
_
+
_
+
_
+
_
ET
When enabled (PIN 1 is high*)
Output
Freq. output
Freq. output
Oscillator
Oscillates
Oscillates
Current consumption
Normal
Normal
When disabled (PIN 1 is low)
Output
High Z state
High Z state
Oscillator
Stops
Oscillates
Current consumption
Very low
Lower than normal
When re-enabled (PIN 1 changes from low to high)
Output recovery
Delayed
Immediate
ENABLE/DISABLE OPTIONS (E/T/N)
Statek offers three enable/disable options: E, T, and N.
Both the E-version and T-version have Tri-State outputs
and differ in whether the oscillator continues to run
internally when the output is put into the high Z state: it
stops in the E-version and continues to run in the
T-version. So, the E-version offers very low current
consumption when the oscillator is disabled and the
T-version offers very fast output recovery when the
oscillator is re-enabled. The N-version does not have
PIN 1 connected internally and so has no enable/disable
capability. The following table compares the E and T
versions.
* When PIN 1 is allowed to float, it is held high by an internal pull-up resistor.
COMPARISON OF
ENABLE/DISABLE OPTIONS E AND T
HG =
10,000 g
*The T-version is not available in all frequencies. Contact factory.


Similar Part No. - CXOMHG

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXOMHG STATEK-CXOMHG Datasheet
67Kb / 2P
   High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator
logo
RSG Electronic Componen...
CXOMHGSE RSG-CXOMHGSE Datasheet
488Kb / 2P
   CXOMHG OSCILLATOR
CXOMHGSESM3 RSG-CXOMHGSESM3 Datasheet
488Kb / 2P
   CXOMHG OSCILLATOR
CXOMHGSESM5 RSG-CXOMHGSESM5 Datasheet
488Kb / 2P
   CXOMHG OSCILLATOR
CXOMHGSN RSG-CXOMHGSN Datasheet
488Kb / 2P
   CXOMHG OSCILLATOR
More results

Similar Description - CXOMHG

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CXOMHG STATEK-CXOMHG Datasheet
67Kb / 2P
   High Shock, Low Profile, Miniature Surface Mount Crystal Oscillator
HFXO STATEK-HFXO Datasheet
127Kb / 2P
   High Precision & High Shock, Low Profile Miniature Surface Mount Crystal Oscillator
CXO3MHG STATEK-CXO3MHG_12 Datasheet
298Kb / 2P
   High Shock, Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
CXO3MHG STATEK-CXO3MHG Datasheet
242Kb / 2P
   High Shock, Low-Profile Miniature Surface-Mount 3.3 V Crystal Oscillator
CX3HGSM STATEK-CX3HGSM_09 Datasheet
137Kb / 2P
   High Shock, Low Profile, Miniature Surface Mount AT Quartz Crystal
HGXO STATEK-HGXO Datasheet
87Kb / 2P
   High Shock Surface Mount Crystal Oscillator
CXOM STATEK-CXOM Datasheet
230Kb / 2P
   Low Profile Miniature Surface Mount Crystal Oscillator
CXO STATEK-CXO Datasheet
89Kb / 2P
   Low Profile Miniature Surface Mount Crystal Oscillator
CX4HGSM STATEK-CX4HGSM_12 Datasheet
80Kb / 2P
   High Shock, Ultra-Miniature, Low Profile Surface Mount AT Quartz Crystal
CX4HGSM STATEK-CX4HGSM Datasheet
65Kb / 2P
   High Shock, Ultra-Miniature, Low Profile Surface Mount AT Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com