Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP62S16256FU-70LLT Datasheet(PDF) 7 Page - AMIC Technology

Part # LP62S16256FU-70LLT
Description  256K X 16 BIT LOW VOLTAGE CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S16256FU-70LLT Datasheet(HTML) 7 Page - AMIC Technology

Back Button LP62S16256FU-70LLT Datasheet HTML 3Page - AMIC Technology LP62S16256FU-70LLT Datasheet HTML 4Page - AMIC Technology LP62S16256FU-70LLT Datasheet HTML 5Page - AMIC Technology LP62S16256FU-70LLT Datasheet HTML 6Page - AMIC Technology LP62S16256FU-70LLT Datasheet HTML 7Page - AMIC Technology LP62S16256FU-70LLT Datasheet HTML 8Page - AMIC Technology LP62S16256FU-70LLT Datasheet HTML 9Page - AMIC Technology LP62S16256FU-70LLT Datasheet HTML 10Page - AMIC Technology LP62S16256FU-70LLT Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LP62S16256F-T Series
PRELIMINARY
(August, 2001, Version 0.2)
7
AMIC Technology, Inc.
Timing Waveforms
Read Cycle 1
(1, 2, 4)
tRC
tOH
tAA
tOH
Address
DOUT
Read Cycle 2
(1, 2, 3)
tRC
tAA
Address
tACE
tCHZ5
CE
HB, LB
tBHZ5
OE
tCLZ5
tBE
tBLZ5
tOE
tOLZ5
tOHZ5
DOUT
Notes:
1. WE is high for Read Cycle.
2. Device is continuously enabled CE = VIL, HB = VIL and, or LB = VIL.
3. Address valid prior to or coincident with CE and ( HB and, or LB ) transition low.
4. OE = VIL.
5. Transition is measured
±500mV from steady state. This parameter is sampled and not 100% tested.


Similar Part No. - LP62S16256FU-70LLT

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S16256FU-70LLI AMICC-LP62S16256FU-70LLI Datasheet
208Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256FU-70LLIF AMICC-LP62S16256FU-70LLIF Datasheet
208Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - LP62S16256FU-70LLT

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S16256E-I AMICC-LP62S16256E-I Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256E-T AMICC-LP62S16256E-T Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316 AMICC-A62S8316 Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T_15 Datasheet
193Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-I AMICC-LP62S16256F-I_15 Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T Datasheet
164Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256G-I AMICC-LP62S16256G-I Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-I AMICC-LP62S16256F-I Datasheet
208Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-T AMICC-LP62S16256F-T_15 Datasheet
213Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256G-T AMICC-LP62S16256G-T Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com